Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4238 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4238
Description  Ultra-Low Offset/Drift, Low-Noise,Precision SOT23 Amplifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4238 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4238 Datasheet HTML 1Page - Maxim Integrated Products MAX4238 Datasheet HTML 2Page - Maxim Integrated Products MAX4238 Datasheet HTML 3Page - Maxim Integrated Products MAX4238 Datasheet HTML 4Page - Maxim Integrated Products MAX4238 Datasheet HTML 5Page - Maxim Integrated Products MAX4238 Datasheet HTML 6Page - Maxim Integrated Products MAX4238 Datasheet HTML 7Page - Maxim Integrated Products MAX4238 Datasheet HTML 8Page - Maxim Integrated Products MAX4238 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Ultra-Low Offset/Drift, Low-Noise,
Precision SOT23 Amplifiers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(2.7V
≤ VCC ≤ 5.5V, VCM = VGND = 0V, VOUT = VCC/2, RL = 10kΩ connected to VCC/2, SHDN = VCC, TA = +25°C,
unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX4238
1000
Maximum Closed-Loop Gain
RL = 10k , CL = 100pF,
phase margin = 60°
MAX4239
6700
V/V
0.1% (10 bit)
0.5
0.025% (12 bit)
1.0
0.006% (14 bit)
1.7
Settling Time
-1V step
0.0015% (16 bit)
2.3
ms
0.1% (10 bit)
3.3
0.025% (12 bit)
4.1
0.006% (14 bit)
4.9
Overload Recovery Time
AV = 10
(Note 4)
0.0015% (16 bit)
5.7
ms
0.1% (10 bit)
1.8
0.025% (12 bit)
2.6
0.006% (14 bit)
3.4
Startup Time
AV = 10
0.0015% (16 bit)
4.3
ms
Supply Voltage Range
VCC
Inferred by PSRR test
2.7
5.5
V
SHDN = VCC, no load, VCC = 5.5V
600
850
Supply Current
ICC
SHDN = GND, VCC = 5.5V
0.1
1
µA
Shutdown Logic-High
VIH
2.2
V
Shutdown Logic-Low
VIL
0.8
V
Shutdown Input Current
0V
V SHDN VCC
0.1
1
µA


Similar Part No. - MAX4238

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4238 MAXIM-MAX4238 Datasheet
363Kb / 10P
   Ultra-Low Offset/Drift, Low-Noise, Precision SOT23 Amplifiers
Rev 1; 12/02
MAX4238ASA MAXIM-MAX4238ASA Datasheet
363Kb / 10P
   Ultra-Low Offset/Drift, Low-Noise, Precision SOT23 Amplifiers
Rev 1; 12/02
MAX4238ASA++ MAXIM-MAX4238ASA+ Datasheet
1Mb / 11P
   Ultra-Low Offset/Drift, Low-Noise, Precision SOT23 Amplifiers
2020
MAX4238ASA+T MAXIM-MAX4238ASA+T Datasheet
1Mb / 11P
   Ultra-Low Offset/Drift, Low-Noise, Precision SOT23 Amplifiers
2020
MAX4238ATT++ MAXIM-MAX4238ATT+ Datasheet
1Mb / 11P
   Ultra-Low Offset/Drift, Low-Noise, Precision SOT23 Amplifiers
2020
More results

Similar Description - MAX4238

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4238 MAXIM-MAX4238 Datasheet
363Kb / 10P
   Ultra-Low Offset/Drift, Low-Noise, Precision SOT23 Amplifiers
Rev 1; 12/02
MAX4238 MAXIM-MAX4238_V01 Datasheet
1Mb / 11P
   Ultra-Low Offset/Drift, Low-Noise, Precision SOT23 Amplifiers
2020
MAX4208 MAXIM-MAX4208_09 Datasheet
222Kb / 17P
   Ultra-Low Offset/Drift, Precision Instrumentation Amplifiers with REF Buffer
Rev 1; 4/09
MAX4208 MAXIM-MAX4208 Datasheet
250Kb / 17P
   Ultra-Low Offset/Drift, Precision Instrumentation Amplifiers with REF Buffer
Rev 0; 9/07
MAX4208 MAXIM-MAX4208_V01 Datasheet
1Mb / 17P
   Ultra-Low Offset/Drift, Precision Instrumentation Amplifiers with REF Buffer
2015
logo
Texas Instruments
TLV376 TI1-TLV376 Datasheet
1Mb / 34P
[Old version datasheet]   TLVx376 Low Offset and Drift, Low-Noise, Precision Operational Amplifiers for Cost-Sensitive Systems
OPA27CZ TI-OPA27CZ Datasheet
956Kb / 22P
[Old version datasheet]   Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
OPA27FJ TI-OPA27FJ Datasheet
956Kb / 22P
[Old version datasheet]   Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA27 BURR-BROWN-OPA27 Datasheet
368Kb / 18P
   Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA37CJ TI1-OPA37CJ Datasheet
956Kb / 22P
[Old version datasheet]   Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com