Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ12SZ11 Datasheet(PDF) 5 Page - Sharp Corporation

Part # PQ12SZ11
Description  Low Power-Loss Voltage Regulators (Built-in Reverse Voltage Protection Function)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ12SZ11 Datasheet(HTML) 5 Page - Sharp Corporation

  PQ12SZ11 Datasheet HTML 1Page - Sharp Corporation PQ12SZ11 Datasheet HTML 2Page - Sharp Corporation PQ12SZ11 Datasheet HTML 3Page - Sharp Corporation PQ12SZ11 Datasheet HTML 4Page - Sharp Corporation PQ12SZ11 Datasheet HTML 5Page - Sharp Corporation PQ12SZ11 Datasheet HTML 6Page - Sharp Corporation PQ12SZ11 Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Low Power-Loss Voltage Regulators
PQ05SZ5/PQ05SZ1 Series
Input voltage VIN (V)
Tj=25˚C
RL=
RL=5
RL=10
123456789
10
0
10
20
30
0
5
10
15
20
0
10
20
Tj=25˚C
RL=
RL=20
RL=10
Input voltage VIN (V)
Fig.15 Circuit Operating Current vs. Input
Voltage (PQ05SZ1/PQ05SZ11)
Fig.17 Circuit Operating Current vs. Input
Voltage (PQ09SZ1/PQ09SZ11)
Fig.19 Circuit Operating Current vs. Input
Voltage (PQ12SZ1/PQ12SZ11)
Fig.18 Circuit Operating Current vs. Input
Voltage (PQ09SZ5/PQ09SZ51)
Fig.20 Circuit Operating Current vs. Input
Voltage (PQ12SZ5/PQ12SZ51)
Fig.16 Circuit Operating Current vs. Input
Voltage (PQ05SZ5/PQ05SZ51)
Input voltage VIN (V)
0
5
10
15
0
10
20
30
Tj=25˚C
RL=
RL=9
RL=18
Input voltage VIN (V)
0
5
10
15
20
0
10
20
Tj=25˚C
RL=
RL=36
RL=18
Input voltage VIN (V)
0
5
10
15
20
0
10
20
30
Tj=25˚C
RL=
RL=12
RL=24
Input voltage VIN (V)
0
5
10
15
20
0
10
20
Tj=25˚C
RL=
RL=48
RL=24


Similar Part No. - PQ12SZ11

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ120DNA1ZPH SHARP-PQ120DNA1ZPH Datasheet
172Kb / 6P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ120RDA1SZH SHARP-PQ120RDA1SZH Datasheet
204Kb / 7P
   TO-220 Type,1A Output Low Power-Loss Voltage Regulators
PQ120RDA2SZH SHARP-PQ120RDA2SZH Datasheet
175Kb / 6P
   TO-220 Type,2A Output Low Power-Loss Voltage Regulators
PQ12DZ11 SHARP-PQ12DZ11 Datasheet
19Kb / 2P
   0.5A/1.0A Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
PQ12DZ11 SHARP-PQ12DZ11 Datasheet
97Kb / 10P
   0.5A/1.0A Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
More results

Similar Description - PQ12SZ11

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ05RB11 SHARP-PQ05RB11 Datasheet
33Kb / 4P
   Low Power-Loss Voltage Regulators (Built-in Overheat Shut-Down Function)
PQ05RG1 SHARP-PQ05RG1 Datasheet
46Kb / 6P
   Low Power-Loss Voltage RegulatorsBuilt-in Reverse Voltage Protection Function Between Input and Output
PQ05RR1 SHARP-PQ05RR1 Datasheet
45Kb / 5P
   1A Output, Low Power-Loss Voltage Regulators(Built-in Reset Signal Generating Function)
PQ05RR12 SHARP-PQ05RR12 Datasheet
39Kb / 5P
   1A Output, Low Power-Loss Voltage Regulators(Built-in Reset Signal Generating Function)
PQ30RV1 SHARP-PQ30RV1_01 Datasheet
93Kb / 9P
   Low Power-Loss Voltage Regulators
logo
Panasonic Semiconductor
AN6545 PANASONIC-AN6545 Datasheet
27Kb / 3P
   Low Power Loss Voltage Regulators
logo
Sharp Corporation
PQ15RW11J00H SHARP-PQ15RW11J00H Datasheet
76Kb / 4P
   Low Power-Loss Voltage Regulators
PQ07VZ012Z SHARP-PQ07VZ012Z Datasheet
68Kb / 6P
   Low Power-Loss Voltage Regulators
logo
List of Unclassifed Man...
L1481T-5 ETC-L1481T-5 Datasheet
280Kb / 6P
   Low Power-Loss Voltage Regulators
logo
Sharp Corporation
PQ12RF2V SHARP-PQ12RF2V Datasheet
91Kb / 8P
   Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com