Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF4001 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # UF4001
Description  Ultrafast Switching Silicon Rectifier Diodes ??Ultraschnelle Silizium-Gleichrichterdioden
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

UF4001 Datasheet(HTML) 2 Page - Diotec Semiconductor

  UF4001 Datasheet HTML 1Page - Diotec Semiconductor UF4001 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UF4001 ... UF4007
Characteristics
Kennwerte
Type
Typ
Reverse recovery time
Sperrverzugszeit
Forward voltage
Durchlass-Spannung
trr [ns]1)
VF [V]
at / bei
IF = [A]
UF4001 ... UF4003
< 50
< 1.0
1
UF4004
< 50
< 1.25
1
UF4005 ... UF4007
< 75
< 1.7
1
Leakage current
Sperrstrom
Tj = 25°C
Tj = 100°C
VR = VRRM
VR = VRRM
IR
IR
< 10 µA
< 50 µA
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 45 K/W 2)
Thermal resistance junction to leads
Wärmewiderstand Sperrschicht – Anschlussdraht
RthL
< 15 K/W
1
IF = 0.5 A through/über IR = 1 A to/auf IR = 0.25 A
2
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlussdrähte in 10 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
2
http://www.diotec.com/
© Diotec Semiconductor AG
120
100
80
60
40
20
0
[%]
I
FAV
Rated forward current versus ambient temperature )
Zul. Richtstrom in Abh. von der Umgebungstemp. )
1
1
[°C]
T
A
150
100
50
0
[A]
I
F
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
[V]
V
F
10
1
0.1
10
10
-2
-3
UF4001...3
UF4004
UF4005...7
T = 25°C
j


Similar Part No. - UF4001

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
UF4001 EIC-UF4001 Datasheet
52Kb / 2P
   UTRAFAST EFFICIENT RECTIFIER DIODES
logo
Won-Top Electronics
UF4001 WTE-UF4001 Datasheet
49Kb / 3P
   1.0A ULTRAFAST RECOVERY RECTIFIER
logo
DIYI Electronic Technol...
UF4001 DYELEC-UF4001 Datasheet
968Kb / 2P
   1.0 AMP. Ultra Fast Rectifiers
logo
Leshan Radio Company
UF4001 LRC-UF4001 Datasheet
289Kb / 7P
   Ultrafast Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
List of Unclassifed Man...
UF4001 ETC1-UF4001 Datasheet
206Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
More results

Similar Description - UF4001

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
UF600A DIOTEC-UF600A_12 Datasheet
96Kb / 2P
   Ultrafast Switching Silicon Rectifier Diodes - Ultraschnelle Silizium-Gleichrichterdioden
UF5400 DIOTEC-UF5400_10 Datasheet
95Kb / 2P
   Ultrafast Switching Silicon Rectifier Diodes - Ultraschnelle Silizium-Gleichrichterdioden
1N5391 DIOTEC-1N5391_09 Datasheet
95Kb / 2P
   Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
P2500T DIOTEC-P2500T_13 Datasheet
105Kb / 2P
   Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
1N5400 DIOTEC-1N5400_13 Datasheet
97Kb / 2P
   Silicon Rectifier Diodes . Silizium-Gleichrichterdioden
P600A DIOTEC-P600A_11 Datasheet
97Kb / 2P
   Silicon Rectifier Diodes - Silizium-Gleichrichterdioden
PX1500A DIOTEC-PX1500A Datasheet
98Kb / 2P
   Silicon Rectifier Diodes - Silizium-Gleichrichterdioden
1N4001 DIOTEC-1N4001_09 Datasheet
96Kb / 2P
   Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
BYW27-50 DIOTEC-BYW27-50_09 Datasheet
96Kb / 2P
   Silicon Rectifier Diodes - Silizium-Gleichrichterdioden
1N5059 DIOTEC-1N5059_14 Datasheet
96Kb / 2P
   Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com