Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4210E Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4210E
Description  MAX4210E Evaluation Kit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4210E Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4210E Datasheet HTML 1Page - Maxim Integrated Products MAX4210E Datasheet HTML 2Page - Maxim Integrated Products MAX4210E Datasheet HTML 3Page - Maxim Integrated Products MAX4210E Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
4) Set the electronic load to sink 10A.
5) Connect the electronic load’s positive terminal to the
LOAD pad. The load’s ground should be connected
to the GND pad closest to POUT.
6) Connect the positive terminal of the 5V supply to the
VCC pad, and then connect the negative terminal of
the supply to the GND pad closest to VCC.
7) Turn on and set the 10V power supply (VSOURCE) to
10V and then activate the electronic load.
8) Turn on the 5V power supply and verify that the out-
put voltage POUT = 1.0V.
Detailed Description
The MAX4210E EV kit is a power monitor that uses high-
side current sensing to measure load current and pro-
vides two options for applying source voltage through an
external voltage-divider or as a direct voltage input. When
using the latter option, the source voltage may still need
to be divided down by some means to ensure that the
voltage applied to the IN input of the MAX4210 does not
exceed 1V. The full-scale load current is set at 10A and
the source voltage is allowed to swing between 10V and
20V. The EV kit monitors up to 100W of power, which is
being delivered to the load by the source voltage.
Applying the Source Voltage
Jumper JU1 determines how the source voltage is to be
applied. Place the shunt across pins 1 and 2 of jumper
JU1 to use a divided-down source voltage. The external
resistor-divider formed by R2 and R3 provides the volt-
age division. The second option is to shunt JU1 across
pins 2 and 3, allowing the voltage applied to the VIN pad
to be used directly. In either configuration, care must be
taken not to apply a voltage greater than 1V to the IN
input of the MAX4210E. The source voltage should not
exceed 28V, the full-scale input voltage of the
MAX4210E. Applying any voltages that exceed the EV
kit’s full-scale ratings results in output voltages that are
not proportional to the power being delivered to the load.
The EV kit is shipped with the shunt placed across pins 1
and 2 of jumper JU1. See Table 1 for JU1 function.
Measuring the Load Current
The load current is measured as a voltage drop,
VSENSE, across an external sense resistor. To ensure
proper load current measurements, the sense resistor
must be chosen so that its voltage drop reaches the
recommended full-scale sense voltage of the IC. The
full-scale sense voltage should be reached when the
full-scale load current is being supplied to the load. The
external sense resistor R1 is determined by setting the
full-scale load current and selecting a full-scale sense
voltage of 100mV to 150mV:
The MAX4210E EV kit, which is assembled with the
MAX4210E, supports a full-scale sense voltage drop of
100mV, and supports a 10A full-scale load current. This
arrangement results in the use of a 10m
Ω sense resistor
on the MAX4210E EV kit. For different full-scale sense
voltage and full-scale load current arrangements, the
equation above can be used to determine the appropri-
ate sense resistor value. The full-scale sense voltages of
alternate MAX4210 versions can be found in Table 2 of
the MAX4210/MAX4211 data sheet.
Output Power
The output voltage provided at POUT is proportional to
the power being delivered to the load:
VPOUT
∝ PDELIVERED = VSOURCE x ILOAD
The voltage measured at POUT is the result of measuring
load current and source voltage and taking their product.
The load current is measured as a voltage drop, VSENSE,
across the current-sense resistor and a divided-down
voltage, VIN, is taken as the source voltage measure-
ment. The equation relating VPOUT to the load current
and source voltage measurements is given below:
VPOUT = GP x VSENSE x VIN
where GP is power gain and equals 25 (1/V):
Refer to Table 2 in the MAX4210/MAX4211 data sheet for
the power-gain factor of different MAX4210 versions.
VV
R
RR
IN
SOURCE
=
+


3
32
R
V
I
SENSE FULL SCALE
LOAD FULL SCALE
1
=
_
_
MAX4210E Evaluation Kit
2
_______________________________________________________________________________________
Table 1. JU1 Function
SHUNT
LOCATION
IN PIN
1–2 (default)
Connected to an external resistor-divider
2–3
Connected to the VIN pad


Similar Part No. - MAX4210E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4210 MAXIM-MAX4210 Datasheet
620Kb / 32P
   High-Side Power and Current Monitors
Rev 0; 6/04
MAX4210 MAXIM-MAX4210 Datasheet
676Kb / 32P
   High-Side Power and Current Monitors
Rev 1; 5/05
MAX4210-MAX4211 MAXIM-MAX4210-MAX4211 Datasheet
620Kb / 32P
   High-Side Power and Current Monitors
Rev 0; 6/04
MAX4210AETT MAXIM-MAX4210AETT Datasheet
620Kb / 32P
   High-Side Power and Current Monitors
Rev 0; 6/04
MAX4210AETT-T MAXIM-MAX4210AETT-T Datasheet
676Kb / 32P
   High-Side Power and Current Monitors
Rev 1; 5/05
More results

Similar Description - MAX4210E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com