Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM4005Q Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # SM4005Q
Description  Surface Mount Si-Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SM4005Q Datasheet(HTML) 2 Page - Diotec Semiconductor

  SM4005Q Datasheet HTML 1Page - Diotec Semiconductor SM4005Q Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SM4001Q ... SM4007Q, SM513Q, SM516Q, SM518Q
Maximum ratings
Grenzwerte
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
40/44 A 1)
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
8 A2s
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+175°C
-50...+175°C
Characteristics
Kennwerte
Forward voltage
Durchlass-Spannung
Tj = 25°C
IF = 1 A
VF
< 1.1 V
Leakage current
Sperrstrom
Tj = 25°C
Tj = 100°C
VR = VRRM
VR = VRRM
IR
IR
< 5 µA
< 50 µA
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 45 K/W 1)
Thermal resistance junction to terminal
Wärmewiderstand Sperrschicht − Anschluss
RthT
< 10 K/W
1
Mounted on P.C. board with 25 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG
120
100
80
60
40
20
0
[%]
I
FAV
Rated forward current vs. temp. of the terminals
in Abh. v. d. Temp. der Terminals
Zul. Richtstrom
[°C]
T
T
150
100
50
0
10
10
1
10
10
2
-1
-2
[A]
I
F
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
0.4
V
F
0.8
1.0
1.2
1.4
[V] 1.8
T = 25°C
j
T = 125°C
j
40a-(1a-1.1v)


Similar Part No. - SM4005Q

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SM4005Q DIOTEC-SM4005Q Datasheet
132Kb / 2P
   Surface Mount Si-Rectifiers
SM4005Q DIOTEC-SM4005Q Datasheet
104Kb / 2P
   Surface Mount Si-Rectifiers
SM4005Q DIOTEC-SM4005Q Datasheet
129Kb / 2P
   Surface Mount Si-Rectifiers
More results

Similar Description - SM4005Q

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SM5400 DIOTEC-SM5400_07 Datasheet
110Kb / 2P
   Surface Mount Si-Rectifiers
SM4001Q DIOTEC-SM4001Q_15 Datasheet
129Kb / 2P
   Surface Mount Si-Rectifiers
S3A DIOTEC-S3A_07 Datasheet
107Kb / 2P
   Surface Mount Si-Rectifiers
S1A DIOTEC-S1A Datasheet
165Kb / 2P
   Surface Mount Si-Rectifiers
S2A DIOTEC-S2A Datasheet
165Kb / 2P
   Surface Mount Si-Rectifiers
S3A DIOTEC-S3A Datasheet
166Kb / 2P
   Surface Mount Si-Rectifiers
GL1A DIOTEC-GL1A Datasheet
157Kb / 2P
   Surface Mount Si-Rectifiers
S5A DIOTEC-S5A Datasheet
107Kb / 2P
   Surface Mount Si-Rectifiers
GL34A DIOTEC-GL34A Datasheet
170Kb / 2P
   Surface Mount Si-Rectifiers
SM4001 DIOTEC-SM4001 Datasheet
164Kb / 2P
   Surface Mount Si-Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com