Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4194 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4194
Description  Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4194 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4194 Datasheet HTML 1Page - Maxim Integrated Products MAX4194 Datasheet HTML 2Page - Maxim Integrated Products MAX4194 Datasheet HTML 3Page - Maxim Integrated Products MAX4194 Datasheet HTML 4Page - Maxim Integrated Products MAX4194 Datasheet HTML 5Page - Maxim Integrated Products MAX4194 Datasheet HTML 6Page - Maxim Integrated Products MAX4194 Datasheet HTML 7Page - Maxim Integrated Products MAX4194 Datasheet HTML 8Page - Maxim Integrated Products MAX4194 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
General Description
The MAX4194 is a variable-gain precision instrumenta-
tion amplifier that combines Rail-to-Rail® single-supply
operation, outstanding precision specifications, and a
high gain bandwidth. This amplifier is also offered in
three fixed-gain versions: the MAX4195 (G = +1V/V), the
MAX4196 (G = +10V/V), and the MAX4197 (G =
+100V/V). The fixed-gain instrumentation amplifiers fea-
ture a shutdown function that reduces the quiescent
current to 8µA. A traditional three operational amplifier
configuration is used to achieve maximum DC precision.
The MAX4194–MAX4197 have rail-to-rail outputs and
inputs that can swing to 200mV below the negative rail
and to within 1.1V of the positive rail. All parts draw only
93µA and operate from a single +2.7V to +7.5V supply
or from dual ±1.35V to ±3.75V supplies. These amplifiers
are offered in 8-pin SO packages and are specified for
the extended temperature range (-40°C to +85°C).
See the MAX4198/MAX4199 data sheet for single-supply,
precision differential amplifiers.
Applications
Medical Equipment
Thermocouple Amplifier
4–20mA Loop Transmitters
Data-Acquisition Systems
Battery-Powered/Portable Equipment
Transducer Interface
Bridge Amplifier
Features
o +2.7V Single-Supply Operation
o Low Power Consumption
93µA Supply Current
8µA Shutdown Current
(MAX4195/MAX4196/MAX4197)
o High Common-Mode Rejection: 115dB (G = +10V/V)
o Input Common-Mode Range Extends 200mV
Below GND
o Low 50µV Input Offset Voltage (G ≥ +100V/V)
o Low ±0.01% Gain Error (G = +1V/V)
o 250kHz -3dB Bandwidth (G = +1V/V, MAX4194)
o Rail-to-Rail Outputs
Micropower, Single-Supply, Rail-to-Rail,
Precision Instrumentation Amplifiers
________________________________________________________________ Maxim Integrated Products
1
OUT
REF
VEE
1
2
8
7
RG+
VCC
IN-
IN+
RG-
SO
TOP VIEW
3
4
6
5
MAX4194
OUT
FB
VEE
1
2
8
7
SHDN
VCC
IN-
IN+
REF
SO
3
4
6
5
MAX4195
MAX4196
MAX4197
19-1468; Rev 1; 6/03
PART
MAX4194ESA
MAX4195ESA
MAX4196ESA
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
TEMP RANGE
PIN-PACKAGE
8 SO
8 SO
8 SO
Pin Configurations
Ordering Information
MAX4197ESA
-40°C to +85°C
8 SO
PART
MAX4194
MAX4195
MAX4196
Yes
Yes
No
SHUTDOWN
GAIN (V/V)
Variable
+1
+10
MAX4197
Yes
+100
Selector Guide
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
CMRR (dB)
95 (G = +1V/V)
95
115
115
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX4194

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4194 MAXIM-MAX4194 Datasheet
213Kb / 12P
   Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
Rev 0; 4/99
MAX4194ESA MAXIM-MAX4194ESA Datasheet
213Kb / 12P
   Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
Rev 0; 4/99
MAX4194ESA MAXIM-MAX4194ESA Datasheet
362Kb / 13P
   Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
2015
MAX4194 MAXIM-MAX4194_V01 Datasheet
362Kb / 13P
   Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
2015
More results

Similar Description - MAX4194

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4194 MAXIM-MAX4194_V01 Datasheet
362Kb / 13P
   Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
2015
MAX4194 MAXIM-MAX4194 Datasheet
213Kb / 12P
   Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
Rev 0; 4/99
logo
Linear Technology
LT1789-1 LINER-LT1789-1 Datasheet
510Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-1 LINER-LT1789-1_1 Datasheet
332Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-10 LINER-LT1789-10_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-1 LINER-LT1789-1_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8170 INTERSIL-EL8170 Datasheet
613Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170FSZ-T7 INTERSIL-EL8170FSZ-T7 Datasheet
700Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
October 15, 2013
logo
Renesas Technology Corp
EL8171 RENESAS-EL8171 Datasheet
931Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8171 INTERSIL-EL8171_07 Datasheet
642Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com