Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3665EUA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3665EUA
Description  622Mbps, Ultra-Low-Power, 3.3V Transimpedance Preamplifier for SDH/SONET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3665EUA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3665EUA Datasheet HTML 2Page - Maxim Integrated Products MAX3665EUA Datasheet HTML 3Page - Maxim Integrated Products MAX3665EUA Datasheet HTML 4Page - Maxim Integrated Products MAX3665EUA Datasheet HTML 5Page - Maxim Integrated Products MAX3665EUA Datasheet HTML 6Page - Maxim Integrated Products MAX3665EUA Datasheet HTML 7Page - Maxim Integrated Products MAX3665EUA Datasheet HTML 8Page - Maxim Integrated Products MAX3665EUA Datasheet HTML 9Page - Maxim Integrated Products MAX3665EUA Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
622Mbps, Ultra-Low-Power, 3.3V
Transimpedance Preamplifier for SDH/SONET
_______________________________________________________________________________________
9
___________________Pin Configuration ___________________Chip Topography
1
2
3
4
8
7
6
5
GND
OUT-
OUT+
GND
FILT
N.C.
IN
VCC
MAX3665
µMAX
TOP VIEW
TRANSISTOR COUNT: 443
SUBSTRATE CONNECTED TO GND
GND
IN
FILT
IN
VCC
OUT+
OUT-
GND
0.05"
(1.27mm)
0.03"
(0.76mm)


Similar Part No. - MAX3665EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3665EUA MAXIM-MAX3665EUA Datasheet
584Kb / 12P
   622Mbps, Ultra-Low-Power, 3.3V Transimpedance Preamplifier for SDH/SONET
19-1601; Rev 0; 1/00
More results

Similar Description - MAX3665EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3664 MAXIM-MAX3664 Datasheet
236Kb / 12P
   622Mbps, Ultra-Low-Power, 3.3V Transimpedance Preamplifier for SDH/SONET
19-0479; Rev 1; 7/97
MAX3665 MAXIM-MAX3665 Datasheet
584Kb / 12P
   622Mbps, Ultra-Low-Power, 3.3V Transimpedance Preamplifier for SDH/SONET
19-1601; Rev 0; 1/00
MAX3658 MAXIM-MAX3658 Datasheet
1Mb / 14P
   622Mbps, Low-Noise, High-Gain Transimpedance Preamplifier
19-3015; Rev 1; 5/04
MAX3658 MAXIM-MAX3658_V01 Datasheet
530Kb / 15P
   622Mbps, Low-Noise, High-Gain Transimpedance Preamplifier
19-3015; Rev 3; 2/07
MAX3667 MAXIM-MAX3667_V01 Datasheet
644Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
2003
MAX3668 MAXIM-MAX3668 Datasheet
435Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-4799; Rev 2; 2/00
logo
Vitesse Semiconductor C...
VSC7902 VITESSE-VSC7902 Datasheet
99Kb / 4P
   SONET/SDH Transimpedance Amplifier
logo
Maxim Integrated Produc...
MAX3667 MAXIM-MAX3667 Datasheet
138Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-1311; Rev 1; 3/98
MAX3668 MAXIM-MAX3668_05 Datasheet
871Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
Rev 4; 2/05
MAX3680 MAXIM-MAX3680_V01 Datasheet
123Kb / 8P
   3.3V, 622Mbps, SDH/SONET 1:8 Deserializer with TTL Outputs
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com