Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3543CTL+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3543CTL+
Description  Multiband Analog and Digital Television Tuner
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3543CTL+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3543CTL+ Datasheet HTML 1Page - Maxim Integrated Products MAX3543CTL+ Datasheet HTML 2Page - Maxim Integrated Products MAX3543CTL+ Datasheet HTML 3Page - Maxim Integrated Products MAX3543CTL+ Datasheet HTML 4Page - Maxim Integrated Products MAX3543CTL+ Datasheet HTML 5Page - Maxim Integrated Products MAX3543CTL+ Datasheet HTML 6Page - Maxim Integrated Products MAX3543CTL+ Datasheet HTML 7Page - Maxim Integrated Products MAX3543CTL+ Datasheet HTML 8Page - Maxim Integrated Products MAX3543CTL+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Multiband Analog and
Digital Television Tuner
2 ______________________________________________________________________________________
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
VCC to GND..........................................................-0.3V to +3.6V
RFINL, RFINH, IFIN+, IFIN-, DTVOUT+, DTVOUT-,
IFOUT1A, IFOUT1B, IFOUT2 ............... -0.3V to (VCC + 0.3V)
SDA, SCLK, IFAGC, RFVGA ................................-0.3V to +3.6V
Short-Circuit Protection: DTVOUT+, DTVOUT-,
IFOUT1A, IFOUT1B, IFOUT2.................................... Indefinite
RF Input Power.............................................................. +10dBm
Continuous Power Dissipation (TA = +70NC)
(derate 35.7mW/NC above +70NC) ............................2857mW
Operating Temperature Range............................. 0NC to +70NC
Junction Temperature .....................................................+150NC
Storage Temperature Range............................ -65NC to +165NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow) ......................................+260NC
DC ELECTRICAL CHARACTERISTICS
(MAX3543 Evaluation Kit, VCC = 3.1V to 3.5V, TA = 0NC to +70NC, registers set according to Table 1. Typical values are at VCC =
3.3V, TA = +25NC, unless otherwise noted.) (Note 1)
ABSOLUTE MAXIMUM RATINGS
AC ELECTRICAL CHARACTERISTICS
(MAX3543 Evaluation Kit, RF center frequency = 666MHz, IF center frequency = 36.15MHz, registers set according to Table 1,
fREF = 16MHz, VRFVGC = VIFVGC = 3.0V, VCC = 3.3V, TA = +25NC, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY VOLTAGE AND CURRENT
Supply Voltage
3.1
3.5
V
Supply Current
IF VGA enabled
225
270
mA
Standby (REF oscillator on) R08[7] = 1
5
RF and IF VGC Input
Bias Current
At 0.5V to 3.0V DC
-100 to
+100
F
A
RF and IF VGC Control Voltage
Maximum gain
3.0
V
RF and IF VGC Control Voltage
Minimum gain
0.5
V
SERIAL INTERFACE
Input Logic-Level Low
0.3 x
VCC
V
Input Logic-Level High
0.7 x
VCC
V
Output Logic-Level Low
3mA sink current
0.4
V
Output Logic-Level High
VCC -
0.5V
V
Maximum Clock Rate
400
kHz
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
OVERALL REQUIREMENTS (RF INPUT TO IF OUTPUT)
RFINL Operating
Frequency Range
Tunable frequency range
47
345
MHz
RFINH Operating
Frequency Range
Tunable frequency range
345
862
MHz
Maximum Voltage
Gain to IFOUT1
DVB-T mode (see Table 1)
50
dB


Similar Part No. - MAX3543CTL+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3543EVKIT MAXIM-MAX3543EVKIT Datasheet
1Mb / 11P
   All Critical Peripheral Components Included
Rev 0; 5/10
MAX3543EVKIT++ MAXIM-MAX3543EVKIT+ Datasheet
1Mb / 11P
   All Critical Peripheral Components Included
Rev 0; 5/10
More results

Similar Description - MAX3543CTL+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3544 MAXIM-MAX3544 Datasheet
1Mb / 20P
   Multiband Digital Television Tuner
Rev 0; 7/10
logo
Silicon Laboratories
SI2157 SILABS-SI2157 Datasheet
56Kb / 2P
   Worldwide Digital and Analog TV Tuner
logo
Skyworks Solutions Inc.
SI2151 SKYWORKS-SI2151 Datasheet
196Kb / 2P
   Worldwide Digital and Analog TV Tuner
August 22, 2021
logo
Silicon Laboratories
SI2158 SILABS-SI2158 Datasheet
122Kb / 2P
   Worldwide Digital and Analog TV Tuner
SI2151 SILABS-SI2151 Datasheet
208Kb / 2P
   Worldwide Digital and Analog TV Tuner
logo
Skyworks Solutions Inc.
SI2177 SKYWORKS-SI2177 Datasheet
208Kb / 2P
   Worldwide Digital and Analog TV Tuner with Analog Demodulator
August 22, 2021
logo
Silicon Laboratories
SI2177 SILABS-SI2177 Datasheet
61Kb / 2P
   Worldwide Digital and Analog TV Tuner with Analog Demodulator
SI2178 SILABS-SI2178 Datasheet
117Kb / 2P
   Worldwide Digital and Analog TV Tuner with Analog Demodulator
logo
List of Unclassifed Man...
UV1315 ETC1-UV1315 Datasheet
951Kb / 14P
   VHF/UHF television tuner
logo
Maxim Integrated Produc...
MAX3540 MAXIM-MAX3540 Datasheet
262Kb / 16P
   Complete Single-Conversion Television Tuner
Rev 0; 10/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com