Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGL34-90 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # SGL34-90
Description  Surface Mount Schottky Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SGL34-90 Datasheet(HTML) 2 Page - Diotec Semiconductor

  SGL34-90 Datasheet HTML 1Page - Diotec Semiconductor SGL34-90 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SGL34-20 ... SGL34-100
Characteristics
Kennwerte
Leakage current
Sperrstrom
Tj = 25°C
Tj = 100°C
VR = VRRM
VR = VRRM
IR
IR
< 0.5 mA
< 5.0 mA
Junction Capacitance
Sperrschichtkapazität
VR = 6 V
f = 1 MHz
Cj
30 pF
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 150 K/W 1)
Thermal resistance junction to terminal
Wärmewiderstand Sperrschicht − Anschluss
RthT
< 70 K/W
1
Mounted on P.C. board with 25 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG
120
100
80
60
40
20
0
[%]
I
FAV
Rated forward current versus ambient temperature )
Zul. Richtstrom in Abh. von der Umgebungstemp. )
1
1
[°C]
T
A
150
100
50
0
[A]
I
F
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
0
V
F
0.4
0.6
[V]
1.0
10
10
1
10
10
2
-1
-2
SGL34-90...100
SGL34-50...60
SGL34-20...40
T = 25°C
j


Similar Part No. - SGL34-90

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SGL34-90 DIOTEC-SGL34-90 Datasheet
187Kb / 2P
   Surface Mount Schottky-Rectifiers
logo
Semikron International
SGL34-90 SEMIKRON-SGL34-90 Datasheet
138Kb / 2P
   Schottky barrier rectifiers diodes
logo
Diotec Semiconductor
SGL34-90 DIOTEC-SGL34-90 Datasheet
103Kb / 2P
   Surface Mount Schottky Rectifiers
logo
Semikron International
SGL34-90 SEMIKRON-SGL34-90 Datasheet
142Kb / 2P
   Schottky barrier rectifiers diodes
logo
Diotec Semiconductor
SGL34-90 DIOTEC-SGL34-90 Datasheet
139Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
More results

Similar Description - SGL34-90

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SK12 DIOTEC-SK12_14 Datasheet
119Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK52 DIOTEC-SK52_14 Datasheet
112Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK82 DIOTEC-SK82_14 Datasheet
113Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK32SMA DIOTEC-SK32SMA_11 Datasheet
120Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK420 DIOTEC-SK420 Datasheet
109Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK32SMA DIOTEC-SK32SMA_13 Datasheet
121Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK310SMB DIOTEC-SK310SMB Datasheet
97Kb / 2P
   Surface Mount Schottky Rectifier Diodes
PPS1520 DIOTEC-PPS1520 Datasheet
150Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK12 DIOTEC-SK12_13 Datasheet
119Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK420 DIOTEC-SK420_14 Datasheet
105Kb / 2P
   Surface Mount Schottky Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com