Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3542 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3542
Description  Evaluation Kits
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3542 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3542 Datasheet HTML 1Page - Maxim Integrated Products MAX3542 Datasheet HTML 2Page - Maxim Integrated Products MAX3542 Datasheet HTML 3Page - Maxim Integrated Products MAX3542 Datasheet HTML 4Page - Maxim Integrated Products MAX3542 Datasheet HTML 5Page - Maxim Integrated Products MAX3542 Datasheet HTML 6Page - Maxim Integrated Products MAX3542 Datasheet HTML 7Page - Maxim Integrated Products MAX3542 Datasheet HTML 8Page - Maxim Integrated Products MAX3542 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
7)
Install and run the MAX3541/MAX3542 control
software. Software is available for download at
www.maxim-ic.com/evkitssoftware.
8)
Load the default register settings from the control
software by clicking Edit: Load Defaults.
9)
Connect the SMA connector labeled IF_OUT on
the evaluation board to a spectrum analyzer or to
an oscilloscope.
10) Enable the RF signal generator’s output.
11) Set the center frequency to the IF frequency set on
the control software. Check the output.
Gain Adjustment Calculations
Add an additional 6dB to the voltage gain to account
for the 2:1 transformer on the output. Add another
3.96dB to the voltage gain to account for the minimum
loss pad (R10 and R11) on the input. When measuring
noise figure, account for 5.7dB power loss of the mini-
mum loss pad.
A 36MHz IF anti-aliasing filter is provided on the EV kits
(C9, C12, C21, C25, C28, C29, C31, C35, L3, L9, L10,
and L11). Anti-aliasing filter requirements vary depend-
ing on applications; users should consult their demodu-
lator vendors for more specific information.
Layout Considerations
The MAX3541/MAX3542 EV kits serve as a guide for
PCB layout. Keep RF signal lines as short as possible
to minimize losses and radiation. Use controlled imped-
ance on all high-frequency traces. The exposed pad
must be soldered evenly to the board’s ground plane
for proper operation. Use abundant vias beneath the
exposed pad for maximum heat dissipation. Use abun-
dant ground vias between RF traces to minimize unde-
sired coupling.
To minimize coupling between different sections of the
IC, the ideal power-supply layout is a star configuration,
which has a large decoupling capacitor at the central
VCC node. The VCC traces branch out from this node,
with each trace going to separate VCC pins of the
MAX3541/MAX3542. Each VCC pin must have a bypass
capacitor with low impedance to ground at the frequen-
cy of interest. Do not share ground vias among multiple
connections to the PCB ground plane.
MAX3541/MAX3542 Evaluation Kits
4
_______________________________________________________________________________________


Similar Part No. - MAX3542

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3542 MAXIM-MAX3542 Datasheet
366Kb / 20P
   Complete Single-Conversion Television Tuner
Rev 1; 1/10
MAX3542 MAXIM-MAX3542 Datasheet
353Kb / 20P
   Complete Single-Conversion Television Tuner Low Noise Figure: 4.9dB (typ)
Rev 2; 4/11
MAX3542CLM MAXIM-MAX3542CLM Datasheet
353Kb / 20P
   Complete Single-Conversion Television Tuner Low Noise Figure: 4.9dB (typ)
Rev 2; 4/11
MAX3542CLM++ MAXIM-MAX3542CLM+ Datasheet
366Kb / 20P
   Complete Single-Conversion Television Tuner
Rev 1; 1/10
MAX3542 MAXIM-MAX3542_11 Datasheet
353Kb / 20P
   Complete Single-Conversion Television Tuner Low Noise Figure: 4.9dB (typ)
Rev 2; 4/11
More results

Similar Description - MAX3542

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2387 MAXIM-MAX2387 Datasheet
278Kb / 6P
   Evaluation Kits
Rev 1; 5/01
MAX2560 MAXIM-MAX2560 Datasheet
1Mb / 22P
   Evaluation Kits
Rev 0; 7/04
MAX2361 MAXIM-MAX2361 Datasheet
906Kb / 13P
   Evaluation Kits
Rev 2; 5/01
MAX2643EVKIT MAXIM-MAX2643EVKIT Datasheet
135Kb / 4P
    Evaluation Kits
Rev 0; 4/00
MAX2430 MAXIM-MAX2430_1 Datasheet
125Kb / 6P
   Evaluation Kits
Rev 2; 1/98
MAX17300 MAXIM-MAX17300 Datasheet
9Mb / 41P
   Evaluation Kits
Rev 4; 3/21
MAX32650-EVKIT MAXIM-MAX32650-EVKIT Datasheet
1Mb / 16P
   Evaluation Kits
Rev 8; 4/21
logo
Linx Technologies
EVAL-916-SC-P LINX-EVAL-916-SC-P Datasheet
89Kb / 1P
   EVALUATION/DEVELOPMENT KITS
logo
Maxim Integrated Produc...
MAX2118EVKIT MAXIM-MAX2118EVKIT Datasheet
402Kb / 7P
   MAX2116 Evaluation Kits
Rev 0; 7/02
logo
ATMEL Corporation
ATSAM3N-EK ATMEL-ATSAM3N-EK Datasheet
565Kb / 2P
   Atmel Evaluation Kits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com