Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3456E Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX3456E
Description  ±15kV ESD-Protected USB Transceivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3456E Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3456E Datasheet HTML 6Page - Maxim Integrated Products MAX3456E Datasheet HTML 7Page - Maxim Integrated Products MAX3456E Datasheet HTML 8Page - Maxim Integrated Products MAX3456E Datasheet HTML 9Page - Maxim Integrated Products MAX3456E Datasheet HTML 10Page - Maxim Integrated Products MAX3456E Datasheet HTML 11Page - Maxim Integrated Products MAX3456E Datasheet HTML 12Page - Maxim Integrated Products MAX3456E Datasheet HTML 13Page - Maxim Integrated Products MAX3456E Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
±15kV ESD-Protected USB Transceivers
10
______________________________________________________________________________________
Detailed Description
The MAX3453E–MAX3456E USB-compliant transceivers
convert single-ended or differential logic-level signals to
USB signals, and USB signals to single-ended or differ-
ential logic-level signals. The MAX3453E fully complies
with full-speed (12Mbps) operation under USB specifica-
tion 2.0. The MAX3454E–MAX3456E fully comply with
USB specification 1.1, and full-speed (12Mbps) and low-
speed (1.5Mbps) operation under USB specification 2.0.
The MAX3453E–MAX3456E operate with VL as low as
+1.65V, ensuring compatibility with low-voltage ASICs.
The MAX3453E–MAX3456E derive power from the USB
host (VBUS) or from a single-cell Li+ battery
(MAX3454E/MAX3456E) connected to VBUS or from a
+3.3V regulated supply connected to VBUS and VTRM.
The MAX3453E–MAX3456E meet the physical layer
specifications for logic-level supply voltages (VL) from
+1.65V to +3.6V. Integrated ±15kV ESD protection safe-
guards the D+ and D- USB I/O ports.
The MAX3453E/MAX3454E feature an enumerate func-
tion providing an internal 1.5k
Ω pullup resistor from D+
(MAX3453E/MAX3454E) or D- (MAX3454E only) to
VTRM. The enumerate function disconnects the 1.5k
pullup resistor, allowing the MAX3453E/MAX3454E to
simulate a bus disconnect while powered and connect-
ed to the USB cable. The MAX3453E/MAX3455E fea-
ture a bus-detect output (BD) that asserts high if VBUS
> +4V. BD asserts low if VBUS < +3.6V. The
MAX3455E/MAX3456E require external pullup resistors
from either D+ or D- to VTRM to utilize the appropriate
bus speed. The MAX3456E is pin-for-pin compatible
with the Micrel MIC2550A.
Applications Information
Power-Supply Configurations
Normal Operating Mode
Connect VL and VBUS to system power supplies (Table 1).
Connect VL to a +1.65V to +3.6V supply. Connect VBUS
to a +4.0V to +5.5V supply. Alternatively, the MAX3454E/
MAX3456E can derive power from a single Li+ battery.
Connect the battery to VBUS.
Additionally, the MAX3454E/MAX3456E can derive
power from a +3.3V ±10% voltage regulator. Connect
VBUS and VTRM to an external +3.3V voltage regulator.
VBUS no longer consumes current to power the internal
linear regulator in this configuration.
Table 1. Power-Supply Configurations
VBUS (V)
VTRM (V)
VL (V)
CONFIGURATION
NOTES
4.0 to 5.5
3.0 to 3.6 output
1.65 to 3.6
Normal mode
3.1 to 4.5
3.0 to 3.6 output
1.65 to 3.6
Battery supply
MAX3454E/MAX3456E
3.0 to 3.6
3.0 to 3.6 input
1.65 to 3.6
Voltage regulator supply
MAX3454E/MAX3456E
GND or floating
High-Z
1.65 to 3.6
Sharing mode
Table 2
3.0 to 5.5
High-Z
GND or floating
Disable mode
Table 2
*High impedance or low.
**High or low.
INPUTS/OUTPUTS
DISABLE MODE
SHARING MODE
VBUS/VTRM
+3.0V to +5.5V / High Impedance
• Floating or connected to GND
(MAX3453E/MAX3454E/MAX3456E) / High Impedance
• < 3.6V (MAX3453E/MAX3455E) / High Impedance
VL
Floating or connected to GND
1.65V to 3.6V input
D+ and D-
High impedance
High impedance
High impedance for OE = low
VP and VM
Invalid*
High for OE = high
RCV
Invalid*
Undefined**
SPD (MAX3454E–MAX3456E),
SUS, OE, ENUM
(MAX3453E/MAX3454E)
High impedance
High impedance
BD (MAX3453E/MAX3455E)
Invalid*
Low
Table 2. Disable-Mode and Sharing-Mode Connections


Similar Part No. - MAX3456E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3456EETE MAXIM-MAX3456EETE Datasheet
366Kb / 19P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 10/03
MAX3456EEUD MAXIM-MAX3456EEUD Datasheet
366Kb / 19P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 10/03
More results

Similar Description - MAX3456E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3450E MAXIM-MAX3450E_08 Datasheet
210Kb / 14P
   ±15kV ESD-Protected USB Transceivers
Rev 2; 10/08
MAX13481E MAXIM-MAX13481E Datasheet
289Kb / 19P
   ±15kV ESD-Protected USB Transceivers with External/Internal Pullup Resistors
Rev 2; 1/06
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX3450E MAXIM-MAX3450E Datasheet
379Kb / 16P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 11/03
MAX3453E MAXIM-MAX3453E Datasheet
366Kb / 19P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 10/03
MAX232EEWE MAXIM-MAX232EEWE Datasheet
2Mb / 26P
   15,-15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
MAX3346E MAXIM-MAX3346E Datasheet
389Kb / 17P
   ±15kV ESD-Protected USB Transceiver in UCSP
Rev 0; 2/04
MAX3322E MAXIM-MAX3322E Datasheet
329Kb / 13P
   15kV ESD-Protected, RS-232 Transceivers for Multidrop Applications
Rev 1; 1/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com