Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3456EETE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3456EETE
Description  ±15kV ESD-Protected USB Transceivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3456EETE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3456EETE Datasheet HTML 1Page - Maxim Integrated Products MAX3456EETE Datasheet HTML 2Page - Maxim Integrated Products MAX3456EETE Datasheet HTML 3Page - Maxim Integrated Products MAX3456EETE Datasheet HTML 4Page - Maxim Integrated Products MAX3456EETE Datasheet HTML 5Page - Maxim Integrated Products MAX3456EETE Datasheet HTML 6Page - Maxim Integrated Products MAX3456EETE Datasheet HTML 7Page - Maxim Integrated Products MAX3456EETE Datasheet HTML 8Page - Maxim Integrated Products MAX3456EETE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
±15kV ESD-Protected USB Transceivers
4
_______________________________________________________________________________________
Note 1: Parameters are 100% production tested at +25
°C, unless otherwise noted. Limits over temperature are guaranteed by design.
Note 2: Guaranteed by design, not production tested.
Note 3: Production tested to +2.7V for VL < +3.0V.
Note 4: Including external 27
Ω series resistor.
TIMING CHARACTERISTICS
(VBUS = +4.0V to +5.5V or VTRM = +3.0V to +3.6V, VL = +1.65V to +3.6V, TA = TMIN to TMAX, unless otherwise noted. Typical values
are at VBUS = +5V, VL = +2.5V, and TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DRIVER CHARACTERISTICS (Full-Speed Mode, CL = 50pF)
Rise Time
tFR
10% to 90% of |VOHD - VOLD|, Figures 1, 6
4
20
ns
Fall Time
tFF
90% to 10% of |VOHD - VOLD|, Figures 1, 6
4
20
ns
Rise/Fall-Time Matching (Note 2)
tFR / tFF
Excluding the first transition from idle state,
Figures 1, 6
90
110
%
Output-Signal Crossover Voltage
(Note 2)
VCRS_F
Excluding the first transition from idle state,
Figures 2, 6
1.3
2.0
V
tPLH_DRV
Low-to-high transition, Figures 2, 6
18
Driver Propagation Delay
tPHL_DRV
High-to-low transition, Figures 2, 6
18
ns
tPHZ_DRV
High-to-off transition, Figure 3
20
ns
Driver Disable Delay
tPLZ_DRV
Low-to-off transition, Figure 3
20
ns
tPZH_DRV
Off-to-high transition, Figure 3
20
ns
Driver Enable Delay
tPZL_DRV
Off-to-low transition, Figure 3
20
ns
DRIVER CHARACTERISTICS (low-speed mode, CL = 200pF to 600pF, MAX3454E/MAX3455E/MAX3456E)
Rise Time
tLR
10% to 90% of |VOHD - VOLD|, Figures 1, 6
75
300
ns
Fall Time
tLF
90% to 10% of |VOHD - VOLD|, Figures 1, 6
75
300
ns
Rise/Fall-Time Matching
tLR / tLF
Excluding the first transition from idle state,
Figures 1, 6
80
125
%
Output-Signal Crossover Voltage
VCRS_L
Excluding the first transition from idle state,
Figures 2, 6
1.3
2.0
V
RECEIVER CHARACTERISTICS (CL = 15pF)
tPLH_RCV
Low-to-high transition, Figures 4, 6
22
Differential Receiver Propagation
Delay
tPHL_RCV
High-to-low transition, Figures 4, 6
22
ns
tPLH_SE
Low-to-high transition, Figures 4, 6
12
Single-Ended Receiver
Propagation Delay
tPHL_SE
High-to-low transition, Figures 4, 6
12
ns
tPHZ_SE
High-to-off transition, Figure 5
15
Single-Ended Receiver Disable
Delay
tPLZ_SE
Low-to-off transition, Figure 5
15
ns
tPZH_SE
Off-to-high transition, Figure 5
15
Single-Ended Receiver Enable
Delay
tPZL_SE
Off-to-low transition, Figure 5
15
ns


Similar Part No. - MAX3456EETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3456EETE MAXIM-MAX3456EETE Datasheet
366Kb / 19P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 10/03
More results

Similar Description - MAX3456EETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3450E MAXIM-MAX3450E_08 Datasheet
210Kb / 14P
   ±15kV ESD-Protected USB Transceivers
Rev 2; 10/08
MAX13481E MAXIM-MAX13481E Datasheet
289Kb / 19P
   ±15kV ESD-Protected USB Transceivers with External/Internal Pullup Resistors
Rev 2; 1/06
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX3450E MAXIM-MAX3450E Datasheet
379Kb / 16P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 11/03
MAX3453E MAXIM-MAX3453E Datasheet
366Kb / 19P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 10/03
MAX232EEWE MAXIM-MAX232EEWE Datasheet
2Mb / 26P
   15,-15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
MAX3346E MAXIM-MAX3346E Datasheet
389Kb / 17P
   ±15kV ESD-Protected USB Transceiver in UCSP
Rev 0; 2/04
MAX3322E MAXIM-MAX3322E Datasheet
329Kb / 13P
   15kV ESD-Protected, RS-232 Transceivers for Multidrop Applications
Rev 1; 1/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com