Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3456EEUD Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3456EEUD
Description  ±15kV ESD-Protected USB Transceivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3456EEUD Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3456EEUD Datasheet HTML 1Page - Maxim Integrated Products MAX3456EEUD Datasheet HTML 2Page - Maxim Integrated Products MAX3456EEUD Datasheet HTML 3Page - Maxim Integrated Products MAX3456EEUD Datasheet HTML 4Page - Maxim Integrated Products MAX3456EEUD Datasheet HTML 5Page - Maxim Integrated Products MAX3456EEUD Datasheet HTML 6Page - Maxim Integrated Products MAX3456EEUD Datasheet HTML 7Page - Maxim Integrated Products MAX3456EEUD Datasheet HTML 8Page - Maxim Integrated Products MAX3456EEUD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
±15kV ESD-Protected USB Transceivers
_______________________________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS (continued)
(VBUS = +4.0V to +5.5V or VTRM = +3.0V to +3.6V, VL = +1.65V to +3.6V, TA = TMIN to TMAX, unless otherwise noted. Typical values
are at VBUS = +5.0V, VL = +2.5V, and TA = +25
°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX3453E/MAX3455E, supply lost
3.6
MAX3453E/MAX3455E, supply present
4.0
MAX3454E/MAX3456E, supply lost
0.8
USB Power-Supply Detection
Threshold
VTH_VBUS
MAX3454E/MAX3456E, supply present
(Note 3)
3.6
V
MAX3453E/MAX3455E
40
USB Power-Supply Detection
Hysteresis
VHYST_VBUS
MAX3454E/MAX3456E
75
mV
VL Power-Supply Detection
Threshold
VTH_VL
0.85
V
DIGITAL INPUTS/OUTPUTS (VP, VM, RCV, SUS,
OE, SPD, BD, ENUM)
Input-Voltage Low
VIL
VM, VP, SUS, SPD, ENUM,
OE
0.3 x VL
V
Input-Voltage High
VIH
VM, VP, SUS, SPD, ENUM,
OE
0.7 x VL
V
Output-Voltage Low
VOL
VM, VP, RCV, BD, IOL = +2mA
0.4
V
Output-Voltage High
VOH
VM, VP, RCV, BD, IOH = -2mA
VL - 0.4
V
Input Leakage Current
ILKG
-1
+1
µA
Input Capacitance
CIN
Measured from input to GND
10
pF
ANALOG INPUTS/OUTPUTS (D+, D-)
Differential Input Sensitivity
VID
|VD+ - VD-|
0.2
V
Differential Common-Mode
Voltage
VCM
Includes VID range
0.8
2.5
V
Single-Ended Input Low Voltage
VILSE
0.8
V
Single-Ended Input High Voltage
VIHSE
2.0
V
Hysteresis
VHYST
250
mV
Output-Voltage Low
VOLD
RL = 1.5k
Ω to +3.6V
0.3
V
Output-Voltage High
VOHD
RL = 15k
Ω to GND
2.8
3.6
V
Off-State Leakage Current
ILZ
-1
+1
µA
Transceiver Capacitance
CIND
Measured from D_ to GND
20
pF
Driver Output Impedance
ZDRV
Steady-state drive
3.5
15.5
Input Impedance
ZIN
Driver off
10
M
Internal Pullup Resistance
RPULLUP
ILOAD = 500µA (MAX3453E/MAX3454E)
(Note 4)
1.425
1.575
k
ESD PROTECTION (D+, D-)
Human Body Model
±15
kV
IEC 61000-4-2 Contact Discharge
±8kV


Similar Part No. - MAX3456EEUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3456EEUD MAXIM-MAX3456EEUD Datasheet
366Kb / 19P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 10/03
More results

Similar Description - MAX3456EEUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3450E MAXIM-MAX3450E_08 Datasheet
210Kb / 14P
   ±15kV ESD-Protected USB Transceivers
Rev 2; 10/08
MAX13481E MAXIM-MAX13481E Datasheet
289Kb / 19P
   ±15kV ESD-Protected USB Transceivers with External/Internal Pullup Resistors
Rev 2; 1/06
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX3450E MAXIM-MAX3450E Datasheet
379Kb / 16P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 11/03
MAX3453E MAXIM-MAX3453E Datasheet
366Kb / 19P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 10/03
MAX232EEWE MAXIM-MAX232EEWE Datasheet
2Mb / 26P
   15,-15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
MAX3346E MAXIM-MAX3346E Datasheet
389Kb / 17P
   ±15kV ESD-Protected USB Transceiver in UCSP
Rev 0; 2/04
MAX3322E MAXIM-MAX3322E Datasheet
329Kb / 13P
   15kV ESD-Protected, RS-232 Transceivers for Multidrop Applications
Rev 1; 1/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com