Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3396EETP+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3396EETP+
Description  ±15kV ESD-Protected, High-Drive Current, Dual-/Quad-/ Octal-Level Translators with Speed-Up Circuitry
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3396EETP+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3396EETP+ Datasheet HTML 3Page - Maxim Integrated Products MAX3396EETP+ Datasheet HTML 4Page - Maxim Integrated Products MAX3396EETP+ Datasheet HTML 5Page - Maxim Integrated Products MAX3396EETP+ Datasheet HTML 6Page - Maxim Integrated Products MAX3396EETP+ Datasheet HTML 7Page - Maxim Integrated Products MAX3396EETP+ Datasheet HTML 8Page - Maxim Integrated Products MAX3396EETP+ Datasheet HTML 9Page - Maxim Integrated Products MAX3396EETP+ Datasheet HTML 10Page - Maxim Integrated Products MAX3396EETP+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Detailed Description
The MAX3394E/MAX3395E/MAX3396E bidirectional
level translators provide level shifting required for data
transfer in a multivoltage system. Internal slew-rate
enhancement circuitry features 10mA current-sink and
15mA current-source drivers to isolate capacitive loads
from lower current drivers. In open-drain systems, slew-
rate enhancement enables fast data rates with larger
pullup resistors and increased bus load capacitance.
Externally applied voltages, VCC and VL, set the logic-
high levels for the device. A logic-low signal on one I/O
side of the device appears as a logic-low signal on the
opposite I/O side and vice-versa. Each I/O line is pulled
up to VCC or VL by an internal pullup resistor, allowing
the devices to be driven by either push-pull or open-
drain drivers.
±15kV ESD-Protected, High-Drive Current, Dual-/Quad-/
Octal-Level Translators with Speed-Up Circuitry
_______________________________________________________________________________________
7
Pin Description
PIN
MAX3394E
MAX3395E
MAX3396E
TDFN
UCSP
TQFN
UCSP
TQFN
UCSP
NAME
FUNCTION
1
A1
11B1
14D3
VCC
VCC Supply Voltage +1.65V
≤ VCC ≤ +5.5V. Bypass
VCC to GND with a 0.1µF ceramic capacitor and a
1µF or greater ceramic capacitor as close to the
device as possible.
2
B1
6
B3
4
A4
EN
Enable Input. Drive EN logic high for normal
operation. Drive EN logic low to force all I/O lines to
a high-impedance state and disconnect internal
pullup resistors.
3
A2
10
C1
18
C1
I/O VCC1
I/O 1 Referred to VCC
4
A3
9
C2
16
D1
I/O VCC2
I/O 2 Referred to VCC
5
B3
5
B4
13
D4
GND
Ground
6
C3
2
A2
20
A1
I/O VL2
I/O 2 Referred to VL
7
C2
1
A1
19
B1
I/O VL1
I/O 1 Referred to VL
8
C1
12
B2
3
A3
VL
Logic Supply Voltage +1.2V
≤ VL ≤ VCC. Bypass VL
to GND with a 0.1µF or greater ceramic capacitor
as close to the device as possible.
3
A3
1
B2
I/O VL3
I/O 3 Referred to VL
4
A4
2
A2
I/O VL4
I/O 4 Referred to VL
7
C4
15
D2
I/O VCC4
I/O 4 Referred to VCC
8
C3
17
C2
I/O VCC3
I/O 3 Referred to VCC
12
C3
I/O VCC5
I/O 5 Referred to VCC
11
D5
I/O VCC6
I/O 6 Referred to VCC
10
C4
I/O VCC7
I/O 7 Referred to VCC
9
C5
I/O VCC8
I/O 8 Referred to VCC
5
B3
I/O VL5
I/O 5 Referred to VL
6
A5
I/O VL6
I/O 6 Referred to VL
7
B4
I/O VL7
I/O 7 Referred to VL
8
B5
I/O VL8
I/O 8 Referred to VL
EP
EP
EP
EP
Exposed Pad. Connect exposed pad to GND.


Similar Part No. - MAX3396EETP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX339 MAXIM-MAX339 Datasheet
533Kb / 25P
   짹15kV ESD-Protected, 1關A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
19-2328; Rev 3; 9/03
MAX339 MAXIM-MAX339 Datasheet
276Kb / 11P
   2.5V, 짹15kV ESD-Protected RS-232 Transceivers for PDAs and Cell Phones
19-1845; Rev 1; 9/01
MAX339 MAXIM-MAX339 Datasheet
155Kb / 13P
   8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
Rev 4; 4/12
MAX339 MAXIM-MAX339 Datasheet
1Mb / 13P
   8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
19-0272; Rev 6; 5/19
MAX3390E MAXIM-MAX3390E Datasheet
490Kb / 31P
   ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 2; 11/07
More results

Similar Description - MAX3396EETP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3372E MAXIM-MAX3372E_07 Datasheet
490Kb / 31P
   ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 2; 11/07
MAX3378EEBC MAXIM-MAX3378EEBC Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3376EEKA MAXIM-MAX3376EEKA Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3372E MAXIM-MAX3372E_14 Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3000E MAXIM-MAX3000E Datasheet
422Kb / 24P
   1.2V to 5.5V, ±15kV ESD-Protected, 0.1uA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
MAX3000E MAXIM-MAX3000E_08 Datasheet
216Kb / 25P
   1.2V to 5.5V, ±15kV ESD-Protected, 0.1μA,35Mbps, 8-Channel Level Translators
Rev 5; 8/08
logo
Intersil Corporation
ISL3034E INTERSIL-ISL3034E_09 Datasheet
207Kb / 2P
   Best-in-Class ESD Protected Level Translators
logo
Maxim Integrated Produc...
MAX6816 MAXIM-MAX6816_15 Datasheet
1Mb / 8P
   ±15kV ESD-Protected, Single/Dual/Octal, CMOS Switch Debouncers
Rev 4; 7/14
MAX3372E MAXIM-MAX3372E_V01 Datasheet
2Mb / 26P
   짹15kV ESD-Protected, 1關A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
2020
MAX3372E MAXIM-MAX3372E Datasheet
533Kb / 25P
   짹15kV ESD-Protected, 1關A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
19-2328; Rev 3; 9/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com