Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2903EGI Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX2903EGI
Description  200mW Single-Chip Transmitter ICs for 868MHz/915MHz ISM Bands
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2903EGI Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX2903EGI Datasheet HTML 5Page - Maxim Integrated Products MAX2903EGI Datasheet HTML 6Page - Maxim Integrated Products MAX2903EGI Datasheet HTML 7Page - Maxim Integrated Products MAX2903EGI Datasheet HTML 8Page - Maxim Integrated Products MAX2903EGI Datasheet HTML 9Page - Maxim Integrated Products MAX2903EGI Datasheet HTML 10Page - Maxim Integrated Products MAX2903EGI Datasheet HTML 11Page - Maxim Integrated Products MAX2903EGI Datasheet HTML 12Page - Maxim Integrated Products MAX2903EGI Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
200mW Single-Chip Transmitter ICs for
868MHz/915MHz ISM Bands
_______________________________________________________________________________________
9
Pin Description (continued)
PIN
MAX2900
MAX2901
MAX2903
MAX2902
MAX2904
NAME
PIN TYPE
FUNCTION
15
15
15
GND
Supply Pin
Ground
16, 17
16, 17
16, 17
RF-, RF+
RF Output
RF differential output, open-collector type
18
N.C.
Not Connected
18
GND
Supply Pin
Ground
18
D.C.
Do Not Connect
19
19
N.C.
Not Connected
19
DIVOUT
ECL Output
Divider output
20, 21
20, 21
VCO-, VCO+
Open Collector
RF
VCO output (differential)
20
D1
Digital Input
Channel selection bit 1
21
D0
Digital Input
Channel selection bit 0
22
22
22
OSC
Analog Input
Crystal oscillator connection. See Typical
Operating Circuit.
23
23
23
REFIN
Analog Voltage
Input
Reference input pin analog (can be used as
input or as crystal oscillator driver). See
Typical Operating Circuit.
24
24
VCC4
Supply Pin
Power-supply pin for the synthesizer circuits.
Bypass with a 1000pF capacitor to GND as
close to the part as possible.
24
VCC4
Supply Pin
Power-supply pin for the digital circuits.
Bypass with a 100pF capacitor to GND as
close to the part as possible.
25
25
25
REFOUT
Analog Output
Buffered clock analog output pin
26
D2
Digital Input
Channel selection bit 2
26
DIV63
Digital Input
Division ratio selections (division ratio = 62
when DIV63 = high; division
ratio = 63 when DIV63 = low).
26
N.C.
Not Connected
27
27
VCC5
Supply Pin
Power-supply pin for charge pump circuits.
Bypass with a 100pF capacitor to GND as
close to the part as possible.
27
VCC5
Supply Pin
Power-supply pin. Bypass with a 100pF
capacitor to GND as close to the part as
possible.
28
28
CPOUT
Analog Output
Charge pump output pin
28
D.C.
Do Not Connect
GROUND
GROUND
GROUND
GROUND
Electrical
Ground
Back side of package is connected to
ground.


Similar Part No. - MAX2903EGI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2903EGI MAXIM-MAX2903EGI Datasheet
822Kb / 18P
   200mW Single-Chip Transmitter ICs for 868MHz/915MHz ISM Bands
Rev 1; 8/03
More results

Similar Description - MAX2903EGI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2900 MAXIM-MAX2900_V01 Datasheet
378Kb / 17P
   200mW Single-Chip Transmitter ICs for 868MHz/915MHz ISM Bands
2012
MAX2900 MAXIM-MAX2900 Datasheet
822Kb / 18P
   200mW Single-Chip Transmitter ICs for 868MHz/915MHz ISM Bands
Rev 1; 8/03
logo
Maxtena Inc.
MEA-868-915-SMA MAXTENA-MEA-868-915-SMA Datasheet
1Mb / 3P
   868MHz-915MHz ISM band antenna
REV A
logo
Micrel Semiconductor
MICRF505 MICREL-MICRF505 Datasheet
261Kb / 27P
   868MHz and 915MHz ISM Band Transceiver
logo
Taoglas antenna solutio...
ILA09 TAOGLAS-ILA09 Datasheet
2Mb / 18P
   ISM 915MHz Chip Antenna
logo
Maxtena Inc.
MPA-716-868 MAXTENA-MPA-716-868 Datasheet
1Mb / 3P
   868MHz ISM passive Patch
REV A
MEA-868-SM MAXTENA-MEA-868-SM Datasheet
432Kb / 3P
   External 868MHz ISM Antenna
REV A
logo
Suntsu Electronics, Inc...
SATCA-5A3AF-ISB7 SUNTSU-SATCA-5A3AF-ISB7 Datasheet
1Mb / 4P
   ISM 915MHz Band System
logo
Melexis Microelectronic...
EVB7108 MELEXIS-EVB7108 Datasheet
254Kb / 8P
   868/915MHz Transmitter
logo
List of Unclassifed Man...
RFM42B ETC2-RFM42B Datasheet
1Mb / 56P
   ISM TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com