Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ12RG1 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PQ12RG1
Description  Low Power-Loss Voltage RegulatorsBuilt-in Reverse Voltage Protection Function Between Input and Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ12RG1 Datasheet(HTML) 2 Page - Sharp Corporation

  PQ12RG1 Datasheet HTML 1Page - Sharp Corporation PQ12RG1 Datasheet HTML 2Page - Sharp Corporation PQ12RG1 Datasheet HTML 3Page - Sharp Corporation PQ12RG1 Datasheet HTML 4Page - Sharp Corporation PQ12RG1 Datasheet HTML 5Page - Sharp Corporation PQ12RG1 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Low Power-Loss Voltage Regulators
PQ05RG1/PQ05RG11 Series
Fig.1 Test Circuit
Fig.2 Test Circuit of Ripple Rejection
Parameter
Symbol
Conditions
VO
RegL
RegI
TCVO
RR
Vi-O
VC(ON)
IC(ON)
VC(OFF)
IC(OFF)
Iq
Output voltage
Load regulation
Line regulation
Temperature coefficient of output voltage
Ripple rejection
Dropout voltage
ON-state voltage for control
ON-state current for current
OFF-state voltage for control
OFF-state current for control
Quiescent current
Unit
MAX.
TYP.
MIN.
PQ05RG1
PQ09RG1
PQ12RG1
PQ05RG11
PQ09RG11
PQ12RG11
4.75
8.55
11.4
4.88
8.78
11.7
-
-
-
45
-
2.0
-
-
-
-
IO=0.5A
*4
IO=5mA, *5
IO=5mA, Tj=0 to 125˚C, *6
Refer to Fig. 2
*7, IO=0.5A
*6, IO=0.5A
*6, IO=0.5A, VC=2.7V
*6
*6, VO=0.4A
IO=0A, *6
5.0
9.0
12.0
5.0
9.0
12.0
0.3
0.1
±0.01
60
0.2
-
-
-
-
6.0
5.25
9.45
12.6
5.12
9.22
12.3
2.0
2.5
-
-
0.5
-
20
0.8
-0.4
10.0
V
%
%
%/˚C
dB
V
V
µA
V
mA
mA
s Electrical Characteristics
*4
PQ05RG1/11:VIN= 7V, IO=5mA to 1.0A
PQ09RG1/11:VIN=11V, IO=5mA to 1.0A
PQ12RG1/11:VIN=14V, IO=5mA to 1.0A
*5
PQ05RG1/11:VIN= 6 to 16V
PQ09RG1/11:VIN=10 to 20V
PQ12RG1/11:VIN=13 to 23V
*6
PQ05RG1/11:VIN= 7V
PQ09RG1/11:VIN=11V
PQ12RG1/11:VIN=14V
*7 Input voltage shall be the value when output voltage is 95% in comparison with the initial value.
*8 In case of opening control terminal 4, output voltage turns on.
(Unless otherwise specified, condition shall be IO=0.5A,Ta=25˚C*4 )
VIN= 7V
VIN=11V
VIN=14V
VIN= 7V
VIN=11V
VIN=14V
*8
q
3
q
2
q
1
q
4
V
ei
VIN
VC
IO
eo
RL
0.33
µF
47
µF
+
+
~
~
q
3
q
2
q
1
q
4
A
V
A
A
VIN
Iq
IC
IO
VO
VC
RL
0.33
µF
47
µF
+
f=120Hz (sine wave)
ei=0.5Vrms
VIN= 7V (PQ05RG1/PQ05RG11)
VIN=11V (PQ09RG1/PQ09RG11)
VIN=14V (PQ12RG1/PQ12RG11)
IO=0.5A
RR=20 log (ei/eo)


Similar Part No. - PQ12RG1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PQ12R01 ETC1-PQ12R01 Datasheet
245Kb / 2P
   MULTI-FUNCTIONAL REGULATOR MODULE
PQ12R02 ETC1-PQ12R02 Datasheet
245Kb / 2P
   MULTI-FUNCTIONAL REGULATOR MODULE
PQ12R03 ETC1-PQ12R03 Datasheet
245Kb / 2P
   MULTI-FUNCTIONAL REGULATOR MODULE
PQ12R04 ETC1-PQ12R04 Datasheet
245Kb / 2P
   MULTI-FUNCTIONAL REGULATOR MODULE
PQ12R041 ETC1-PQ12R041 Datasheet
245Kb / 2P
   MULTI-FUNCTIONAL REGULATOR MODULE
More results

Similar Description - PQ12RG1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ05SZ5 SHARP-PQ05SZ5 Datasheet
53Kb / 7P
   Low Power-Loss Voltage Regulators (Built-in Reverse Voltage Protection Function)
logo
First Silicon Co., Ltd
JC357 FS-JC357 Datasheet
572Kb / 6P
   High isolation voltage between input and output
logo
Sharp Corporation
PQ150VB01FZ SHARP-PQ150VB01FZ Datasheet
85Kb / 7P
   Variable Output Low Power-Loss Voltage Regulator (Built-in Overheart Shutdown function, Output ON/OFF control function)
PQ05RR12 SHARP-PQ05RR12 Datasheet
39Kb / 5P
   1A Output, Low Power-Loss Voltage Regulators(Built-in Reset Signal Generating Function)
PQ30VB11 SHARP-PQ30VB11 Datasheet
35Kb / 4P
   Variable Output Low Power-Loss Voltage Regulator(Built-in Overheat Shut-Down Function)
PQ05RR1 SHARP-PQ05RR1 Datasheet
45Kb / 5P
   1A Output, Low Power-Loss Voltage Regulators(Built-in Reset Signal Generating Function)
logo
ISOCOM COMPONENTS
IS281-4GB ISOCOM-IS281-4GB Datasheet
258Kb / 10P
   Current transfer ratio, Isolation voltage between input and output
logo
Sharp Corporation
PQ070VK01FZH SHARP-PQ070VK01FZH Datasheet
410Kb / 6P
   Variable Output, Low Power-Loss Voltage Regulators with Output ON/OFF Control Function
PQ05RB11 SHARP-PQ05RB11 Datasheet
33Kb / 4P
   Low Power-Loss Voltage Regulators (Built-in Overheat Shut-Down Function)
logo
STMicroelectronics
EVAL-VNH5019-P2 STMICROELECTRONICS-EVAL-VNH5019-P2 Datasheet
88Kb / 3P
   Reverse-voltage protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com