Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2839ETN+TD Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2839ETN+TD
Description  2.3GHz to 2.7GHz MIMO Wireless Broadband RF Transceiver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2839ETN+TD Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2839ETN+TD Datasheet HTML 1Page - Maxim Integrated Products MAX2839ETN+TD Datasheet HTML 2Page - Maxim Integrated Products MAX2839ETN+TD Datasheet HTML 3Page - Maxim Integrated Products MAX2839ETN+TD Datasheet HTML 4Page - Maxim Integrated Products MAX2839ETN+TD Datasheet HTML 5Page - Maxim Integrated Products MAX2839ETN+TD Datasheet HTML 6Page - Maxim Integrated Products MAX2839ETN+TD Datasheet HTML 7Page - Maxim Integrated Products MAX2839ETN+TD Datasheet HTML 8Page - Maxim Integrated Products MAX2839ETN+TD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
2.3GHz to 2.7GHz MIMO Wireless Broadband
RF Transceiver
_______________________________________________________________________________________
3
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Digital Input Current Low, IIL
-1
+1
µA
LOGIC OUTPUTS: DOUT, CLKOUT
Digital Output Voltage High, VOH
Sourcing 100µA
VCC -
0.4
V
Digital Output Voltage Low, VOL
Sinking 100µA
0.4
V
DC ELECTRICAL CHARACTERISTICS TABLE (continued)
(MAX2839 Evaluation Kit, VCC_ = 2.7V to 3.6V, TA = -40°C to +85°C, Rx set to the maximum gain. RXTX set according to operating
mode, ENABLE = CS = high, SCLK = DIN = low, no input signal at RF inputs, all RF inputs and outputs terminated into 50Ω.
90mVRMS differential I and Q signals (1MHz) applied to I, Q baseband inputs of transmitter in transmit mode, all registers set to rec-
ommended settings and corresponding test mode, unless otherwise noted. Typical values are at VCC_ = 2.8V, fLO = 2.5GHz and
TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RF INPUT TO I, Q BASEBAND-LOADED OUTPUT
RF Input Frequency Range
2.3
2.7
GHz
Peak-to-Peak Gain Variation over
RF Input Frequency Range
Tested at band edges and band center
0.8
dB
RF Input Return Loss
All LNA settings
12
dB
Maximum gain, B7:B0 = 0000000
90
99
Total Voltage Gain
TA = -40°C to
+85°C
Minimum gain, B7:B0 = 1111111
5
13
dB
From max RF gain to max RF gain - 8dB
8
From max RF gain to max RF gain - 16dB
16
RF Gain Steps
From max RF gain to max RF gain - 32dB
32
dB
Any RF or baseband gain change; gain settling to within
±1dB of steady state; RXHP = 1
200
Gain Change Settling Time
Any RF or baseband gain change; gain settling to within
±0.1dB of steady state; RXHP = 1
2000
ns
Baseband Gain Range
From maximum baseband gain (B5:B0 = 000000) to
minimum gain (B5:B0 = 111111), TA = -40°C to +85°C
58
63
66
dB
Baseband Gain Minimum Step
Size
1dB
Voltage gain = 65dB with max RF gain (B7:B6 = 00)
2.3
Voltage gain = 50dB with max RF gain - 8dB (B7:B6 = 01)
5.5
Voltage gain = 45dB with max RF gain - 16dB
(B7:B6 = 10)
13
DSB Noise Figure
Voltage gain = 15dB with max RF gain - 32dB
(B7:B6 = 11)
27
dB
AC ELECTRICAL CHARACTERISTICS TABLE—Rx MODE
(MAX2839 Evaluation Kit, VCC_ = 2.8V, TA = +25°C, fRF = 2.4999GHz, fLO = 2.5GHz; baseband output signal frequency = 100kHz,
fREF = 40MHz, ENABLE = RXTX = CS = high, SCLK = DIN = low, with power matching for the differential RF pins using the typical
applications circuit and registers set to default settings and corresponding test mode, unless otherwise noted. Lowpass filter is set
to 10MHz RF channel BW. Unmodulated single tone RF input signal is used with specifications which normally apply over the entire
operating conditions, unless otherwise indicated.) (Note 1)


Similar Part No. - MAX2839ETN+TD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2839EVKIT MAXIM-MAX2839EVKIT Datasheet
1Mb / 14P
   On-Board Line Drivers and Voltage References Evaluation Kit
Rev 1; 11/14
MAX2839EVKIT++ MAXIM-MAX2839EVKIT+ Datasheet
1Mb / 14P
   On-Board Line Drivers and Voltage References Evaluation Kit
Rev 1; 11/14
More results

Similar Description - MAX2839ETN+TD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2839AS MAXIM-MAX2839AS Datasheet
1Mb / 39P
   2.3GHz to 2.7GHz MIMO Wireless Broadband RF Transceiver
Rev 1; 5/10
MAX2837 MAXIM-MAX2837_V01 Datasheet
1Mb / 34P
   2.3GHz to 2.7GHz Wireless Broadband RF Transceiver
2015
MAX2837 MAXIM-MAX2837 Datasheet
314Kb / 18P
   2.3GHz to 2.7GHz Wireless Broadband RF Transceiver
Rev 1; 11/08
MAX2838 MAXIM-MAX2838 Datasheet
606Kb / 22P
   3.3GHz to 3.9GHz Wireless Broadband RF Transceiver
Rev 1; 8/08
logo
RF Micro Devices
SZM-2166Z RFMD-SZM-2166Z Datasheet
849Kb / 21P
   2.3GHz to 2.7GHz 2W POWER AMPLIFIER
logo
Renesas Technology Corp
F0452C RENESAS-F0452C Datasheet
1Mb / 24P
   Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
F0472 RENESAS-F0472 Datasheet
125Kb / 3P
   Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
F0452B RENESAS-F0452B Datasheet
3Mb / 29P
   Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
F0443 RENESAS-F0443 Datasheet
6Mb / 65P
   Dual Matched Broadband RF DVGA 0.6GHz to 2.7GHz
logo
Pulse A Technitrol Comp...
B5004 PULSE-B5004 Datasheet
81Kb / 2P
   BROADBAND: RF & WIRELESS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com