Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2828 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX2828
Description  Single-/Dual-Band 802.11a/b/g World-Band Transceiver ICs
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2828 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX2828 Datasheet HTML 7Page - Maxim Integrated Products MAX2828 Datasheet HTML 8Page - Maxim Integrated Products MAX2828 Datasheet HTML 9Page - Maxim Integrated Products MAX2828 Datasheet HTML 10Page - Maxim Integrated Products MAX2828 Datasheet HTML 11Page - Maxim Integrated Products MAX2828 Datasheet HTML 12Page - Maxim Integrated Products MAX2828 Datasheet HTML 13Page - Maxim Integrated Products MAX2828 Datasheet HTML 14Page - Maxim Integrated Products MAX2828 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Single-/Dual-Band 802.11a/b/g
World-Band Transceiver ICs
______________________________________________________________________________________
11
AC ELECTRICAL CHARACTERISTICS—Frequency Synthesis
(MAX2828/MAX2829 evaluation kits: VCC = +2.7V, fRF = 2.437GHz (802.11g) or fRF = 5.25GHz (802.11a), fREFOSC = 40MHz, SHDN =
CS = high, SCLK = DIN = low, PLL loop bandwidth = 150kHz, RBIAS = 11k
Ω, TA = +25°C, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
FREQUENCY SYNTHESIZER
802.11g mode
2412
2500
802.11a low-band mode
4900
5350
RF Channel Center Frequency
802.11a high-band mode
5470
5875
MHz
Charge-Pump Comparison
Frequency
20
MHz
fREFOSC Input Frequency
20
44
MHz
Reference-Divider Ratio
14
fREFOSC Input Levels
AC-coupled
800
mVP-P
fREFOSC Input Impedance
10
k
fOFFSET = 1kHz
-87
fOFFSET = 10kHz
-103
fOFFSET = 100kHz
-99
fOFFSET = 1MHz
-112
802.11g
fOFFSET = 10MHz
-125
fOFFSET = 1kHz
-84
fOFFSET = 10kHz
-95
fOFFSET = 100kHz
-92
fOFFSET = 1MHz
-108
Closed-Loop Phase Noise
802.11a
fOFFSET = 10MHz
-124
dBc/Hz
802.11g
0.6
Closed-Loop Integrated Phase
Noise
RMS phase jitter,
integrate from 10kHz
to 10MHz offset
802.11a
1
degrees
Charge-Pump Output Current
4mA
Charge-Pump Output Voltage
>70% of ICP
0.5
VCC - 0.5V
V
802.11g
-65
Reference Spurs
20MHz offset
802.11a
-58
dBc
VOLTAGE-CONTROLLED OSCILLATOR
VCO Tuning Voltage Range
0.4
2.3
V
VTUNE = 0.4V
135
802.11g
VTUNE = 2.3V
62
VTUNE = 0.3V
324
Low band
VTUNE = 2.2V
167
VTUNE = 0.3V
330
LO Tuning Gain
802.11a
High band
VTUNE = 2.2V
175
MHz/V


Similar Part No. - MAX2828

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2828 MAXIM-MAX2828 Datasheet
5Mb / 13P
   On-Board Line Drivers and Voltage Reference
Rev 4; 1/16
MAX2828EVKIT MAXIM-MAX2828EVKIT Datasheet
5Mb / 13P
   On-Board Line Drivers and Voltage Reference
Rev 4; 1/16
More results

Similar Description - MAX2828

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQS5200 TRIQUINT-TQS5200_15 Datasheet
415Kb / 7P
   802.11a/b/g Single/Dual-band SPDT Switch
TQS5200 TRIQUINT-TQS5200 Datasheet
432Kb / 8P
   SPDT Switch for Single- band and Dual-band, 802.11a/b/g Systems
logo
Skyworks Solutions Inc.
SKY85806-11 SKYWORKS-SKY85806-11 Datasheet
1Mb / 17P
   Dual-Band 802.11a-g-n-ac Wireless LAN
logo
SiGe Semiconductor, Inc...
SE2548A SIGE-SE2548A Datasheet
117Kb / 2P
   Dual Band 802.11a/b/g/n Wireless LAN Front End Preliminary Information
SE2547A SIGE-SE2547A Datasheet
104Kb / 2P
   Dual Band 802.11a/b/g/n Wireless LAN Front End Preliminary Information
logo
silex technology americ...
SX-ULPGN-DB SILEX-SX-ULPGN-DB Datasheet
1Mb / 2P
   Hostless 802.11a/b/g/n Dual Band Wi-Fi Internet-of-Things Platform
logo
Skyworks Solutions Inc.
SKY85806-11 SKYWORKS-SKY85806-11_16 Datasheet
1Mb / 18P
   Dual-Band 802.11a/g/n/ac Wireless LAN Front End
logo
Freescale Semiconductor...
LP1071 FREESCALE-LP1071 Datasheet
467Kb / 32P
   802.11a/b/g Baseband System
logo
Suntsu Electronics, Inc...
SATIA-160A11A-WFB1 SUNTSU-SATIA-160A11A-WFB1 Datasheet
1,016Kb / 3P
   Bluetooth & IEEE 802.11a/b/g
SATIA-119C6A-WFB1 SUNTSU-SATIA-119C6A-WFB1 Datasheet
436Kb / 3P
   Bluetooth & IEEE 802.11a/b/g
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com