Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2681EUT-T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX2681EUT-T
Description  400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2681EUT-T Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX2681EUT-T Datasheet HTML 3Page - Maxim Integrated Products MAX2681EUT-T Datasheet HTML 4Page - Maxim Integrated Products MAX2681EUT-T Datasheet HTML 5Page - Maxim Integrated Products MAX2681EUT-T Datasheet HTML 6Page - Maxim Integrated Products MAX2681EUT-T Datasheet HTML 7Page - Maxim Integrated Products MAX2681EUT-T Datasheet HTML 8Page - Maxim Integrated Products MAX2681EUT-T Datasheet HTML 9Page - Maxim Integrated Products MAX2681EUT-T Datasheet HTML 10Page - Maxim Integrated Products MAX2681EUT-T Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
400MHz to 2.5GHz, Low-Noise,
SiGe Downconverter Mixers
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(Typical Operating Circuit, VCC = SHDN = +3.0V, PRFIN = -25dBm, PLO = -5dBm, TA = +25°C, unless otherwise noted.)
Pin Description
SHDN
2V/div
IFOUT
50mV/
div
500ns/div
MAX2680
TURN-OFF/ON CHARACTERISTICS
Z1 = 39pF
SHDN
2V/div
IFOUT
50mV/
div
500ns/div
MAX2681
TURN-OFF/ON CHARACTERISTICS
Z1 = 39pF
SHDN
2V/div
IFOUT
50mV/
div
500ns/div
MAX2682
TURN-OFF/ON CHARACTERISTICS
Z2 = 39pF
PIN
Local-Oscillator Input. Apply a local-oscillator signal with an amplitude of -10dBm to 0 (50
Ω source). AC-
couple this pin to the oscillator with a DC-blocking capacitor. Nominal DC voltage is VCC - 0.4V.
LO
1
FUNCTION
NAME
Mixer Ground. Connect to the ground plane with a low-inductance connection.
GND
2
Intermediate Frequency Output. Open-collector output requires an inductor to VCC. AC-couple to this pin
with a DC-blocking capacitor. See Applications Information section for details on impedance matching.
IFOUT
4
Radio Frequency Input. AC-couple to this pin with a DC-blocking capacitor. Nominal DC voltage is 1.5V.
See Applications Information section for details on impedance matching.
RFIN
3
Supply Voltage Input, +2.7V to +5.5V. Bypass with a capacitor to the ground plane. Capacitor value
depends upon desired operating frequency.
VCC
5
Active-Low Shutdown. Drive low to disable all device functions and reduce the supply current to less than
5µA. For normal operation, drive high or connect to VCC.
SHDN
6


Similar Part No. - MAX2681EUT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2681EUT-T MAXIM-MAX2681EUT-T Datasheet
126Kb / 12P
   400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
19-4786; Rev 1; 11/98
More results

Similar Description - MAX2681EUT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2680EUT MAXIM-MAX2680EUT Datasheet
192Kb / 11P
   400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
Rev 2; 8/03
MAX2680 MAXIM-MAX2680 Datasheet
126Kb / 12P
   400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
19-4786; Rev 1; 11/98
MAX2660 MAXIM-MAX2660 Datasheet
234Kb / 16P
   400MHz to 2.5GHz Upconverter Mixers
19-1382; Rev 1; 9/99
MAX2690 MAXIM-MAX2690 Datasheet
99Kb / 10P
   Low-Noise, 2.5GHz Downconverter Mixer
19-1282; Rev 0; 10/97
MAX2640 MAXIM-MAX2640_03 Datasheet
174Kb / 8P
   400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 2; 8/03
MAX2640 MAXIM-MAX2640 Datasheet
111Kb / 8P
   400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
19-1384; Rev 1; 2/99
MAX2640-MAX2641 MAXIM-MAX2640-MAX2641 Datasheet
110Kb / 8P
   400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 1; 2/99
logo
Tyco Electronics
MD59-0044 MACOM-MD59-0044 Datasheet
321Kb / 11P
   Wideband Downconverter 0.7-2.5GHz
logo
Intersil Corporation
HFA3424 INTERSIL-HFA3424 Datasheet
43Kb / 5P
   2.4GHz - 2.5GHz Low Noise Amplifier
January 1997
logo
RF Micro Devices
RFLA1022 RFMD-RFLA1022 Datasheet
1Mb / 17P
   Low Noise, High Linearity Amplifier 400MHz to 1500MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com