Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2640EUT+T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX2640EUT+T
Description  300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2640EUT+T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX2640EUT+T Datasheet HTML 1Page - Maxim Integrated Products MAX2640EUT+T Datasheet HTML 2Page - Maxim Integrated Products MAX2640EUT+T Datasheet HTML 3Page - Maxim Integrated Products MAX2640EUT+T Datasheet HTML 4Page - Maxim Integrated Products MAX2640EUT+T Datasheet HTML 5Page - Maxim Integrated Products MAX2640EUT+T Datasheet HTML 6Page - Maxim Integrated Products MAX2640EUT+T Datasheet HTML 7Page - Maxim Integrated Products MAX2640EUT+T Datasheet HTML 8Page - Maxim Integrated Products MAX2640EUT+T Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
300MHz to 2500MHz SiGe
Ultra-Low-Noise Amplifiers
_______________________________________________________________________________________
5
Detailed Description
The MAX2640 and MAX2641 are ultra-low-noise ampli-
fiers that operate with RF input frequency ranges of
300MHz to 1500MHz (MAX2640) or 1400MHz to
2500MHz (MAX2641). These devices are available in
SOT23-6 packages and contain internal bias circuitry to
minimize the number of required external components.
Their small size and low external component count
make them ideal for applications where board space is
limited.
Applications Information
External Matching Components
The MAX2640/MAX2641 are easy to use, generally
requiring only five external components as shown in the
Typical Operating Circuit. To reduce external compo-
nent count further, replace external inductors with
microstrip transmission lines. The high reverse isolation
allows the tuning of the input matching network without
affecting the output match, and vice versa. Select input
and output matching networks to obtain the desired
combination of gain, noise figure, and return loss per-
formance. The Typical Operating Circuits show the rec-
ommended input and output matching networks for
the MAX2640/MAX2641 at 900MHz and 1900MHz,
respectively. These values are optimized for best
simultaneous gain, noise figure, and return loss perfor-
mance. To aid in the design of matching networks for
other frequencies, Tables 1 and 2 list typical device S-
parameters and Tables 3 and 4 list typical device noise
parameters.
NAME
FUNCTION
1
RFIN
Amplifier Input. AC-couple to this pin with a DC blocking capacitor. Use recommended input matching
network (see Typical Operating Circuit).
2, 3, 5
GND
Ground. For optimum performance, provide a low inductance connection to the ground plane.
PIN
4
RFOUT
Amplifier Output. Use the recommended series blocking or matching capacitor (see Typical Operating
Circuit).
6
VCC
Supply Voltage. Bypass to ground directly at the supply pin. The value of the bypass capacitor is deter-
mined by the lowest operating frequency. Additional bypassing may be necessary for long VCC lines (see
Typical Operating Circuit).
Pin Description


Similar Part No. - MAX2640EUT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2640EUT-T MAXIM-MAX2640EUT-T Datasheet
111Kb / 8P
   400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
19-1384; Rev 1; 2/99
MAX2640EUT-T MAXIM-MAX2640EUT-T Datasheet
174Kb / 8P
   400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 2; 8/03
MAX2640EUT-T MAXIM-MAX2640EUT-T Datasheet
159Kb / 9P
   300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
More results

Similar Description - MAX2640EUT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2640AUT MAXIM-MAX2640AUT Datasheet
159Kb / 9P
   300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
MAX2640 MAXIM-MAX2640_03 Datasheet
174Kb / 8P
   400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 2; 8/03
MAX2640 MAXIM-MAX2640 Datasheet
111Kb / 8P
   400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
19-1384; Rev 1; 2/99
MAX2640-MAX2641 MAXIM-MAX2640-MAX2641 Datasheet
110Kb / 8P
   400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 1; 2/99
logo
Intersil Corporation
EL5130 INTERSIL-EL5130_06 Datasheet
342Kb / 12P
   300MHz Low Noise Amplifiers
EL5130 INTERSIL-EL5130_07 Datasheet
320Kb / 12P
   300MHz Low Noise Amplifiers
logo
Renesas Technology Corp
EL5130 RENESAS-EL5130 Datasheet
674Kb / 12P
   300MHz Low Noise Amplifiers
logo
Maxim Integrated Produc...
MAX2642 MAXIM-MAX2642_V01 Datasheet
241Kb / 16P
   900MHz SiGe, High IP3, Low-Noise Amplifiers
2018
MAX2642 MAXIM-MAX2642 Datasheet
238Kb / 16P
   900MHz SiGe, High IP3, Low-Noise Amplifiers
19-1682; Rev 0; 4/00
logo
American Accurate Compo...
JXWBLA-S-10-500-29 AAC-JXWBLA-S-10-500-29 Datasheet
63Kb / 1P
   Wideband Amplifiers 10 to 2500MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com