Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2206EBS+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2206EBS+
Description  RF Power Detectors in UCSP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2206EBS+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2206EBS+ Datasheet HTML 1Page - Maxim Integrated Products MAX2206EBS+ Datasheet HTML 2Page - Maxim Integrated Products MAX2206EBS+ Datasheet HTML 3Page - Maxim Integrated Products MAX2206EBS+ Datasheet HTML 4Page - Maxim Integrated Products MAX2206EBS+ Datasheet HTML 5Page - Maxim Integrated Products MAX2206EBS+ Datasheet HTML 6Page - Maxim Integrated Products MAX2206EBS+ Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RF Power Detectors in UCSP
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS (MAX2205–MAX2208)
(VCC = +2.7V to +5.0V, SHDN = +2.0V, no RF signal applied, TA = -40°C to +85°C. Typical values are at VCC = +2.85V and
TA = +25°C, unless otherwise noted.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ...........................................................-0.3V to +6.5V
RFIN/SHDN to GND....................................-0.3V to (VCC + 0.3V)
RF Input Power (800MHz)
(MAX2206/MAX2207/MAX2208) .................................+20dBm
RF Input Power (2GHz)
(MAX2206/MAX2207/MAX2208) .................................+17dBm
RF Input Voltage (800MHz) (MAX2205) ..............................1.5VP
RF Input Voltage (2GHz) (MAX2205) ..................................0.8VP
Continuous Power Dissipation (TA = +70°C)
2 2 UCSP (derate 3.8mW/°C above +70°C) ............303mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +160°C
Bump Temperature (soldering) (Note 1)
Infrared (15s) (leaded)................................................+220°C
Vapor Phase (60s) (leaded)........................................+215°C
Infrared (15s) (lead-free).............................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
2.7
5.0
V
MAX2206
3.5
5.5
Idle Supply Current
IIDLE
MAX2205/MAX2207/MAX2208
2
3.5
mA
Shutdown Supply Current
ISHDN
SHDN = 0V
0.5
10
µA
OUT Voltage During Shutdown
VOUT
SHDN = 0V
0.01
V
Logic-High Threshold
VH
2.0
V
Logic-Low Threshold
VL
0.6
V
IIH
SHDN = +2.0V
-1
+10
SHDN Input Current
IIL
SHDN = +0.6V
-1
+1
µA
Output Current Source Capability
MAX2206/MAX2207, VOUT = +2.5V
400
µA
Output Current Sink Capability
MAX2206/MAX2207, VOUT = 0V
300
µA
AC ELECTRICAL CHARACTERISTICS (MAX2205)
(MAX2205 EV kit, VCC = +2.7V to +5.0V, SHDN = +2.0V, fRF = 800MHz to 2GHz, 50
Ω system, TA = -40°C to +85°C. Typical values
are at VCC = +2.85V and TA = +25°C, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RF Input Frequency
fRF
800
2000
MHz
Turn-On Time
tON
2µs
Response Time
tR
(Note 3)
15
µs
High input power
(Note 4)
±0.3
±1
Variation Due to Temperature
VCC = +2.85V,
TA = -40
°C to +85°C Low input power
(Note 5)
±1.3
±2.5
dB


Similar Part No. - MAX2206EBS+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2206EBS MAXIM-MAX2206EBS Datasheet
170Kb / 7P
   RF Power Detectors in UCSP
19-2015; Rev 2; 8/02
More results

Similar Description - MAX2206EBS+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2205 MAXIM-MAX2205 Datasheet
170Kb / 7P
   RF Power Detectors in UCSP
19-2015; Rev 2; 8/02
MAX4003 MAXIM-MAX4003 Datasheet
415Kb / 12P
   100MHz to 2500MHz, 45dB RF Detector in a UCSP
Rev 1; 3/03
MAX2240 MAXIM-MAX2240 Datasheet
181Kb / 10P
   2.5GHz, 20dBm Power Amplifier IC in UCSP Package
Rev 2; 2/03
MAX4737 MAXIM-MAX4737 Datasheet
1Mb / 16P
   4.5Ω Quad SPST Analog Switches in UCSP
Rev 2; 1/16
MAX9644 MAXIM-MAX9644 Datasheet
294Kb / 11P
   Low-Power Comparators with Precision Reference in 4-Bump UCSP
Rev 0; 3/11
MAX9644_1110 MAXIM-MAX9644_1110 Datasheet
256Kb / 11P
   Low-Power Comparators with Precision Reference in 4-Bump UCSP
Rev 1; 10/11
MAX4738 MAXIM-MAX4738 Datasheet
225Kb / 15P
   4.5Ω Quad SPST Analog Switches in UCSP
logo
Richtek Technology Corp...
RT9819 RICHTEK-RT9819 Datasheet
124Kb / 12P
   Micro-Power Voltage Detectors
RT9818 RICHTEK-RT9818 Datasheet
159Kb / 14P
   Micro-Power Voltage Detectors
RT9833 RICHTEK-RT9833 Datasheet
185Kb / 11P
   Micro-Power Voltage Detectors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com