Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1992ETG Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1992ETG
Description  Quick-PWM Step-Down Controllers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1992ETG Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1992ETG Datasheet HTML 1Page - Maxim Integrated Products MAX1992ETG Datasheet HTML 2Page - Maxim Integrated Products MAX1992ETG Datasheet HTML 3Page - Maxim Integrated Products MAX1992ETG Datasheet HTML 4Page - Maxim Integrated Products MAX1992ETG Datasheet HTML 5Page - Maxim Integrated Products MAX1992ETG Datasheet HTML 6Page - Maxim Integrated Products MAX1992ETG Datasheet HTML 7Page - Maxim Integrated Products MAX1992ETG Datasheet HTML 8Page - Maxim Integrated Products MAX1992ETG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
General Description
The MAX1992/MAX1993 pulse-width modulation (PWM)
controllers provide high-efficiency, excellent transient
response, and high DC output accuracy. The devices
step down high-voltage batteries to generate low-
voltage CPU core or chipset/RAM supplies in notebook
computers.
Maxim’s proprietary Quick-PWM™ quick-response, con-
stant on-time PWM control scheme handles wide
input/output voltage ratios with ease and provides 100ns
“instant-on” response to load transients, while maintaining
a relatively constant switching frequency. Efficiency is
enhanced by the ability to drive very large synchronous-
rectifier MOSFETs. Current sensing to ensure reliable
overload and inductor saturation protection is available
using an external current-sense resistor in series with the
output. Alternatively, the controller can sense the current
across the synchronous rectifier alone or use lossless
inductor sensing for lowest power dissipation.
Single-stage buck conversion allows the MAX1992/
MAX1993 to directly step down high-voltage batteries for
the highest possible efficiency. Alternatively, two-stage
conversion (stepping down from another system supply
rail instead of the battery) at the maximum switching fre-
quency allows the minimum possible physical size.
The MAX1992 powers the CPU core, chipset, DRAM, or
other supply rails as low as 0.7V. The MAX1993 powers
chipsets and graphics processor cores, which require
dynamically adjustable output voltages. The MAX1993
provides a tracking input that can be used for active ter-
mination buses. The MAX1992/MAX1993 are available in
a 24-pin thin QFN package with optional overvoltage and
undervoltage protection.
For dual step-down PWM controllers with inductor satu-
ration protection, external reference input voltage, and
dynamically selectable output voltages, refer to the
MAX1540/MAX1541 data sheet.
Applications
Notebook Computers
Core/IO Supplies as Low as 0.7V
1.8V and 2.5V Supplies
DDR Memory Termination (MAX1993)
Active Termination Buses (MAX1993)
CPU/Chipset/GPU with Dynamic Voltage Cores
(MAX1993)
Features
♦ Inductor Saturation Protection
♦ Accurate Current Limit
♦ Ultra-High Efficiency
♦ Quick-PWM with 100ns Load-Step Response
♦ MAX1992
1.8V/2.5V Fixed or 0.7V to 5.5V Adjustable
Output Range
♦ MAX1993
External Reference Input
Dynamically Selectable Output Voltage
(0.7V to 5.5V)
Optional Power-Good and Fault Blanking
During Transitions
♦ ±1% VOUT Accuracy Over Line and Load
♦ 2V to 28V Battery Input Range (VIN)
♦ 200/300/450/600kHz Switching Frequency
♦ Overvoltage/Undervoltage Protection Option
♦ 1.7ms Digital Soft-Start
♦ Drives Large Synchronous Rectifier FETs
♦ 2V ±0.7% Reference Output
♦ Power-Good Window Comparator
Quick-PWM Step-Down Controllers with Inductor
Saturation Protection and Dynamic Output Voltages
________________________________________________________________ Maxim Integrated Products
1
18
17
16
15
14
19
20
21
22
23
12
3
4
5
8
9
10
11
12
THIN QFN
4mm x 4mm
TOP VIEW
MAX1992
CSN
VDD
PGND
AGND
VCC
SHDN
24
OVP/UVP
CSP
FB
N.C.
7
N.C
OUT
6
13
A "+" SIGN WILL REPLACE THE FIRST PIN INDICATOR ON LEAD-FREE PACKAGES.
Pin Configurations
19-2661; Rev 1; 9/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Quick-PWM is a trademark of Maxim Integrated Products, Inc.
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
MAX1992ETG
-40°C to +85°C
24 Thin QFN 4mm
× 4mm
MAX1992ETG+
-40°C to +85°C
24 Thin QFN 4mm
× 4mm
MAX1993ETG
-40°C to +85°C
24 Thin QFN 4mm
× 4mm
MAX1993ETG+
-40°C to +85°C
24 Thin QFN 4mm
× 4mm
Pin Configurations continued at end of data sheet.
+ Denotes lead-free package.


Similar Part No. - MAX1992ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1992ETG MAXIM-MAX1992ETG Datasheet
543Kb / 36P
   Quick-PWM Step-Down Controllers with Inductor Saturation Protection and Dynamic Output Voltages
Rev 0; 10/02
More results

Similar Description - MAX1992ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1887 MAXIM-MAX1887 Datasheet
1,018Kb / 33P
   Quick-PWM Slave Controllers for Multiphase, Step-Down
Rev 1; 9/02
logo
Torex Semiconductor
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
logo
Exar Corporation
XRP7708 EXAR-XRP7708_12 Datasheet
1Mb / 28P
   Quad Channel Digital PWM Step Down Controllers
logo
Maxim Integrated Produc...
MAX1992 MAXIM-MAX1992 Datasheet
543Kb / 36P
   Quick-PWM Step-Down Controllers with Inductor Saturation Protection and Dynamic Output Voltages
Rev 0; 10/02
logo
Seiko Instruments Inc
S-8520 SII-S-8520 Datasheet
2Mb / 34P
   PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
logo
Maxim Integrated Produc...
MAX1966 MAXIM-MAX1966 Datasheet
404Kb / 15P
   Low-Cost Voltage-Mode PWM Step-Down Controllers
Rev 1; 9/03
logo
Anpec Electronics Corop...
APW7060 ANPEC-APW7060 Datasheet
179Kb / 16P
   Dual Controllers - Step Down Synchronous PWM and Linear Controller
logo
Maxim Integrated Produc...
MAX8792 MAXIM-MAX8792 Datasheet
454Kb / 29P
   Single Quick-PWM Step-Down Controller with Dynamic REFIN
Rev 0; 1/07
MAX17024 MAXIM-MAX17024 Datasheet
422Kb / 25P
   Single Quick-PWM Step-Down Controller with Dynamic REFIN
Rev 0; 10/07
MAX17016 MAXIM-MAX17016 Datasheet
1Mb / 27P
   Single Quick-PWM Step-Down Controller with Internal 26V MOSFETs
19-2771; Rev 1; 4/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com