Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1992ETG Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1992ETG
Description  Quick-PWM Step-Down Controllers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1992ETG Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1992ETG Datasheet HTML 4Page - Maxim Integrated Products MAX1992ETG Datasheet HTML 5Page - Maxim Integrated Products MAX1992ETG Datasheet HTML 6Page - Maxim Integrated Products MAX1992ETG Datasheet HTML 7Page - Maxim Integrated Products MAX1992ETG Datasheet HTML 8Page - Maxim Integrated Products MAX1992ETG Datasheet HTML 9Page - Maxim Integrated Products MAX1992ETG Datasheet HTML 10Page - Maxim Integrated Products MAX1992ETG Datasheet HTML 11Page - Maxim Integrated Products MAX1992ETG Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Quick-PWM Step-Down Controllers with Inductor
Saturation Protection and Dynamic Output Voltages
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(MAX1992 Circuit of Figure 1, MAX1993 Circuit of Figure 9, VIN = 12V, VDD = VCC = 5V, SKIP = VCC, TON = open, TA = +25°C,
unless otherwise noted.)
1.8V OUTPUT VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (A)
4
3
2
1
1.81
1.82
1.83
1.84
1.85
1.80
05
SKIP = GND
SKIP = VCC
VIN = 7V
VIN = 20V
SWITCHING FREQUENCY
vs. LOAD CURRENT
LOAD CURRENT (A)
4
3
1
2
50
100
150
200
250
300
350
400
0
05
SKIP = GND
SKIP = VCC
SWITCHING FREQUENCY
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
24
20
16
12
8
4
240
280
320
360
400
200
028
NO LOAD
4A LOAD
SWITCHING FREQUENCY
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
240
280
320
360
400
200
-40
85
4A LOAD
NO LOAD
MAXIMUM OUTPUT CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
24
20
16
12
8
4
4.3
4.6
4.9
5.2
5.5
4.0
028
MAXIMUM OUTPUT CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
-15
10
4.9
5.0
5.1
5.2
4.8
-40
85
NO-LOAD SUPPLY CURRENT
vs. INPUT VOLTAGE
(FORCED-PWM MODE)
INPUT VOLTAGE (V)
24
20
12
16
8
4
1
2
3
4
5
6
7
8
9
10
0
028
IBIAS
IIN
SKIP = VCC
NO-LOAD SUPPLY CURRENT
vs. INPUT VOLTAGE
(SKIP MODE)
INPUT VOLTAGE (V)
24
20
16
12
8
4
0.3
0.6
0.9
1.2
1.5
0
028
IIN
IBIAS
SKIP = AGND
REFERENCE LOAD REGULATION
IREF (
μA)
80
60
40
20
0
1.994
1.998
2.002
2.006
2.010
1.990
-20
100


Similar Part No. - MAX1992ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1992ETG MAXIM-MAX1992ETG Datasheet
543Kb / 36P
   Quick-PWM Step-Down Controllers with Inductor Saturation Protection and Dynamic Output Voltages
Rev 0; 10/02
More results

Similar Description - MAX1992ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1887 MAXIM-MAX1887 Datasheet
1,018Kb / 33P
   Quick-PWM Slave Controllers for Multiphase, Step-Down
Rev 1; 9/02
logo
Torex Semiconductor
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
logo
Exar Corporation
XRP7708 EXAR-XRP7708_12 Datasheet
1Mb / 28P
   Quad Channel Digital PWM Step Down Controllers
logo
Maxim Integrated Produc...
MAX1992 MAXIM-MAX1992 Datasheet
543Kb / 36P
   Quick-PWM Step-Down Controllers with Inductor Saturation Protection and Dynamic Output Voltages
Rev 0; 10/02
logo
Seiko Instruments Inc
S-8520 SII-S-8520 Datasheet
2Mb / 34P
   PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
logo
Maxim Integrated Produc...
MAX1966 MAXIM-MAX1966 Datasheet
404Kb / 15P
   Low-Cost Voltage-Mode PWM Step-Down Controllers
Rev 1; 9/03
logo
Anpec Electronics Corop...
APW7060 ANPEC-APW7060 Datasheet
179Kb / 16P
   Dual Controllers - Step Down Synchronous PWM and Linear Controller
logo
Maxim Integrated Produc...
MAX8792 MAXIM-MAX8792 Datasheet
454Kb / 29P
   Single Quick-PWM Step-Down Controller with Dynamic REFIN
Rev 0; 1/07
MAX17024 MAXIM-MAX17024 Datasheet
422Kb / 25P
   Single Quick-PWM Step-Down Controller with Dynamic REFIN
Rev 0; 10/07
MAX17016 MAXIM-MAX17016 Datasheet
1Mb / 27P
   Single Quick-PWM Step-Down Controller with Internal 26V MOSFETs
19-2771; Rev 1; 4/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com