Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2112 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX2112
Description  Complete, Direct-Conversion Tuner for DVB-S2 Applications
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2112 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX2112_10 Datasheet HTML 7Page - Maxim Integrated Products MAX2112_10 Datasheet HTML 8Page - Maxim Integrated Products MAX2112_10 Datasheet HTML 9Page - Maxim Integrated Products MAX2112_10 Datasheet HTML 10Page - Maxim Integrated Products MAX2112_10 Datasheet HTML 11Page - Maxim Integrated Products MAX2112_10 Datasheet HTML 12Page - Maxim Integrated Products MAX2112_10 Datasheet HTML 13Page - Maxim Integrated Products MAX2112_10 Datasheet HTML 14Page - Maxim Integrated Products MAX2112_10 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Complete, Direct-Conversion
Tuner for DVB-S2 Applications
______________________________________________________________________________________
11
Table 8. PLL Register
BIT NAME
BIT LOCATION (0 = LSB)
DEFAULT
FUNCTION
D24
7
1
VCO divider setting.
0 = Divide by 2. Use for LO frequencies
≥ 1125MHz.
1 = Divide by 4. Use for LO frequencies < 1125MHz.
CPS
6
1
Charge-pump current mode.
0 = Charge-pump current controlled by ICP bit.
1 = Charge-pump current controlled by VCO autoselect (VAS).
ICP
5
0
Charge-pump current.
0 = 600µA typical.
1 = 1200µA typical.
X
4–0
X
Don’t care.
Table 9. VCO Register
BIT NAME
BIT LOCATION (0 = LSB)
DEFAULT
FUNCTION
VCO[4:0]
7–3
11001
Controls which VCO is activated when using manual VCO programming mode.
This also serves as the starting point for the VCO autoselection (VAS) mode.
VAS
2
1
VCO autoselection (VAS) circuit.
0 = Disable VCO selection must be programmed through I2C.
1 = Enable VCO selection controlled by autoselection circuit.
ADL
1
0
Enables or disables the VCO tuning voltage ADC latch when the VCO
autoselect mode (VAS) is disabled.
0 = Disables the ADC latch.
1 = Latches the ADC value.
ADE
0
0
Enables or disables VCO tuning voltage ADC read when the VCO autoselect
mode (VAS) is disabled.
0 = Disables ADC read.
1 = Enables ADC read.
Table 10. Lowpass Filter Register
BIT NAME
BIT LOCATION (0 = LSB)
DEFAULT
FUNCTION
LPF[7:0]
7–0
01001011
Sets the baseband lowpass filter 3dB corner frequency.
f-3dB = 4MHz + (LPF[7:0]dec - 12) x 290kHz.
Default value equates to f-3dB = 22.27MHz typical.


Similar Part No. - MAX2112_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2112CTI++ MAXIM-MAX2112CTI+ Datasheet
303Kb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 0; 8/07
MAX2112CTI++ MAXIM-MAX2112CTI+ Datasheet
1Mb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
2020
MAX2112ETI++ MAXIM-MAX2112ETI+ Datasheet
303Kb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 0; 8/07
MAX2112ETI++ MAXIM-MAX2112ETI+ Datasheet
1Mb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
2020
MAX2112EVKIT MAXIM-MAX2112EVKIT Datasheet
587Kb / 11P
   All Critical Peripheral Components Included
Rev 3; 11/17
More results

Similar Description - MAX2112_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2112 MAXIM-MAX2112 Datasheet
303Kb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 0; 8/07
MAX2112 MAXIM-MAX2112_V01 Datasheet
1Mb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
2020
MAX2120 MAXIM-MAX2120_10 Datasheet
223Kb / 21P
   Complete, Direct-Conversion Tuner for DVB-S and Free-to-Air Applications
Rev 2; 5/10
MAX2120 MAXIM-MAX2120 Datasheet
314Kb / 21P
   Complete, Direct-Conversion Tuner for DVB-S and Free-to-Air Applications
Rev 0; 6/07
logo
STMicroelectronics
STB6000 STMICROELECTRONICS-STB6000 Datasheet
48Kb / 2P
   QPSK DVB/DIRECTVTM direct conversion tuner IC
logo
Maxim Integrated Produc...
MAX2121_V1 MAXIM-MAX2121_V1 Datasheet
330Kb / 19P
   Complete Direct-Conversion L-Band Tuner
Rev 1; 7/12
MAX2104 MAXIM-MAX2104 Datasheet
148Kb / 9P
   Direct-Conversion Tuner IC for Digital DBS Applications
19-1431; Rev 3; 12/01
MAX2102 MAXIM-MAX2102 Datasheet
151Kb / 16P
   Direct-Conversion Tuner ICs for Digital DBS Applications
19-1256; Rev 2; 10/98
MAX2104 MAXIM-MAX2104_05 Datasheet
186Kb / 9P
   Direct-Conversion Tuner IC for Digital DBS Applications
Rev 4; 6/05
logo
Intel Corporation
HGCE5038882068 INTEL-HGCE5038882068 Datasheet
736Kb / 41P
   DVB-S2 Advanced Modulation Satellite Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com