Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1968EUI Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1968EUI
Description  Power Drivers for Peltier TEC Modules
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1968EUI Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1968EUI Datasheet HTML 1Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 2Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 3Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 4Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 5Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 6Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 7Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 8Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Power Drivers for Peltier TEC Modules
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(VDD = PVDD1 = PVDD2 = SHDN = 5V, PGND1 = PGND2 = FREQ = GND, CTLI = MAXV = MAXIP = MAXIN = REF, CREF = 1µF,
CCOMP = 0.01µF, LLX_ = 3.3µH, CCS = COS2 = 1µF, ITEC < 3ARMS (MAX1968), ITEC < 6ARMS (MAX1969), TA = -40°C to +85°C,
unless otherwise noted.) (Note 4)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OS1, OS2, CS Input
Current
IOS1,
IOS2, ICS
0 or VDD
-100
+100
µA
SHDN, FREQ Input
Current
ISHDN,
IFREQ
0 or VDD
-5
+5
µA
SHDN, FREQ Input
Low Voltage
VIL
VDD = 3V to 5.5V
VDD x
0.25
SHDN, FREQ Input
High Voltage
VIH
VDD = 3V to 5.5V
VDD x
0.75
V
VMAXV = VREF x 0.67, VOS1 to VOS2 =
±4V, VDD = 5V
MAXV Threshold
Accuracy
VMAXV = VREF x 0.33, VOS1 to VOS2 =
±2V, VDD = 3V
-2
+2
%
MAXV, MAXIP, MAXIN
Input Bias Current
IMAXV-BIAS,
IMAXI_-BIAS
VMAXV = VMAXI_ = 0.1V or 1.5V
-0.1
+0.1
µA
CTLI Gain Accuracy
ACTLI
VCTLI = 0.5V to 2.5V (Note 3)
9.5
10.5
V/V
CTLI Input Resistance
RCTLI
1M
Ω terminated at REF
0.5
2.0
M
Ω
Error-Amp
Transconductance
gm
50
175
µA/V
ITEC Accuracy
VOS1 to VCS = +100mV or -100mV
-10
+10
%
Note 2: Includes power FET leakage.
Note 3: CTLI Gain is defined as:
Note 4: Specifications to -40
°C are guaranteed by design, not production tested.
A
VV
VV
CTLI
CTLI
REF
OS
CS
=
()
1


Similar Part No. - MAX1968EUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1968EUI MAXIM-MAX1968EUI Datasheet
368Kb / 16P
   Power Drivers for Peltier TEC Modules
19-2447; Rev 0; 4/02
MAX1968EUI MAXIM-MAX1968EUI Datasheet
294Kb / 16P
   Power Drivers for Peltier TEC Modules
Rev 3; 5/15
More results

Similar Description - MAX1968EUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1968 MAXIM-MAX1968_15 Datasheet
294Kb / 16P
   Power Drivers for Peltier TEC Modules
Rev 3; 5/15
MAX1968 MAXIM-MAX1968 Datasheet
368Kb / 16P
   Power Drivers for Peltier TEC Modules
19-2447; Rev 0; 4/02
MAX8520 MAXIM-MAX8520_08 Datasheet
337Kb / 18P
   Smallest TEC Power Drivers for Optical Modules
Rev 1; 12/08
MAX8520 MAXIM-MAX8520 Datasheet
605Kb / 19P
   Smallest TEC Power Drivers for Optical Modules
Rev 0; 10/02
MAX8520 MAXIM-MAX8520_11 Datasheet
342Kb / 18P
   Smallest TEC Power Drivers for Optical Modules Low Profile Design
Rev 2; 2/11
MAX1978 MAXIM-MAX1978_10 Datasheet
321Kb / 20P
   Integrated Temperature Controllers for Peltier Modules
Rev 2; 1/10
MAX1978 MAXIM-MAX1978 Datasheet
620Kb / 20P
   Integrated Temperature Controllers for Peltier Modules
19-2490; Rev 0; 7/02
logo
Analog Technologies, In...
TEC14MEV1.0 ANALOGTECHNOLOGIES-TEC14MEV1.0 Datasheet
1Mb / 8P
   Evaluation Board for TEC Controllers
6/9/2022
logo
CUI INC
CP85H CUI-CP85H_17 Datasheet
625Kb / 7P
   PELTIER MODULE
CP40 CUI-CP40 Datasheet
775Kb / 11P
   PELTIER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com