Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1805 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1805
Description  Multichannel Remote/Local Temperature Sensors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1805 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1805 Datasheet HTML 1Page - Maxim Integrated Products MAX1805 Datasheet HTML 2Page - Maxim Integrated Products MAX1805 Datasheet HTML 3Page - Maxim Integrated Products MAX1805 Datasheet HTML 4Page - Maxim Integrated Products MAX1805 Datasheet HTML 5Page - Maxim Integrated Products MAX1805 Datasheet HTML 6Page - Maxim Integrated Products MAX1805 Datasheet HTML 7Page - Maxim Integrated Products MAX1805 Datasheet HTML 8Page - Maxim Integrated Products MAX1805 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
0
8
4
16
12
20
24
FREQUENCY (MHz)
TEMPERATURE ERROR
vs. SUPPLY NOISE FREQUENCY
100mVP-P
0.1
1
10
100
WITH VCC 0.1
µF CAPACITOR REMOVED
2200pF BETWEEN DXN_ AND DXP_
250mVP-P
20
-20
1
10
100
TEMPERATURE ERROR
vs. PC BOARD RESISTANCE
-10
LEAKAGE RESISTANCE (M
Ω)
0
10
PATH = DXP_ TO GND
PATH = DXP_ TO VCC (5V)
-2
-1
0
1
2
3
4
-50
-10
-30
1030
50
7090
110
TEMPERATURE ERROR
vs. TEMPERATURE
TEMPERATURE (
°C)
NPN (CMPT3904)
PNP (CMPT3906)
INTERNAL
Typical Operating Characteristics
(Typical Operating Circuit, VCC = +5V, STBY = VCC, configuration byte = X0XXXX00, TA = +25°C, unless otherwise noted.)
Multichannel Remote/Local
Temperature Sensors
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5V, STBY = VCC, configuration byte = X0XXXX00, TA = -55°C to +125°C, unless otherwise noted.) (Note 6)
Note 1: Guaranteed by design, but not production tested.
Note 2: Quantization error is not included in specifications for temperature accuracy. For example, if the MAX1668/MAX1805/
MAX1989 device temperature is exactly +66.7°C, the ADC may report +66°C, +67°C, or +68°C (due to the quantization
error plus the +0.5°C offset used for rounding up) and still be within the guaranteed ±1°C error limits for the +60°C to
+100°C temperature range. See Table 2.
Note 3: A remote diode is any diode-connected transistor from Table 1. TR is the junction temperature of the remote diode. See the
Remote-Diode Selection section for remote-diode forward-voltage requirements.
Note 4: The SMBus logic block is a static design that works with clock frequencies down to DC. While slow operation is possible, it
violates the 10kHz minimum clock frequency and SMBus specifications, and can monopolize the bus.
Note 5: Note that a transition must internally provide at least a hold time in order to bridge the undefined region (300ns max) of
SMBCLK’s falling edge tHD:DAT.
Note 6: Specifications from -55°C to +125°C are guaranteed by design, not production tested.
CONDITIONS
UNITS
MIN
TYP
MAX
PARAMETER
STBY, SMBCLK, SMBDATA; VCC = 4.5V to 5.5V
Logic Input High Voltage
V
2.4
ALERT forced to 5.5V
µA
1
ALERT Output High Leakage
Current
Logic inputs forced to VCC or GND
µA
-2
+2
Logic Input Current
ALERT, SMBDATA forced to 0.4V
mA
6
Logic Output Low Sink Current
STBY, SMBCLK, SMBDATA; VCC = 4.5V to 5.5V
V
0.8
Logic Input Low Voltage
SMBus INTERFACE


Similar Part No. - MAX1805

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1805 MAXIM-MAX1805 Datasheet
224Kb / 16P
   Multichannel Remote/Local Temperature Sensor
Rev 0; 8/00
MAX1805MEE MAXIM-MAX1805MEE Datasheet
285Kb / 17P
   Multichannel Remote/Local Temperature Sensors
Rev 2; 5/03
MAX1805MEE MAXIM-MAX1805MEE Datasheet
224Kb / 16P
   Multichannel Remote/Local Temperature Sensor
Rev 0; 8/00
More results

Similar Description - MAX1805

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1668 MAXIM-MAX1668 Datasheet
285Kb / 17P
   Multichannel Remote/Local Temperature Sensors
Rev 2; 5/03
MAX1668 MAXIM-MAX1668_00 Datasheet
224Kb / 16P
   Multichannel Remote/Local Temperature Sensor
Rev 0; 8/00
MAX6695 MAXIM-MAX6695_11 Datasheet
299Kb / 19P
   Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 3; 4/11
MAX6695 MAXIM-MAX6695 Datasheet
192Kb / 20P
   Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 1; 5/04
MAX6680 MAXIM-MAX6680 Datasheet
194Kb / 17P
   Fail-Safe Remote/Local Temperature Sensors with SMBus Interface
Rev 0; 4/02
logo
Texas Instruments
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Remote and Local Temperature Sensor
logo
Maxim Integrated Produc...
MAX6657 MAXIM-MAX6657 Datasheet
275Kb / 17P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 2; 1/02
MAX6655 MAXIM-MAX6655_V01 Datasheet
1Mb / 19P
   Dual Remote/Local Temperature Sensors and Four-Channel Voltage Monitors
2021
MAX31725 MAXIM-MAX31725_V01 Datasheet
483Kb / 15P
   짹0.5째C Local Temperature Sensors
2014
MAX6655 MAXIM-MAX6655_06 Datasheet
366Kb / 18P
   Dual Remote/Local Temperature Sensors and Four-Channel Voltage Monitors
Rev 1; 5/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com