Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1162BE_B Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1162BE_B
Description  16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1162BE_B Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1162BE_B Datasheet HTML 6Page - Maxim Integrated Products MAX1162BE_B Datasheet HTML 7Page - Maxim Integrated Products MAX1162BE_B Datasheet HTML 8Page - Maxim Integrated Products MAX1162BE_B Datasheet HTML 9Page - Maxim Integrated Products MAX1162BE_B Datasheet HTML 10Page - Maxim Integrated Products MAX1162BE_B Datasheet HTML 11Page - Maxim Integrated Products MAX1162BE_B Datasheet HTML 12Page - Maxim Integrated Products MAX1162BE_B Datasheet HTML 13Page - Maxim Integrated Products MAX1162BE_B Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
16-Bit, +5V, 200ksps ADC with 10µA
Shutdown
10
______________________________________________________________________________________
Digital Interface
Initialization after Power-Up and
Starting a Conversion
The digital interface consists of two inputs, SCLK and
CS, and one output, DOUT. A logic high on CS places
the MAX1162 in shutdown (AutoShutdown) and places
DOUT in a high-impedance state. A logic low on CS
places the MAX1162 in the fully powered mode.
To start a conversion, pull CS low. A falling edge on CS
initiates an acquisition. SCLK drives the A/D conversion
and shifts out the conversion results (MSB first) at DOUT.
Timing and Control
Conversion-start and data-read operations are con-
trolled by the CS and SCLK digital inputs (Figures 6
and 7). Ensure that the duty cycle on SCLK is between
40% and 60% at 4.8MHz (the maximum clock frequen-
cy). For lower clock frequencies, ensure that the mini-
mum high and low times are at least 65ns.
Conversions with SCLK rates less than 100kHz can
result in reduced accuracy due to leakage.
Note: Coupling between SCLK and the analog
inputs (AIN and REF) may result in an offset.
Variations in frequency, duty cycle, or other aspects
of the clock signal’s shape result in changing offset.
A CS falling edge initiates an acquisition sequence.
The analog input is stored in the capacitive DAC,
DOUT changes from high impedance to logic low, and
the ADC begins to convert after the sixth clock cycle.
SCLK drives the conversion process and shifts out the
conversion result on DOUT.
SCLK begins shifting out the data (MSB first) after the
falling edge of the 8th SCLK pulse. Twenty-four falling
clock edges are needed to shift out the eight leading
zeros and 16 data bits. Extra clock pulses occurring
after the conversion result has been clocked out, and
prior to the rising edge of CS, produce trailing zeros at
DOUT and have no effect on the converter operation.
Force CS high after reading the conversion’s LSB to
reset the internal registers and place the MAX1162 in
shutdown. For maximum throughput, force CS low
again to initiate the next conversion immediately after
the specified minimum time (tCSW).
Note: Forcing
CS high in the middle of a conversion
immediately aborts the conversion and places the
MAX1162 in shutdown.
CDAC 32pF
RIN
800
HOLD
HOLD
CSWITCH
3pF
AIN
REF
GND
ZERO
CAPACITIVE DAC
AUTO-ZERO
RAIL
TRACK
TRACK
Figure 5. Equivalent Input Circuit
CS
SCLK
20
16
24
12
14
8
6
DOUT
D15
D14
D13
D12
D11
D10
D9
D1
D0
D8
D5
D4
D3
D2
D7
D6
tCSH
tTR
tDO
tACQ
tCSS
tCH
tCL
tDV
Figure 6. External Timing Diagram


Similar Part No. - MAX1162BE_B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1162BEUB MAXIM-MAX1162BEUB Datasheet
387Kb / 17P
   16-Bit, 5V, 200ksps ADC with 10關A Shutdown
Rev 0; 7/02
MAX1162BE_B MAXIM-MAX1162BE_B Datasheet
387Kb / 17P
   16-Bit, 5V, 200ksps ADC with 10關A Shutdown
Rev 0; 7/02
More results

Similar Description - MAX1162BE_B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11100 MAXIM-MAX11100 Datasheet
3Mb / 19P
   16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
MAX11101 MAXIM-MAX11101 Datasheet
3Mb / 19P
   14-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
MAX1162 MAXIM-MAX1162 Datasheet
387Kb / 17P
   16-Bit, 5V, 200ksps ADC with 10關A Shutdown
Rev 0; 7/02
MAX1062 MAXIM-MAX1062_09 Datasheet
266Kb / 18P
   14-Bit, 5V, 200ksps ADC with 10關A Shutdown
Rev 1; 5/09
MAX1132 MAXIM-MAX1132 Datasheet
388Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2083; Rev 0; 8/01
MAX1132ACAP MAXIM-MAX1132ACAP Datasheet
252Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
Rev 0; 8/01
logo
Linear Technology
LTC1401 LINER-LTC1401 Datasheet
352Kb / 20P
   Complete SO-8, 12-Bit, 200ksps ADC with Shutdown
LTC1401 LINER-LTC1401_15 Datasheet
253Kb / 20P
   Complete SO-8, 12-Bit, 200ksps ADC with Shutdown
logo
Maxim Integrated Produc...
MAX1062 MAXIM-MAX1062 Datasheet
377Kb / 17P
   14-Bit, %V, 200ksps ADC with 10關A Shutdown
19-2203; Rev 0; 10/01
MAX1142 MAXIM-MAX1142 Datasheet
1Mb / 20P
   14-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2037; Rev 0; 5/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com