Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1162BC_B Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1162BC_B
Description  16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1162BC_B Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1162BC_B Datasheet HTML 1Page - Maxim Integrated Products MAX1162BC_B Datasheet HTML 2Page - Maxim Integrated Products MAX1162BC_B Datasheet HTML 3Page - Maxim Integrated Products MAX1162BC_B Datasheet HTML 4Page - Maxim Integrated Products MAX1162BC_B Datasheet HTML 5Page - Maxim Integrated Products MAX1162BC_B Datasheet HTML 6Page - Maxim Integrated Products MAX1162BC_B Datasheet HTML 7Page - Maxim Integrated Products MAX1162BC_B Datasheet HTML 8Page - Maxim Integrated Products MAX1162BC_B Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
16-Bit, +5V, 200ksps ADC with 10µA
Shutdown
4
_______________________________________________________________________________________
TIMING CHARACTERISTICS (Figures 1, 2, 3, and 6)
(AVDD = DVDD = +4.75V to +5.25V, fSCLK = 4.8MHz (50% duty cycle), 24 clocks/conversion (200ksps), VREF = +4.096V, TA = TMIN
to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Acquisition Time
tACQ
1.1
µs
SCLK to DOUT Valid
tDO
CDOUT = 50pF
50
ns
CS Fall to DOUT Enable
tDV
CDOUT = 50pF
80
ns
CS Rise to DOUT Disable
tTR
CDOUT = 50pF
80
ns
CS Pulse Width
tCSW
50
ns
CS Fall to SCLK Rise Setup
tCSS
100
ns
CS Rise to SCLK Rise Hold
tCSH
0ns
SCLK High Pulse Width
tCH
65
ns
SCLK Low Pulse Width
tCL
65
ns
SCLK Period
tCP
208
ns
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = DVDD = +4.75V to +5.25V, fSCLK = 4.8MHz (50% duty cycle), 24 clocks/conversion (200ksps), VREF = +4.096V, CREF = 4.7µF,
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLIES
Analog Supply
AVDD
4.75
5.25
V
Digital Supply
DVDD
2.7
5.25
V
200ksps
2.75
3.25
100ksps
1.4
10ksps
0.14
Analog Supply Current
IAVDD
CS = DGND
1ksps
0.014
mA
200ksps
0.6
1.0
100ksps
0.3
10ksps
0.03
Digital Supply Current
IDVDD
CS = DGND,
DOUT = all
zeros
1ksps
0.003
mA
Shutdown Supply Current
IAVDD +
IDVDD
CS = DVDD, SCLK = idle
0.1
10
µA
Power-Supply Rejection Ratio
PSRR
AVDD = DVDD = +4.75V to +5.25V, full-scale
input (Note 5)
68
dB


Similar Part No. - MAX1162BC_B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1162BCUB MAXIM-MAX1162BCUB Datasheet
387Kb / 17P
   16-Bit, 5V, 200ksps ADC with 10關A Shutdown
Rev 0; 7/02
MAX1162BC_B MAXIM-MAX1162BC_B Datasheet
387Kb / 17P
   16-Bit, 5V, 200ksps ADC with 10關A Shutdown
Rev 0; 7/02
More results

Similar Description - MAX1162BC_B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11100 MAXIM-MAX11100 Datasheet
3Mb / 19P
   16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
MAX11101 MAXIM-MAX11101 Datasheet
3Mb / 19P
   14-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
MAX1162 MAXIM-MAX1162 Datasheet
387Kb / 17P
   16-Bit, 5V, 200ksps ADC with 10關A Shutdown
Rev 0; 7/02
MAX1062 MAXIM-MAX1062_09 Datasheet
266Kb / 18P
   14-Bit, 5V, 200ksps ADC with 10關A Shutdown
Rev 1; 5/09
MAX1132 MAXIM-MAX1132 Datasheet
388Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2083; Rev 0; 8/01
MAX1132ACAP MAXIM-MAX1132ACAP Datasheet
252Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
Rev 0; 8/01
logo
Linear Technology
LTC1401 LINER-LTC1401 Datasheet
352Kb / 20P
   Complete SO-8, 12-Bit, 200ksps ADC with Shutdown
LTC1401 LINER-LTC1401_15 Datasheet
253Kb / 20P
   Complete SO-8, 12-Bit, 200ksps ADC with Shutdown
logo
Maxim Integrated Produc...
MAX1062 MAXIM-MAX1062 Datasheet
377Kb / 17P
   14-Bit, %V, 200ksps ADC with 10關A Shutdown
19-2203; Rev 0; 10/01
MAX1142 MAXIM-MAX1142 Datasheet
1Mb / 20P
   14-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2037; Rev 0; 5/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com