Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1233 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1233
Description  ±15kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1233 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1233 Datasheet HTML 3Page - Maxim Integrated Products MAX1233 Datasheet HTML 4Page - Maxim Integrated Products MAX1233 Datasheet HTML 5Page - Maxim Integrated Products MAX1233 Datasheet HTML 6Page - Maxim Integrated Products MAX1233 Datasheet HTML 7Page - Maxim Integrated Products MAX1233 Datasheet HTML 8Page - Maxim Integrated Products MAX1233 Datasheet HTML 9Page - Maxim Integrated Products MAX1233 Datasheet HTML 10Page - Maxim Integrated Products MAX1233 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
±15kV ESD-Protected Touch-Screen
Controllers Include DAC and Keypad Controller
_______________________________________________________________________________________
7
SHUTDOWN CURRENT
vs. ANALOG SUPPLY VOLTAGE
AVDD (V)
5.2
4.7
4.2
3.7
3.2
50
100
150
200
250
300
0
2.7
SHUTDOWN CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
80
60
40
20
0
-20
50
100
150
200
250
300
0
-40
INTERNAL OSCILLATOR FREQUENCY
vs. ANALOG SUPPLY VOLTAGE
AVDD (V)
5.2
4.7
4.2
3.7
3.2
8.2
8.4
8.6
8.8
9.0
9.2
9.4
9.6
9.8
10.0
8.0
2.7
MAX1233/MAX1234
INTERNAL OSCILLATOR FREQUENCY
vs. TEMPERATURE
TEMPERATURE (
°C)
80
60
40
20
0
-20
8.8
9.0
9.2
9.4
9.6
9.8
8.6
-40
MAX1234, AVDD = +5.0V
MAX1233, AVDD = +3.0V
TEMP1 DIODE VOLTAGE
vs. ANALOG SUPPLY VOLTAGE
AVDD (V)
5.2
4.7
4.2
3.7
3.2
0.52
0.54
0.56
0.58
0.60
0.62
0.64
0.66
0.68
0.70
0.50
2.7
TEMP1 DIODE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
80
65
-25
-10
5
35
20
50
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.40
-40
TEMP2 DIODE VOLTAGE
vs. ANALOG SUPPLY VOLTAGE
AVDD (V)
5.2
4.7
4.2
3.7
3.2
0.65
0.70
0.75
0.80
0.60
2.7
TEMP2 DIODE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
80
65
50
35
20
5
-10
-25
0.65
0.70
0.75
0.80
0.85
0.90
0.60
-40
Typical Operating Characteristics
(AVDD = DVDD = 3V (MAX1233) or 5V (MAX1234), external VREF = +2.5V (MAX1233), external VREF = +4.096V (MAX1234), fSCLK =
10MHz (50% duty cycle), fSAMPLE = 20ksps, CLOAD = 50pF, 0.1µF capacitor at REF, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX1233

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1233 MAXIM-MAX1233 Datasheet
706Kb / 44P
   짹15kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller
19-2512; Rev 1; 9/03
MAX1233 MAXIM-MAX1233 Datasheet
1Mb / 45P
   ±15kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller
Rev 3; 8/05
MAX1233 MAXIM-MAX1233 Datasheet
264Kb / 12P
   Proven PC Board Layout
Rev 0; 10/02
MAX1233-MAX1234 MAXIM-MAX1233-MAX1234 Datasheet
706Kb / 44P
   짹15kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller
19-2512; Rev 1; 9/03
MAX1233EGI MAXIM-MAX1233EGI Datasheet
706Kb / 44P
   짹15kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller
19-2512; Rev 1; 9/03
More results

Similar Description - MAX1233

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1233 MAXIM-MAX1233_05 Datasheet
1Mb / 45P
   ±15kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller
Rev 3; 8/05
MAX1233 MAXIM-MAX1233 Datasheet
706Kb / 44P
   짹15kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller
19-2512; Rev 1; 9/03
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com