Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1221 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1221
Description  12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1221 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1221 Datasheet HTML 6Page - Maxim Integrated Products MAX1221 Datasheet HTML 7Page - Maxim Integrated Products MAX1221 Datasheet HTML 8Page - Maxim Integrated Products MAX1221 Datasheet HTML 9Page - Maxim Integrated Products MAX1221 Datasheet HTML 10Page - Maxim Integrated Products MAX1221 Datasheet HTML 11Page - Maxim Integrated Products MAX1221 Datasheet HTML 12Page - Maxim Integrated Products MAX1221 Datasheet HTML 13Page - Maxim Integrated Products MAX1221 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
12-Bit, Multichannel ADCs/DACs with FIFO,
Temperature Sensing, and GPIO Ports
10
______________________________________________________________________________________
Typical Operating Characteristics (continued)
(AVDD = DVDD = 3V external VREF = 2.5V, fCLK = 3.6MHz (50% duty cycle), fSAMPLE = 225ksps, CLOAD = 50pF, 0.1µF capacitor at
REF, TA = +25°C, unless otherwise noted.)
1.90
1.94
1.92
1.98
1.96
2.02
2.00
2.04
2.5
3.5
4.0
3.0
4.5
5.0
5.5
ANALOG SUPPLY CURRENT
vs. ANALOG SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.88
1.92
1.90
1.96
1.94
2.00
1.98
2.02
-40
10
-15
35
60
85
ANALOG SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
AVDD = DVDD = 5V
AVDD = DVDD = 3V
DAC INTEGRAL NONLINEARITY
vs. OUTPUT CODE
OUTPUT CODE
3072
2048
1024
-1.0
-0.5
0
0.5
1.0
1.5
-1.5
0
4096
AVDD = DVDD = 5V
EXTERNAL REFERENCE = 4.096V
DAC INTEGRAL NONLINEARITY
vs. OUTPUT CODE
OUTPUT CODE
3072
2048
1024
-1.0
-0.5
0
0.5
1.0
1.5
-1.5
0
4096
DAC DIFFERENTIAL NONLINEARITY
vs. OUTPUT CODE
OUTPUT CODE
2059
2056
2053
2050
-0.2
0
0.2
0.4
-0.4
2047
2062
AVDD = DVDD = 5V
EXTERNAL REFERENCE = 4.096V
DAC DIFFERENTIAL NONLINEARITY
vs. OUTPUT CODE
OUTPUT CODE
2059
2056
2053
2050
-0.2
0
0.2
0.4
-0.4
2047
2062
0.2
0.4
0.8
0.6
1.0
1.2
2.5
3.5
3.0
4.0
4.5
5.0
5.5
DAC FULL-SCALE ERROR
vs. ANALOG SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
-6
-4
-2
0
2
4
6
8
10
-40
-15
10
35
60
85
DAC FULL-SCALE ERROR
vs. TEMPERATURE
TEMPERATURE (
°C)
EXTERNAL
REFERENCE = 4.096V
AVDD = DVDD = 5V
-6
-4
-2
0
2
4
6
8
10
-40
-15
10
35
60
85
DAC FULL-SCALE ERROR
vs. TEMPERATURE
TEMPERATURE (
°C)
EXTERNAL
REFERENCE = 2.5V
AVDD = DVDD = 3V
INTERNAL
REFERENCE


Similar Part No. - MAX1221

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX122 MAXIM-MAX122 Datasheet
633Kb / 16P
   500ksps, 12-Bit ADCs with Track/Hold And Refrence
19-0030; Rev 0; 9/92
MAX1220 MAXIM-MAX1220 Datasheet
1Mb / 47P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 4; 6/06
MAX1220 MAXIM-MAX1220 Datasheet
554Kb / 43P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 6; 1/10
MAX1220 MAXIM-MAX1220 Datasheet
567Kb / 43P
   12-Bit, Multichannel ADCs/DACs with FIFO,Temperature Sensing, and GPIO Ports
Rev 7; 2/12
MAX1220BETX MAXIM-MAX1220BETX Datasheet
1Mb / 47P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 4; 6/06
More results

Similar Description - MAX1221

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1340 MAXIM-MAX1340 Datasheet
388Kb / 39P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 3; 3/08
MAX1220 MAXIM-MAX1220_10 Datasheet
554Kb / 43P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 6; 1/10
MAX1220 MAXIM-MAX1220 Datasheet
1Mb / 47P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 4; 6/06
MAX1220 MAXIM-MAX1220_12 Datasheet
567Kb / 43P
   12-Bit, Multichannel ADCs/DACs with FIFO,Temperature Sensing, and GPIO Ports
Rev 7; 2/12
MAX1040 MAXIM-MAX1040 Datasheet
621Kb / 44P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 8/04
MAX1020 MAXIM-MAX1020_12 Datasheet
612Kb / 44P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 5; 2/12
MAX1020 MAXIM-MAX1020 Datasheet
1Mb / 47P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
19-3280; Rev 2; 8/04
MAX1040 MAXIM-MAX1040_08 Datasheet
406Kb / 39P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 3; 3/08
MAX1021 MAXIM-MAX1021 Datasheet
593Kb / 40P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 3/08
logo
Texas Instruments
AMC7932 TI-AMC7932 Datasheet
746Kb / 9P
[Old version datasheet]   AMC7932 32-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
NOVEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com