Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1162BCUB+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1162BCUB+
Description  16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1162BCUB+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1162BCUB+ Datasheet HTML 1Page - Maxim Integrated Products MAX1162BCUB+ Datasheet HTML 2Page - Maxim Integrated Products MAX1162BCUB+ Datasheet HTML 3Page - Maxim Integrated Products MAX1162BCUB+ Datasheet HTML 4Page - Maxim Integrated Products MAX1162BCUB+ Datasheet HTML 5Page - Maxim Integrated Products MAX1162BCUB+ Datasheet HTML 6Page - Maxim Integrated Products MAX1162BCUB+ Datasheet HTML 7Page - Maxim Integrated Products MAX1162BCUB+ Datasheet HTML 8Page - Maxim Integrated Products MAX1162BCUB+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
16-Bit, +5V, 200ksps ADC with 10µA
Shutdown
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(AVDD = DVDD = +4.75V to +5.25V, fSCLK = 4.8MHz (50% duty cycle), 24 clocks/conversion (200ksps), VREF = +4.096V, CREF = 4.7µF,
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
AVDD to AGND .........................................................-0.3V to +6V
DVDD to DGND.........................................................-0.3V to +6V
DGND to AGND.....................................................-0.3V to +0.3V
AIN, REF to AGND ...................................-0.3V to (AVDD + 0.3V)
SCLK, CS to DGND ..................................................-0.3V to +6V
DOUT to DGND .......................................-0.3V to (DVDD + 0.3V)
Maximum Current Into Any Pin ...........................................50mA
Continuous Power Dissipation (TA = +70°C)
10-Pin µMAX (derate 5.6mW/°C above +70°C) ..........444mW
Operating Temperature Ranges
MAX1162_CUB .................................................0°C to +70°C
MAX1162_EUB ..............................................-40°C to +85°C
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY (Note 1)
Resolution
16
Bits
TA = -40°C
-2.5
+2.5
TA = 0°C
-2
+2
MAX1162B
TA = +85°C
-2
+2
TA = -40°C
-4
+4
TA = 0°C
-4
+4
Relative Accuracy (Note 2)
INL
MAX1162C
TA = +85°C
-4
+4
LSB
TA = -40°C
NMC*
2
TA = 0°C
NMC*
1.75
MAX1162B
TA = +85°C
NMC*
1.75
TA = -40°C
-2
+2
TA = 0°C
-2
+2
Differential Nonlinearity
DNL
MAX1162C
TA = +85°C
-2
+2
LSB
Transition Noise
RMS noise
±0.65
LSBRMS
Offset Error
0.1
1
mV
Gain Error
(Note 3)
±0.002
±0.01
%FSR
Offset Drift
0.4
ppm/
oC
Gain Drift
(Note 3)
0.2
ppm/
oC
*NMC = No missing code.


Similar Part No. - MAX1162BCUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1162BCUB MAXIM-MAX1162BCUB Datasheet
387Kb / 17P
   16-Bit, 5V, 200ksps ADC with 10關A Shutdown
Rev 0; 7/02
More results

Similar Description - MAX1162BCUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11100 MAXIM-MAX11100 Datasheet
3Mb / 19P
   16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
MAX11101 MAXIM-MAX11101 Datasheet
3Mb / 19P
   14-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
MAX1162 MAXIM-MAX1162 Datasheet
387Kb / 17P
   16-Bit, 5V, 200ksps ADC with 10關A Shutdown
Rev 0; 7/02
MAX1062 MAXIM-MAX1062_09 Datasheet
266Kb / 18P
   14-Bit, 5V, 200ksps ADC with 10關A Shutdown
Rev 1; 5/09
MAX1132 MAXIM-MAX1132 Datasheet
388Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2083; Rev 0; 8/01
MAX1132ACAP MAXIM-MAX1132ACAP Datasheet
252Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
Rev 0; 8/01
logo
Linear Technology
LTC1401 LINER-LTC1401 Datasheet
352Kb / 20P
   Complete SO-8, 12-Bit, 200ksps ADC with Shutdown
LTC1401 LINER-LTC1401_15 Datasheet
253Kb / 20P
   Complete SO-8, 12-Bit, 200ksps ADC with Shutdown
logo
Maxim Integrated Produc...
MAX1062 MAXIM-MAX1062 Datasheet
377Kb / 17P
   14-Bit, %V, 200ksps ADC with 10關A Shutdown
19-2203; Rev 0; 10/01
MAX1142 MAXIM-MAX1142 Datasheet
1Mb / 20P
   14-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2037; Rev 0; 5/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com