Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ12RA1 Datasheet(PDF) 5 Page - Sharp Corporation

Part # PQ12RA1
Description  OFF-state Low Dissipation Current 1A Output, Low Power-Loss Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ12RA1 Datasheet(HTML) 5 Page - Sharp Corporation

  PQ12RA1 Datasheet HTML 1Page - Sharp Corporation PQ12RA1 Datasheet HTML 2Page - Sharp Corporation PQ12RA1 Datasheet HTML 3Page - Sharp Corporation PQ12RA1 Datasheet HTML 4Page - Sharp Corporation PQ12RA1 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Low Power-Loss Voltage Regulators
Fig.17 Ripple Rejection vs. Output Current
Fig.18 Output Peak Current vs. Junction
Temperature
s Typical Application
PQ05RA1/PQ05RA11 Series
Fig.19 Output Peak Current vs. Input-output
Differential Voltage
0123456
1.0
1.5
2.0
Input-output differential voltage VIN-VO (V)
VIN
VO
CO
Specific IC
q
2
q
3
q
1
q
4
+
+
High
: output ON
Low or Open : output OFF
ON/OFF Control
CMOS or TTL
0
0.5
1.0
20
0
40
60
80
100
Output current IO (A)
f=120Hz
ei=0.5Vrms
VIN= 7V(PQ05RA1/11)
VIN=11V(PQ09RA1/11)
VIN=14V(PQ12RA1/11)
-25
0
25
50
75
100
125
1.0
1.5
1.9
Junction temperature Tj (˚C)
0.5V
1V
2V
VIN-VO=5V


Similar Part No. - PQ12RA1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ12RA1 SHARP-PQ12RA1 Datasheet
58Kb / 6P
   OFF-state Low Dissipation Current 1A Output, Low Power-Loss Voltage Regulators
PQ12RA11 SHARP-PQ12RA11 Datasheet
58Kb / 6P
   OFF-state Low Dissipation Current 1A Output, Low Power-Loss Voltage Regulators
More results

Similar Description - PQ12RA1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ05RA1 SHARP-PQ05RA1_01 Datasheet
58Kb / 6P
   OFF-state Low Dissipation Current 1A Output, Low Power-Loss Voltage Regulators
PQ05TZ51 SHARP-PQ05TZ51 Datasheet
57Kb / 8P
   Low Power-Loss Voltage Regulators with OFF-state Low Dissipation Current
PQ05RF1 SHARP-PQ05RF1_01 Datasheet
80Kb / 8P
   1A Output Low Power-Loss Voltage Regulators
PQ05RF1 SHARP-PQ05RF1 Datasheet
65Kb / 7P
   1A Output Low Power-Loss Voltage Regulators
PQ05RD11 SHARP-PQ05RD11 Datasheet
31Kb / 3P
   1A Output, General Purpose Low Power-loss Voltage Regulators
PQ05RD11 SHARP-PQ05RD11_01 Datasheet
67Kb / 6P
   1A Output, General Purpose Low Power-loss Voltage Regulators
PQ05NF1 SHARP-PQ05NF1 Datasheet
47Kb / 5P
   1A Output, General Purpose Low Power-Loss Voltage Regulators
PQXXXRDA1SZH SHARP-PQXXXRDA1SZH Datasheet
204Kb / 7P
   TO-220 Type,1A Output Low Power-Loss Voltage Regulators
PQ15RF15 SHARP-PQ15RF15 Datasheet
39Kb / 4P
   1A Output, Low Power-Loss Voltage Regulators Considering Power Line Voltage Drop
PQ05RF12 SHARP-PQ05RF12 Datasheet
40Kb / 5P
   1A Output Low Power-Loss Voltage Regulators Considering Power Line Voltage Drop
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com