Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX674 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX674
Description  10V Precision Voltage Reference
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX674 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX674_04 Datasheet HTML 1Page - Maxim Integrated Products MAX674_04 Datasheet HTML 2Page - Maxim Integrated Products MAX674_04 Datasheet HTML 3Page - Maxim Integrated Products MAX674_04 Datasheet HTML 4Page - Maxim Integrated Products MAX674_04 Datasheet HTML 5Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
General Description
The MAX674 is a precision voltage reference that is
pretrimmed to within ±0.15% of 10V. The reference fea-
tures excellent temperature stability (as low as
12.0ppm/°C guaranteed), low current drain, and low
noise. It is supplied in the space-saving narrow SO
package, as well as, the standard 8-pin plastic DIP
package.
Applications
A/D Converters
D/A Converters
Digital Voltmeters
Voltage Regulators
Threshold Detectors
Features
♦ Pretrimmed to +10V, ±0.15%
♦ Excellent Temperature Stability: 12ppm/°C
♦ Low Noise: 20µVP-P
♦ Low Supply Current: 1.4mA (max)
♦ Short-Circuit Protected
♦ Load Regulation 0.001%/mA
♦ Pin-for-Pin Compatible with REF01
+10V Precision Voltage Reference
________________________________________________________________ Maxim Integrated Products
1
REFERENCE WITH TRIMMED OUTPUT
MAX674
15V
6
5
VOUT
TRIM
VIN
GND
RP
10k
OUTPUT
2
4
Pin Configurations
Ordering Information
VOUT
TRIM
GND
1
2
8
7
N.C.
N.C.
VIN
N.C.
N.C.
SO/DIP
3
4
6
5
MAX674
TOP VIEW
Typical Operating Circuit
19-2639; Rev 2; 7/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-
PACKAGE
TEMPCO
(ppm/°C)
INITIAL
ERROR
(mV)
MAX674CPA
0
°C to +70°C 8 PDIP
12
15
MAX674CSA
0
°C to +70°C
8 Narrow
SO
12
15
MAX674EPA
-40
°C to +85°C 8 PDIP
15
15
MAX674ESA
-40
°C to +85°C
8 Narrow
SO
15
15
Pin Configurations continued at end of data sheet.
Ordering Information continued at end of data sheet.


Similar Part No. - MAX674_04

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6740 MAXIM-MAX6740 Datasheet
664Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 uP Supervisory Circuits
19-2531; Rev 2; 12/05
MAX6740XKL MAXIM-MAX6740XKL Datasheet
236Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 UP Supervisory Circuits
19-2531; Rev 1; 4/03
MAX6740XKM MAXIM-MAX6740XKM Datasheet
236Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 UP Supervisory Circuits
19-2531; Rev 1; 4/03
MAX6740XKR MAXIM-MAX6740XKR Datasheet
236Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 UP Supervisory Circuits
19-2531; Rev 1; 4/03
MAX6740XKS MAXIM-MAX6740XKS Datasheet
236Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 UP Supervisory Circuits
19-2531; Rev 1; 4/03
More results

Similar Description - MAX674_04

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF102 TI-REF102_15 Datasheet
973Kb / 20P
[Old version datasheet]   10V Precision Voltage Reference
logo
Maxim Integrated Produc...
MAX674 MAXIM-MAX674 Datasheet
110Kb / 4P
   10V Precision Voltage Reference
logo
Burr-Brown (TI)
REF102 BURR-BROWN-REF102_07 Datasheet
367Kb / 15P
   10V Precision Voltage Reference
logo
Advanced Monolithic Sys...
AMSREF-01 ADMOS-AMSREF-01 Datasheet
47Kb / 5P
   10V PRECISION VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX674 MAXIM-MAX674_V01 Datasheet
105Kb / 5P
   10V Precision Voltage Reference
2004
logo
Linear Technology
RH1021-10 LINER-RH1021-10 Datasheet
139Kb / 4P
   Precision 10V Reference
LH0070 LINER-LH0070_15 Datasheet
166Kb / 12P
   Precision 10V Reference
LT1031 LINER-LT1031_15 Datasheet
166Kb / 12P
   Precision 10V Reference
LT1031 LINER-LT1031_05 Datasheet
156Kb / 12P
   Precision 10V Reference
RH1021-10 LINER-RH1021-10_15 Datasheet
82Kb / 4P
   Precision 10V Reference
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com