Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX668EUB Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX668EUB
Description  1.8V to 28V Input, PWM Step-Up Controllers in μMAX
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX668EUB Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX668EUB Datasheet HTML 1Page - Maxim Integrated Products MAX668EUB Datasheet HTML 2Page - Maxim Integrated Products MAX668EUB Datasheet HTML 3Page - Maxim Integrated Products MAX668EUB Datasheet HTML 4Page - Maxim Integrated Products MAX668EUB Datasheet HTML 5Page - Maxim Integrated Products MAX668EUB Datasheet HTML 6Page - Maxim Integrated Products MAX668EUB Datasheet HTML 7Page - Maxim Integrated Products MAX668EUB Datasheet HTML 8Page - Maxim Integrated Products MAX668EUB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
1.8V to 28V Input, PWM Step-Up
Controllers in µMAX
_______________________________________________________________________________________
5
50
60
65
70
75
80
85
90
95
1
10
100
1000
10,000
EFFICIENCY vs. LOAD CURRENT
(VOUT = 5V)
LOAD CURRENT (mA)
55
VIN = 3.3V
VIN = 3.6V
VIN = 2V
VIN = 2.7V
BOOTSTRAPPED
FIGURE 3
R4 = 200k
70
1
10,000
1000
10
100
MAX668 EFFICIENCY vs.
LOAD CURRENT (VOUT = 12V)
85
75
95
80
90
LOAD CURRENT (mA)
VIN = 5V
NON-BOOTSTRAPPED
FIGURE 4
R4 = 200k
MAX668 EFFICIENCY vs.
LOAD CURRENT (VOUT = 24V)
LOAD CURRENT (mA)
70
1
10,000
1000
10
100
85
75
95
80
90
VIN = 8V
VIN = 5V
VIN = 12V
NON-BOOTSTRAPPED
FIGURE 4
R4 = 200k
0
1.5
1.0
0.5
2.0
2.5
3.0
0
400
300
100 200
500 600 700 800 900 1000
MAX669 MINIMUM START-UP VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (mA)
VOUT = 5V
VOUT = 12V
BOOTSTRAPPED
FIGURE 2
0
0.5
1.5
2.0
2.5
3.0
3.5
010
5
15202530
SHUTDOWN CURRENT vs.
SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.0
CURRENT INTO VCC PIN
MAX668
MAX669
0
400
200
800
600
1000
1200
010
15
5
202530
SUPPLY CURRENT vs.
SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
MAX669
MAX668
CURRENT INTO VCC PIN
ROSC = 500kΩ
0
500
1000
2000
2500
3000
3500
4000
04
26
8
10
12
NO-LOAD SUPPLY CURRENT vs.
SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1500
VOUT = 12V
BOOTSTRAPPED
FIGURE 2
R4 = 200k
150
190
210
170
250
230
270
290
-40
-20
0
20
40
60
80
100
SUPPLY CURRENT vs.
TEMPERATURE
TEMPERATURE (
°C)
ROSC = 100kΩ
ROSC = 200kΩ
ROSC = 500kΩ
0.1
1
10
20
LDO DROPOUT VOLTAGE vs.
LDO CURRENT
LDO CURRENT (mA)
300
0
50
100
150
200
250
VIN = 3V
VIN = 4.5V
Typical Operating Characteristics
(Circuits of Figures 2, 3, 4, and 5; TA = +25°C; unless otherwise noted.)


Similar Part No. - MAX668EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX668EUB MAXIM-MAX668EUB Datasheet
326Kb / 18P
   1.8V to 28V Input, PWM Step-Up Controllers in 關MAX
Rev 0a; 8/98
MAX668EUB MAXIM-MAX668EUB Datasheet
341Kb / 18P
   1.8V to 28V Input, PWM Step-Up Controllers in μMAX
Rev 2; 1/12
MAX668EUB MAXIM-MAX668EUB Datasheet
1Mb / 18P
   1.8V to 28V Input, PWM Step-Up Controllers in 關MAX
2016
More results

Similar Description - MAX668EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX668 MAXIM-MAX668_12 Datasheet
341Kb / 18P
   1.8V to 28V Input, PWM Step-Up Controllers in μMAX
Rev 2; 1/12
MAX668 MAXIM-MAX668 Datasheet
326Kb / 18P
   1.8V to 28V Input, PWM Step-Up Controllers in 關MAX
Rev 0a; 8/98
MAX668 MAXIM-MAX668_V01 Datasheet
1Mb / 18P
   1.8V to 28V Input, PWM Step-Up Controllers in 關MAX
2016
logo
Intersil Corporation
ISL98012 INTERSIL-ISL98012_10 Datasheet
656Kb / 10P
   1.8V Input PWM Step-Up Regulator
logo
Renesas Technology Corp
ISL98012 RENESAS-ISL98012 Datasheet
773Kb / 10P
   1.8V Input PWM Step-Up Regulator
logo
Intersil Corporation
ISL98012 INTERSIL-ISL98012 Datasheet
473Kb / 10P
   1.8V Input PWM Step-Up Regulator
logo
Semtech Corporation
SC2441A SEMTECH-SC2441A Datasheet
1Mb / 37P
   1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
SC2441A SEMTECH-SC2441A_09 Datasheet
1Mb / 37P
   1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
logo
Maxim Integrated Produc...
MAX1744_0908 MAXIM-MAX1744_0908 Datasheet
305Kb / 15P
   High-Voltage, Step-Down DC-DC Controllers in μMAX
Rev 4; 8/09
logo
Advanced Analog Technol...
AAT1106 AAT-AAT1106 Datasheet
238Kb / 11P
   2-CHANNEL STEP-UP PWM CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com