Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ05RB11 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PQ05RB11
Description  Low Power-Loss Voltage Regulators (Built-in Overheat Shut-Down Function)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ05RB11 Datasheet(HTML) 1 Page - Sharp Corporation

  PQ05RB11 Datasheet HTML 1Page - Sharp Corporation PQ05RB11 Datasheet HTML 2Page - Sharp Corporation PQ05RB11 Datasheet HTML 3Page - Sharp Corporation PQ05RB11 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
“In the absence of confirmation by device specification sheets,SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices
shown in catalogs,data books,etc.Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
PQ05RB11Series
Low Power-Loss Voltage Regulators (Built-in Overheat Shut-Down Function)
s Outline Dimensions
Low Power-Loss Voltage Regulators
PQ05RB11 Series
(Unit : mm)
s Features
¡Compact resin full-mold package
¡Low power-loss (Dropout voltage : MAX.0.5V)
¡Overheat shut-down function (Keep shut-down output until
power-on again)
¡Overcurrent protection type
¡Built-in ON/OFF control function
¡High-precision output type
(Output voltage precision :
±2.5%)
s Applications
¡Series power supply for TVs and VCRs
¡Switching power supply
PQ05RB11
s Model Line-ups
5V
PQ09RB11
9V
PQ12RB11
12V
Model No.
Output
Parameter
Symbol
Rating
Unit
VIN
VC
IO
PD1
PD2
Tj
Topr
Tstr
Tsol
35
35
1
1.25
12.5
150
-20 to +80
-40 to +150
260
V
V
A
W
W
˚C
˚C
˚C
˚C
Input voltage
ON/OFF control terminal voltage
Output current
Power dissipation (No heat sink)
Power dissipation (With infinte heat sink)
Junction temperature
Operating temperature
Storage temperature
Soldering temperature
*1
*1
*2
*3
*1
All are open except GND and applicable terminals.
*2
Overheat shut-down function operates at Tj>=110˚C
*3
For 10s
s Absolute Maximum Ratings
(Ta=25˚C)
2
3
1
4
PQ05RB11
1 DC input (VIN)
2 DC output (VO)
3 GND
4 ON/OFF control
terminal (VC)
Internal connection diagram
Specific IC
10.2MAX
φ3.2±0.1
+0.3
-0
4-1.4
+0.2
-0.1
4-0.6
3-(2.54)
4.5±0.2
2.8±0.2
(1.5)
(0.5)
q
1
q
2
q
3
q
4
· Please refer to the chapter “Handling Precautions” .


Similar Part No. - PQ05RB11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PQ05R01 ETC1-PQ05R01 Datasheet
245Kb / 2P
   MULTI-FUNCTIONAL REGULATOR MODULE
PQ05R02 ETC1-PQ05R02 Datasheet
245Kb / 2P
   MULTI-FUNCTIONAL REGULATOR MODULE
PQ05R03 ETC1-PQ05R03 Datasheet
245Kb / 2P
   MULTI-FUNCTIONAL REGULATOR MODULE
PQ05R04 ETC1-PQ05R04 Datasheet
245Kb / 2P
   MULTI-FUNCTIONAL REGULATOR MODULE
PQ05R041 ETC1-PQ05R041 Datasheet
245Kb / 2P
   MULTI-FUNCTIONAL REGULATOR MODULE
More results

Similar Description - PQ05RB11

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ30VB11 SHARP-PQ30VB11 Datasheet
35Kb / 4P
   Variable Output Low Power-Loss Voltage Regulator(Built-in Overheat Shut-Down Function)
PQ05SZ5 SHARP-PQ05SZ5 Datasheet
53Kb / 7P
   Low Power-Loss Voltage Regulators (Built-in Reverse Voltage Protection Function)
PQ05RR1 SHARP-PQ05RR1 Datasheet
45Kb / 5P
   1A Output, Low Power-Loss Voltage Regulators(Built-in Reset Signal Generating Function)
PQ05RR12 SHARP-PQ05RR12 Datasheet
39Kb / 5P
   1A Output, Low Power-Loss Voltage Regulators(Built-in Reset Signal Generating Function)
PQ30RV1 SHARP-PQ30RV1_01 Datasheet
93Kb / 9P
   Low Power-Loss Voltage Regulators
logo
Panasonic Semiconductor
AN6545 PANASONIC-AN6545 Datasheet
27Kb / 3P
   Low Power Loss Voltage Regulators
logo
Sharp Corporation
PQ15RW11J00H SHARP-PQ15RW11J00H Datasheet
76Kb / 4P
   Low Power-Loss Voltage Regulators
PQ07VZ012Z SHARP-PQ07VZ012Z Datasheet
68Kb / 6P
   Low Power-Loss Voltage Regulators
logo
List of Unclassifed Man...
L1481T-5 ETC-L1481T-5 Datasheet
280Kb / 6P
   Low Power-Loss Voltage Regulators
logo
Sharp Corporation
PQ12RF2V SHARP-PQ12RF2V Datasheet
91Kb / 8P
   Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com