Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX639 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX639
Description  5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Conver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX639 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX639_05 Datasheet HTML 1Page - Maxim Integrated Products MAX639_05 Datasheet HTML 2Page - Maxim Integrated Products MAX639_05 Datasheet HTML 3Page - Maxim Integrated Products MAX639_05 Datasheet HTML 4Page - Maxim Integrated Products MAX639_05 Datasheet HTML 5Page - Maxim Integrated Products MAX639_05 Datasheet HTML 6Page - Maxim Integrated Products MAX639_05 Datasheet HTML 7Page - Maxim Integrated Products MAX639_05 Datasheet HTML 8Page - Maxim Integrated Products MAX639_05 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
0
10
MAX640
OUTPUT VOLTAGE RIPPLE vs.
INPUT VOLTAGE
25
100
V+ (V)
7
75
150
3456
8
9
11
12
IOUT = 25mA
L = 100
µH
125
50
L = 220
µH
L = 470
µH
0
10
MAX653
OUTPUT VOLTAGE RIPPLE vs.
INPUT VOLTAGE
25
100
V+ (V)
7
75
150
3456
8
9
11
12
ILOAD = 25mA
125
50
L = 220
µH
L = 470
µH
L = 100
µH
5V/3.3V/3V/Adjustable, High-Efficiency,
Low IQ, Step-Down DC-DC Converters
4
_______________________________________________________________________________________
100
50
10
µ
100
µ
1
EFFICIENCY vs.
OUTPUT CURRENT
60
OUTPUT CURRENT (A)
70
80
90
1m
10m
100m
L = 100
µH
MAX639, V+ = 6V
MAX640, V+ = 4.3V
MAX653, V+ = 4V
100
10
MAXIMUM OUTPUT CURRENT vs.
INPUT VOLTAGE
200
V+ (V)
7
250
3456
8
9
11
12
150
MAX640
MAX653
MAX639
L = 100
µH
80
10
EFFICIENCY vs.
INPUT VOLTAGE
85
95
V+ (V)
7
90
100
3456
8
9
11
12
IOUT = 100mA
MAX639
MAX640
MAX653
80
10
EFFICIENCY vs.
INPUT VOLTAGE
85
95
V+ (V)
7
90
100
3456
8
9
11
12
L = 470
µH
IOUT = 25mA
MAX639
MAX640
MAX653
25
10
MAXIMUM OUTPUT CURRENT vs.
INPUT VOLTAGE
65
V+ (V)
7
75
3456
8
9
11
12
55
MAX640
MAX653
MAX639
45
35
L = 470µH
0
10
MAX639
OUTPUT VOLTAGE RIPPLE vs.
INPUT VOLTAGE
25
100
INPUT VOLTAGE (V)
7
75
150
5
6
8
9
11
12
L = 100
µH
125
50
L = 220
µH
L = 470
µH
IOUT = 25mA
_____________________________Typical Operating Characteristics (continued)
(Circuit of Figure 3, internal feedback, L = 100µH, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX639_05

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6390 MAXIM-MAX6390 Datasheet
195Kb / 11P
   SC70, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
Rev 1; 04/01
MAX6390LT MAXIM-MAX6390LT Datasheet
231Kb / 13P
   SC70/關DFN, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
19-1839; Rev 4; 4/07
MAX6390LT__D_+T MAXIM-MAX6390LT__D_+T Datasheet
327Kb / 10P
   SC70/μDFN, Single/Dual Low-Voltage, Low-Power μP Reset Circuits
Rev 5; 7/12
MAX6390XS MAXIM-MAX6390XS Datasheet
231Kb / 13P
   SC70/關DFN, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
19-1839; Rev 4; 4/07
MAX6390XS16D1-T MAXIM-MAX6390XS16D1-T Datasheet
195Kb / 11P
   SC70, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
Rev 1; 04/01
More results

Similar Description - MAX639_05

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX639 MAXIM-MAX639 Datasheet
166Kb / 12P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters
Rev 3; 8/97
MAX877 MAXIM-MAX877 Datasheet
128Kb / 12P
   5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
Rev 1; 5/94
MAX1649 MAXIM-MAX1649 Datasheet
167Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
19-0305; Rev 2; 9/95
MAX1649 MAXIM-MAX1649_09 Datasheet
223Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Rev 3; 3/09
MAX1626 MAXIM-MAX1626 Datasheet
185Kb / 16P
   5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
19-1075; Rev 0; 6/96
MAX1626 MAXIM-MAX1626_V01 Datasheet
383Kb / 16P
   5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
2015
MAX770 MAXIM-MAX770 Datasheet
204Kb / 20P
   5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
Rev 2; 11/96
MAX830 MAXIM-MAX830 Datasheet
43Kb / 5P
   5V/3.3V/3V/Adjustable-Output, 1A, Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 2; 6/95
MAX710 MAXIM-MAX710 Datasheet
140Kb / 12P
   3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
Rev 0; 7/97
MAX777 MAXIM-MAX777 Datasheet
215Kb / 3P
   Low-Voltage-Input, 3V/3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
8/93
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com