Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS9093S Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS9093S
Description  iButton Wall Mount
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS9093S Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS9093S Datasheet HTML 1Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1 of 1
080207
FEATURES
Low-cost fixture that permanently secures an
iButton
® to an object.
Allows an iButton to be easily and
permanently attached to an object using
screws or rivets (F5 MicroCan
®).
Made from 13% glass filled Nylon 6/6
DESCRIPTION
The DS9093S allows the user to permanently
attach an iButton to an object with two screws,
or rivets. The plastic plate is designed with an
inset that accommodates the flange of the F5
package and allows for flush mounting. A
protective wall is provided along the sides of the
plate to reduce incidental damage to the iButton.
ORDERING INFORMATION
DS9093S+
Wall Mount for F5 iButton
+ Indicates lead-free compliance.
THROUGH-MOUNT FOR
CONTAINERS
A
A
B
B
Opening for
iButton
SECTION A-A
35.0
46.9
3.8
∅5.2
2.0
4.4
SECTION B-B
30.9
2.0
iButton
All dimensions are in mm.
DS9093S
iButton Wall Mount
www.maxim-ic.com
iButton and MicroCan registered trademarks of Dallas Semiconductor.


Similar Part No. - DS9093S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS9093S MAXIM-DS9093S Datasheet
82Kb / 1P
   iButton Wall Mounts
062503
logo
Dallas Semiconductor
DS9093S DALLAS-DS9093S Datasheet
43Kb / 1P
   iButton Wall Mount
DS9093S++ DALLAS-DS9093S+ Datasheet
43Kb / 1P
   iButton Wall Mount
More results

Similar Description - DS9093S

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9093S DALLAS-DS9093S Datasheet
43Kb / 1P
   iButton Wall Mount
logo
Maxim Integrated Produc...
DS9093S MAXIM-DS9093S Datasheet
82Kb / 1P
   iButton Wall Mounts
062503
logo
Dallas Semiconductor
DS9094SM DALLAS-DS9094SM_07 Datasheet
53Kb / 1P
   Surface-Mount iButton Clip
logo
Maxim Integrated Produc...
DS9094SM MAXIM-DS9094SM Datasheet
53Kb / 1P
   Surface-Mount iButton Clip
050207
logo
Dallas Semiconductor
DS9094SM DALLAS-DS9094SM Datasheet
44Kb / 1P
   Surface-Mount iButton??Clip
logo
Lumins Inc.
AR10W LUMINIS-AR10W Datasheet
99Kb / 2P
   Wall mount
PR200 LUMINIS-PR200 Datasheet
18Kb / 1P
   Wall mount
W1282 LUMINIS-W1282 Datasheet
143Kb / 3P
   Wall mount
W1290 LUMINIS-W1290 Datasheet
144Kb / 3P
   Wall mount
logo
SUNNY Computer Technolo...
SYS1308N-WXX SUNNY-SYS1308N-WXX Datasheet
874Kb / 2P
   Wall mount
03.10.2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com