Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1341 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS1341
Description  Low-Current I2C RTCs for High-ESR Crystals
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1341 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS1341_10 Datasheet HTML 5Page - Maxim Integrated Products DS1341_10 Datasheet HTML 6Page - Maxim Integrated Products DS1341_10 Datasheet HTML 7Page - Maxim Integrated Products DS1341_10 Datasheet HTML 8Page - Maxim Integrated Products DS1341_10 Datasheet HTML 9Page - Maxim Integrated Products DS1341_10 Datasheet HTML 10Page - Maxim Integrated Products DS1341_10 Datasheet HTML 11Page - Maxim Integrated Products DS1341_10 Datasheet HTML 12Page - Maxim Integrated Products DS1341_10 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Low-Current I2C RTCs for High-ESR Crystals
9
the ECLK bit is set. The external clock reference must be
within the defined frequency tolerance prior to initializing
the LOS flag.
Register Map
Table 1 shows the map for the DS1341/DS1342 regis-
ters. During a multibyte access, if the address pointer
reaches the end of the register space (0Fh), it wraps
around to location 00h. On either an I2C START or
address pointer incrementing to location 00h, the current
time is transferred to a second set of registers. The time
information is read from these secondary registers while
the clock continues to run. This eliminates the need to
reread the registers in case the main registers update
during a read.
I2C Interface
The I2C interface is guaranteed to operate when VCC is
between 1.8V and 5.5V and the EOSC bit is 0. The I2C
interface is accessible whenever VCC is at a valid level.
To prevent invalid device operation, the I2C interface
should not be accessed when VCC is below +1.8V.
If a microcontroller connected to the DS1341/DS1342
resets during I2C communications, it is possible that the
microcontroller and the DS1341/DS1342 could become
unsynchronized. When the microcontroller resets, the
DS1341/DS1342 I2C interface can be placed into a
known state by holding SCL low for tTIMEOUT. Doing so
limits the minimum frequency at which the I2C interface
can be operated. If data is being written to the device
Table 1. Register Map
Note: Bits listed as 0 always read back as 0 and cannot be written to a 1.
ADDRESS
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
FUNCTION
RANGE
00h
0
10 Seconds
Seconds
Seconds
00–59
01h
0
10 Minutes
Minutes
Minutes
00–59
02h
0
12/24
AM/PM
10hr
Hour
Hours
1–12+AM/PM
00–23
10hr
03h
0
0
0
0
0
Day
Day
1–7
04h
0
0
10 Date
Date
Date
01–31
05h
CENT
0
0
10 MO
Month
Month/
Century
01–12 + Century
06h
10 Year
Year
Year
00–99
07h
A1M1
10 Seconds
Seconds
Alarm 1
Seconds
00–59
08h
A1M2
10 Minutes
Minutes
Alarm 1
Minutes
00–59
09h
A1M3
12/24
AM/PM
10hr
Hour
Alarm 1
Hours
1–12 + AM/PM
00–23
10hr
0Ah
A1M4
DY/DT
10 Date
Day,
Date
Alarm 1 Day,
Alarm 1 Date
1–7
1–31
0Bh
A2M2
10 Minutes
Minutes
Alarm 2
Minutes
00–59
0Ch
A2M3
12/24
AM/PM
10hr
Hour
Alarm 2
Hours
1–12 + AM/PM
00–23
10hr
0Dh
A2M4
DY/DT
10 Date
Day,
Date
Alarm 2 Day,
Alarm 2 Date
1–7
1–31
0Eh
EOSC
0
EGFIL
RS2
RS1
INTCN
A2IE
A1IE
Control
0Fh
OSF
DOSF
LOS
CLKSEL2 CLKSEL1
ECLK
A2F
A1F
Control/
Status


Similar Part No. - DS1341_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1341 MAXIM-DS1341_12 Datasheet
1Mb / 16P
   Low-Current I2C RTCs for High-ESR Crystals
Rev 2; 1/12
More results

Similar Description - DS1341_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1341 MAXIM-DS1341 Datasheet
799Kb / 14P
   Low-Current I2C RTCs for High-ESR Crystals
Rev 0; 10/09
DS1341 MAXIM-DS1341_12 Datasheet
1Mb / 16P
   Low-Current I2C RTCs for High-ESR Crystals
Rev 2; 1/12
DS1339B MAXIM-DS1339B Datasheet
657Kb / 19P
   Low-Current, I2C, Serial Real-Time Clock for High-ESR Crystals
Rev 1 4/15
DS1343_1112 MAXIM-DS1343_1112 Datasheet
1Mb / 20P
   Low-Current SPI/3-Wire RTCs
Rev 1; 12/11
logo
Illinois Capacitor, Inc...
396UVR016MEW ILLINOISCAPACITOR-396UVR016MEW_16 Datasheet
181Kb / 2P
   Low ESR, High Ripple Current
PWS ILLINOISCAPACITOR-PWS Datasheet
193Kb / 3P
   Low ESR - High Current ??High pulse current ratings
logo
Surge Components
HBW SURGE-HBW Datasheet
486Kb / 3P
   low esr and high ripple current
HBV SURGE-HBV Datasheet
501Kb / 3P
   low esr and high ripple current
logo
Maxim Integrated Produc...
DS1343 MAXIM-DS1343 Datasheet
1Mb / 20P
   Low-Current SPI/3-Wire RTCs Low Timekeeping Current of 250nA (typ)
Rev 0; 3/11
logo
Illinois Capacitor, Inc...
MPP ILLINOISCAPACITOR-MPP Datasheet
167Kb / 2P
   High Ripple Current ??Low ESR ??High Reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com