Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1340 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS1340
Description  I2C RTC with Trickle Charger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1340 Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS1340_11 Datasheet HTML 1Page - Maxim Integrated Products DS1340_11 Datasheet HTML 2Page - Maxim Integrated Products DS1340_11 Datasheet HTML 3Page - Maxim Integrated Products DS1340_11 Datasheet HTML 4Page - Maxim Integrated Products DS1340_11 Datasheet HTML 5Page - Maxim Integrated Products DS1340_11 Datasheet HTML 6Page - Maxim Integrated Products DS1340_11 Datasheet HTML 7Page - Maxim Integrated Products DS1340_11 Datasheet HTML 8Page - Maxim Integrated Products DS1340_11 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
I2C RTC with Trickle Charger
_______________________________________________________________________________________
5
OUTPUTS
VCC
VPF(MAX)
INPUTS
HIGH-Z
DON'T CARE
VALID
RECOGNIZED
RECOGNIZED
VALID
VPF(MIN)
tREC
tR
tF
VPF
VPF
Figure 2. Power-Up/Power-Down Timing
Typical Operating Characteristics
(VCC = +3.3V, TA = +25°C, unless otherwise noted.)
ICCSA vs. VCC FT = 0
VCC (V)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
50
100
150
200
250
0
1.0
5.5
25
50
75
100
125
150
0
ICCS vs. VCC FT = 0
VCC (V)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
5.5
-1.8V
-3.0V
-3.3V
IBACKUP1 (FT = 0) vs. VBACKUP
450
500
550
600
650
700
750
800
850
400
VBACKUP (V)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
5.5
IBACKUP2 (FT = 1) vs. VBACKUP
450
500
550
600
650
700
750
800
850
400
VBACKUP (V)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
5.5
IBACKUP3 vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
-20
0
20
500
550
600
650
700
750
800
850
-40
80
VBACKUP = 3.0V
OSCILLATOR FREQUENCY vs. SUPPLY VOLTAGE
(FT x 64)
VBACKUP (V)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
32768.1
32768.2
32768.3
32768.4
32768.5
32768.6
32768.0
1.0
5.5


Similar Part No. - DS1340_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1340-3 MAXIM-DS1340-3 Datasheet
235Kb / 14P
   I2C RTC with Trickle Charger
Rev 4; 3/06
DS1340C-18 MAXIM-DS1340C-18 Datasheet
1Mb / 13P
   I2C RTC with Trickle Charger
DS1340C-18 MAXIM-DS1340C-18 Datasheet
235Kb / 14P
   I2C RTC with Trickle Charger
Rev 4; 3/06
DS1340C-18 MAXIM-DS1340C-18 Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
DS1340C-18++ MAXIM-DS1340C-18+ Datasheet
1Mb / 13P
   I2C RTC with Trickle Charger
More results

Similar Description - DS1340_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1340U MAXIM-DS1340U Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
DS1340 MAXIM-DS1340 Datasheet
1Mb / 13P
   I2C RTC with Trickle Charger
DS1340 MAXIM-DS1340_06 Datasheet
235Kb / 14P
   I2C RTC with Trickle Charger
Rev 4; 3/06
DS1388 MAXIM-DS1388_08 Datasheet
235Kb / 19P
   I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 1; 9/08
logo
Dallas Semiconductor
DS12R885 DALLAS-DS12R885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
logo
Maxim Integrated Produc...
DS12R885 MAXIM-DS12R885_07 Datasheet
356Kb / 23P
   RTC with Constant-Voltage Trickle Charger
Rev 5; 2/07
DS1388 MAXIM-DS1388 Datasheet
381Kb / 18P
   I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 0; 4/05
DS12CR885 MAXIM-DS12CR885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
Rev 1; 4/04
DS1374 MAXIM-DS1374_10 Datasheet
273Kb / 18P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 4; 8/10
DS1374 MAXIM-DS1374 Datasheet
292Kb / 17P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 3; 1/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com