Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL9117MIRZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ZL9117MIRZ
Description  Digital DC/DC PMBus 17A Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL9117MIRZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ZL9117MIRZ Datasheet HTML 3Page - Intersil Corporation ZL9117MIRZ Datasheet HTML 4Page - Intersil Corporation ZL9117MIRZ Datasheet HTML 5Page - Intersil Corporation ZL9117MIRZ Datasheet HTML 6Page - Intersil Corporation ZL9117MIRZ Datasheet HTML 7Page - Intersil Corporation ZL9117MIRZ Datasheet HTML 8Page - Intersil Corporation ZL9117MIRZ Datasheet HTML 9Page - Intersil Corporation ZL9117MIRZ Datasheet HTML 10Page - Intersil Corporation ZL9117MIRZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ZL9117M
7
FN7914.1
October 21, 2011
FIGURE 8. RAMP-DOWN
Typical Performance Curves Operatingcondition:T
A = +25°C, No air flow, FSW = 571kHz. VDRV = 5V. COUT = 3000µF.
Typical values are used unless otherwise noted. (Continued)
-0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0123456789
10
TIME (ms)
VOUT = 1.2V
tFALL = 5ms
VIN = 12V
Derating Curves Operating conditions: T
A = +25°C, FSW = 571kHz. VDRV = 5V. COUT = 3000µF.
Typical values are used unless otherwise noted.
FIGURE 9. DERATING CURVE, 5VIN, FOR VARIOUS OUTPUT
VOLTAGES LISTED
FIGURE 10. DERATING CURVE, 12VIN, FOR VARIOUS OUTPUT
VOLTAGES LISTED
FIGURE 11. POWER LOSS CURVE, 5VIN, FOR VARIOUS OUTPUT
VOLTAGES LISTED
FIGURE 12. POWER LOSS CURVE, 12VIN, FOR VARIOUS OUTPUT
VOLTAGES LISTED
0
2
4
6
8
10
12
14
16
18
20
50
60
70
80
90
100
110
120
130
AMBIENT TEMPERATURE (°C)
1.0V
3.3V
NO AIR FLOW
0
2
4
6
8
10
12
14
16
18
20
50
60
70
80
90
100
110
120
130
AMBIENT TEMPERATURE (°C)
1.0V
1.8V
2.5V
3.3V
NO AIR FLOW
0
1
2
3
4
5
6
7
0
2468
10
12
14
16
18
OUTPUT CURRENT (A)
1.0V
1.2V
2.5V
3.3V
1.8V
0
1
2
3
4
5
6
7
0
2
4
6
8
10
12
14
16
18
OUTPUT CURRENT (A)
1.0V
1.2V
1.8V
2.5V
3.3V


Similar Part No. - ZL9117MIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL9117MIRZ INTERSIL-ZL9117MIRZ Datasheet
1Mb / 58P
   Digital DC/DC PMBus 17A Module
December 16, 2014
logo
Renesas Technology Corp
ZL9117MIRZ RENESAS-ZL9117MIRZ Datasheet
2Mb / 63P
   Digital DC/DC PMBus 17A Module
More results

Similar Description - ZL9117MIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL9117MIRZ INTERSIL-ZL9117MIRZ Datasheet
1Mb / 58P
   Digital DC/DC PMBus 17A Module
December 16, 2014
logo
Renesas Technology Corp
ZL9117M RENESAS-ZL9117M Datasheet
2Mb / 63P
   Digital DC/DC PMBus 17A Module
ISL8270M RENESAS-ISL8270M Datasheet
2Mb / 56P
   Digital DC/DC PMBus 25A Module
ISL8271M RENESAS-ISL8271M Datasheet
2Mb / 57P
   Digital DC/DC PMBus 33A Module
logo
Intersil Corporation
ZL9101M_1104 INTERSIL-ZL9101M_1104 Datasheet
820Kb / 17P
   Digital DC/DC PMBus 12A Module
ISL8271MAIRZ INTERSIL-ISL8271MAIRZ Datasheet
1Mb / 51P
   Digital DC/DC PMBus 33A Module
December 18, 2014
ISL28288 INTERSIL-ISL28288_11 Datasheet
995Kb / 17P
   Digital DC/DC PMBus 12A Module
ZL9101M INTERSIL-ZL9101M_11 Datasheet
877Kb / 17P
   Digital DC/DC PMBus 12A Module
ISL8270MAIRZ INTERSIL-ISL8270MAIRZ Datasheet
1Mb / 51P
   Digital DC/DC PMBus 25A Module
July 2, 2015
ZL9101MIRZ INTERSIL-ZL9101MIRZ Datasheet
1Mb / 67P
   Digital DC/DC PMBus 12A Module
February 12, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com