Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1230Y Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1230Y
Description  256k Nonvolatile SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1230Y Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1230Y_10 Datasheet HTML 1Page - Dallas Semiconductor DS1230Y_10 Datasheet HTML 2Page - Dallas Semiconductor DS1230Y_10 Datasheet HTML 3Page - Dallas Semiconductor DS1230Y_10 Datasheet HTML 4Page - Dallas Semiconductor DS1230Y_10 Datasheet HTML 5Page - Dallas Semiconductor DS1230Y_10 Datasheet HTML 6Page - Dallas Semiconductor DS1230Y_10 Datasheet HTML 7Page - Dallas Semiconductor DS1230Y_10 Datasheet HTML 8Page - Dallas Semiconductor DS1230Y_10 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DS1230Y/AB
3 of 10
PACKAGES
The DS1230 devices are available in two packages: 28-pin DIP and 34-pin PowerCap Module (PCM).
The 28-pin DIP integrates a lithium battery, an SRAM memory and a nonvolatile control function into a
single package with a JEDEC-standard, 600-mil DIP pinout. The 34-pin PowerCap Module integrates
SRAM memory and nonvolatile control along with contacts for connection to the lithium battery in the
DS9034PC PowerCap. The PowerCap Module package design allows a DS1230 PCM device to be
surface mounted without subjecting its lithium backup battery to destructive high-temperature reflow
soldering. After a DS1230 PCM is reflow soldered, a DS9034PC PowerCap is snapped on top of the
PCM to form a complete Nonvolatile SRAM module. The DS9034PC is keyed to prevent improper
attachment. DS1230 PowerCap Modules and DS9034PC PowerCaps are ordered separately and shipped
in separate containers. See the DS9034PC data sheet for further information.


Similar Part No. - DS1230Y_10

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1230Y-100 DALLAS-DS1230Y-100 Datasheet
213Kb / 12P
   256k Nonvolatile SRAM
DS1230Y-100-IND DALLAS-DS1230Y-100-IND Datasheet
213Kb / 12P
   256k Nonvolatile SRAM
DS1230Y-100IND DALLAS-DS1230Y-100IND Datasheet
213Kb / 12P
   256k Nonvolatile SRAM
More results

Similar Description - DS1230Y_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1230AB MAXIM-DS1230AB Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
19-5635; Rev 11/10
logo
Dallas Semiconductor
DS1230Y DALLAS-DS1230Y Datasheet
213Kb / 12P
   256k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1230Y-120 MAXIM-DS1230Y-120 Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
Rev 11/10
logo
Dallas Semiconductor
DS1230W DALLAS-DS1230W Datasheet
214Kb / 11P
   3.3V 256k Nonvolatile SRAM
logo
ARTSCHIP ELECTRONICS CO...
DS1230W ARTSCHIP-DS1230W Datasheet
527Kb / 11P
   3.3V 256K Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1230W MAXIM-DS1230W Datasheet
202Kb / 10P
   3.3V 256k Nonvolatile SRAM
19-5636; Rev 11/10
DS2030W MAXIM-DS2030W Datasheet
610Kb / 12P
   3.3V Single-Piece 256k Nonvolatile SRAM
Rev 0; 10/04
logo
Dallas Semiconductor
DS1330AB DALLAS-DS1330AB Datasheet
191Kb / 11P
   256k Nonvolatile SRAM with Battery Monitor
DS1330Y DALLAS-DS1330Y_10 Datasheet
217Kb / 10P
   256k Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1330AB MAXIM-DS1330AB Datasheet
217Kb / 10P
   256k Nonvolatile SRAM with Battery Monitor
19-5593; Rev 10/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com