Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL97687 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL97687
Description  4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97687 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL97687 Datasheet HTML 1Page - Intersil Corporation ISL97687 Datasheet HTML 2Page - Intersil Corporation ISL97687 Datasheet HTML 3Page - Intersil Corporation ISL97687 Datasheet HTML 4Page - Intersil Corporation ISL97687 Datasheet HTML 5Page - Intersil Corporation ISL97687 Datasheet HTML 6Page - Intersil Corporation ISL97687 Datasheet HTML 7Page - Intersil Corporation ISL97687 Datasheet HTML 8Page - Intersil Corporation ISL97687 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ISL97687
4
FN7714.0
September 15, 2011
18
22
ISET1
I
Resistor connection for setting LED current. 28.7kΩ = 100mA
19
23
ISET2
I
Resistor connection for setting LED current. 28.7kΩ = 100mA
20
24
OSC
I
Boost switching frequency adjustment
21
25
ACTL
I
Analog dimming input (input range is 0.3V to 3V)
22
26
PGND
S
Power Ground return for LED current
23
27
CH4
I
LED PWM Driver
24
28
CH3
I
LED PWM Driver
25
1
CH2
I
LED PWM Driver
26
2
CH1
I
LED PWM Driver
27
3
PGND
S
Power Ground return for LED current
28
4
CSEL
I
ISET Resistor Selection Pin.
CSEL = 0 : ISET 1 resistor sets LED current
CSEL = 1 : ISET 2 resistor sets LED current
Pin Descriptions (Continued)
TQFN
SOIC
PIN NAME PIN TYPE
PIN DESCRIPTION
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART MARKING
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL97687IRTZ
ISL97687 IRTZ
28 Ld 5x5 TQFN
L28.5x5B
ISL976787IBZ
ISL97687IBZ
28 Ld SOIC (300mil)
M28.3
ISL97687IRTZ-LEVALZ
Evaluation Board (12 LEDs populated in each channel)
ISL97687IRTZ-HEVALZ
Evaluation Board (22 LEDs populated in each channel)
ISL97687IBZ-EVAL1Z
Evaluation Board (None of LEDs on the evaluation board)
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL97687. For more information on MSL, please see Technical Brief
TB363.


Similar Part No. - ISL97687

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97687 RENESAS-ISL97687 Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
logo
Intersil Corporation
ISL97687 INTERSIL-ISL97687 Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
November 13, 2013
ISL97687IBZ INTERSIL-ISL97687IBZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97687IBZ-EVAL1Z INTERSIL-ISL97687IBZ-EVAL1Z Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97687IBZEV1Z INTERSIL-ISL97687IBZEV1Z Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
November 13, 2013
More results

Similar Description - ISL97687

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97687IRTZ INTERSIL-ISL97687IRTZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
November 13, 2013
ISL97687IBZ INTERSIL-ISL97687IBZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97687IRTZ-T INTERSIL-ISL97687IRTZ-T Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
logo
Renesas Technology Corp
ISL97687 RENESAS-ISL97687 Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
logo
Intersil Corporation
ISL97675 INTERSIL-ISL97675 Datasheet
550Kb / 20P
   4-Channel LED Driver with Phase Shift Control
logo
Renesas Technology Corp
ISL97675 RENESAS-ISL97675 Datasheet
982Kb / 21P
   4-Channel LED Driver with Phase Shift Control
ISL97673 RENESAS-ISL97673 Datasheet
1Mb / 28P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
Sep 19, 2017
logo
Intersil Corporation
ISL97673IRZ INTERSIL-ISL97673IRZ Datasheet
724Kb / 27P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
October 5, 2012
ISL97673 INTERSIL-ISL97673_10 Datasheet
578Kb / 27P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
ISL78171ARZ INTERSIL-ISL78171ARZ Datasheet
931Kb / 29P
   6-Channel, 50mA Automotive LED Driver with Ultra-high Dimming Ratio and Phase Shift Control
June 15, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com