Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL62381CHRTZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL62381CHRTZ
Description  High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL62381CHRTZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL62381CHRTZ Datasheet HTML 6Page - Intersil Corporation ISL62381CHRTZ Datasheet HTML 7Page - Intersil Corporation ISL62381CHRTZ Datasheet HTML 8Page - Intersil Corporation ISL62381CHRTZ Datasheet HTML 9Page - Intersil Corporation ISL62381CHRTZ Datasheet HTML 10Page - Intersil Corporation ISL62381CHRTZ Datasheet HTML 11Page - Intersil Corporation ISL62381CHRTZ Datasheet HTML 12Page - Intersil Corporation ISL62381CHRTZ Datasheet HTML 13Page - Intersil Corporation ISL62381CHRTZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10
FN6665.5
May 13, 2011
FIGURE 9. ENABLE CONTROL, EN1 = HIGH, VIN = 12V,
VO = 3.3V, IO =5A
FIGURE 10. ENABLE CONTROL, EN1 = LOW, VIN = 12V,
VO = 3.3V, IO =5A
FIGURE 11. CCM STEADY-STATE OPERATION,VIN = 12V,
VO1 = 3.3V, IO1 =5A, VO2 =5V, IO2 =5A
FIGURE 12. DCM STEADY-STATE OPERATION,VIN = 12V,
VO1 = 3.3V, IO1 = 0. 2A, VO2 =5V, IO2 = 0. 2A
FIGURE 13. AUDIO FILTER OPERATION, VIN = 12V,
VO1 = 3.3V, VO2 = 5V, NO LOAD
FIGURE 14. TRANSIENT RESPONSE, VIN = 12V, VO =3.3V,
IO = 0.1A/8.1A @ 2.5A/µs
Typical Performance (Continued)
VO1
FB1
PGOOD1
EN1
VO1
FB1
PGOOD1
EN1
PHASE2
VO2
PHASE1
VO1
VO1
PHASE1
VO2
PHASE2
VO1
PHASE1
VO2
PHASE2
IO1
VO1
PHASE1
ISL62381, ISL62382, ISL62383, ISL62381C, ISL62382C, ISL62383C


Similar Part No. - ISL62381CHRTZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL62381CHRTZ RENESAS-ISL62381CHRTZ Datasheet
1Mb / 24P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
More results

Similar Description - ISL62381CHRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62381 INTERSIL-ISL62381 Datasheet
472Kb / 23P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL62381 RENESAS-ISL62381 Datasheet
1Mb / 24P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
ISL62391 RENESAS-ISL62391 Datasheet
1Mb / 22P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL62391 INTERSIL-ISL62391 Datasheet
513Kb / 20P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL62386 RENESAS-ISL62386 Datasheet
929Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL62386 INTERSIL-ISL62386 Datasheet
445Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL6232 INTERSIL-ISL6232 Datasheet
671Kb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX782 MAXIM-MAX782 Datasheet
497Kb / 32P
   Triple-Output Power-Supply Controller for Notebook Computers
Rev 2; 5/94
MAX783 MAXIM-MAX783 Datasheet
279Kb / 28P
   Triple-Output Power-Supply Controller for Notebook Computers
19-0045; Rev 1; 5/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com