Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL23428WFRUZ-T7A Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL23428WFRUZ-T7A
Description  Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23428WFRUZ-T7A Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL23428WFRUZ-T7A Datasheet HTML 2Page - Intersil Corporation ISL23428WFRUZ-T7A Datasheet HTML 3Page - Intersil Corporation ISL23428WFRUZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL23428WFRUZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL23428WFRUZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL23428WFRUZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL23428WFRUZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL23428WFRUZ-T7A Datasheet HTML 9Page - Intersil Corporation ISL23428WFRUZ-T7A Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
ISL23428
6
FN7904.0
August 25, 2011
Roffset
(Note 15)
Offset, Wiper at 0 Position
W option; VCC = 2.7V to 5.5V
0
1.8
3
MI
(Note 14)
W option; VCC = 1.7V
3
MI
(Note 14)
U, T option; VCC = 2.7V to 5.5V
0
0.3
1
MI
(Note 14)
U, T option; VCC = 1.7V
0.5
MI
(Note 14)
Rmatch
(Note 22)
DCP to DCP Matching
Any two DCPs at the same tap position
with the same terminal voltages
-2
±0.5
2
LSB
(Note 8)
TCR
(Note 18)
Resistance TemperatureCoefficient
W option; Wiper register set between 19
hex and 7F hex
170
ppm/°C
U option; Wiper register set between 19
hex and 7F hex
80
ppm/°C
T option; Wiper register set between 19
hex and 7F hex
50
ppm/°C
Analog Specifications VCC = 2.7V to 5.5V, VLOGIC = 1.2V to 5.5V over recommended operating conditions unless otherwise stated.
Boldface limits apply over the operating temperature range, -40°C to +125°C. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 19)
TYP
(Note 7)
MAX
(Note 19)
UNITS
Operating Specifications VCC = 2.7V to 5.5V, VLOGIC = 1.2V to 5.5V over recommended operating conditions unless otherwise stated.
Boldface limits apply over the operating temperature range, -40°C to +125°C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 19)
TYP
(Note 7)
MAX
(Note 19)
UNITS
ILOGIC
VLOGIC Supply Current (Write/Read)
VLOGIC = 5.5V, VCC = 5.5V,
fSCK = 5MHz (for SPI active read and write)
1.5
mA
VLOGIC = 1.2V, VCC = 1.7V,
fSCK = 1MHz (for SPI active read and write)
30
µA
ICC
VCC Supply Current (Write/Read)
VLOGIC = 5.5V, VCC = 5.5V
100
µA
VLOGIC = 1.2V, VCC = 1.7V
10
µA
ILOGIC SB VLOGIC Standby Current
VLOGIC = VCC = 5.5V,
SPI interface in standby
2
µA
VLOGIC = 1.2V, VCC = 1.7V,
SPI interface in standby
0.5
µA
ICC SB
VCC Standby Current
VLOGIC = VCC = 5.5V,
SPI interface in standby
2
µA
VLOGIC = 1.2V, VCC = 1.7V,
SPI interface in standby
1.2
µA
ILOGIC
SHDN
VLOGIC Shutdown Current
VLOGIC = VCC = 5.5V,
SPI interface in standby
2
µA
VLOGIC = 1.2V, VCC = 1.7V,
SPI interface in standby
0.5
µA
ICC SHDN
VCC Shutdown Current
VLOGIC = VCC = 5.5V,
SPI interface in standby
2
µA
VLOGIC = 1.2V, VCC = 1.7V,
SPI interface in standby
1.2
µA
ILkgDig
Leakage Current, at Pins CS, SDO, SDI, SCK Voltage at pin from GND to VLOGIC
-0.4
<0.1
0.4
µA


Similar Part No. - ISL23428WFRUZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23428WFRUZ-T7A INTERSIL-ISL23428WFRUZ-T7A Datasheet
702Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 23, 2015
logo
Renesas Technology Corp
ISL23428WFRUZ-T7A RENESAS-ISL23428WFRUZ-T7A Datasheet
1Mb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - ISL23428WFRUZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23328TFVZ INTERSIL-ISL23328TFVZ Datasheet
693Kb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 29, 2015
ISL23428TFVZ INTERSIL-ISL23428TFVZ Datasheet
702Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 23, 2015
logo
Renesas Technology Corp
ISL23328 RENESAS-ISL23328 Datasheet
1Mb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23428 RENESAS-ISL23428 Datasheet
1Mb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23328 INTERSIL-ISL23328 Datasheet
779Kb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23418 RENESAS-ISL23418 Datasheet
1Mb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23348 INTERSIL-ISL23348 Datasheet
865Kb / 19P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23418 INTERSIL-ISL23418 Datasheet
927Kb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23448 INTERSIL-ISL23448 Datasheet
754Kb / 21P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23348 RENESAS-ISL23348 Datasheet
1Mb / 19P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
August 24, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com