Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL23428WFRUZ-T7A Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL23428WFRUZ-T7A
Description  Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23428WFRUZ-T7A Datasheet(HTML) 4 Page - Intersil Corporation

  ISL23428WFRUZ-T7A Datasheet HTML 1Page - Intersil Corporation ISL23428WFRUZ-T7A Datasheet HTML 2Page - Intersil Corporation ISL23428WFRUZ-T7A Datasheet HTML 3Page - Intersil Corporation ISL23428WFRUZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL23428WFRUZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL23428WFRUZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL23428WFRUZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL23428WFRUZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL23428WFRUZ-T7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
ISL23428
4
FN7904.0
August 25, 2011
Absolute Maximum Ratings
Thermal Information
Supply Voltage Range
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.0V
VLOGIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.0V
Voltage on Any DCP Terminal Pin. . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.0V
Voltage on Any Digital Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.0V
Wiper current IW (10s). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±6mA
ESD Rating
Human Body Model (Tested per JESD22-A114E) . . . . . . . . . . . . . . .4.5kV
CDM Model (Tested per JESD22-A114E) . . . . . . . . . . . . . . . . . . . . . . . 1kV
Machine Model (Tested per JESD22-A115-A) . . . . . . . . . . . . . . . . . 300V
Latch Up (Tested per JESD-78B; Class 2, Level A) . . . . 100mA @ +125°C
Thermal Resistance (Typical)
JA (°C/W)
JC (°C/W)
14 Ld TSSOP Package (Notes 5, 6) . . . . . .
112
40
16 Ld UTQFN Package (Notes 5, 6) . . . . . .
110
64
Maximum Junction Temperature (Plastic Package) . . . . . . . . . . . .+150°C
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
VCC Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.7V to 5.5V
VLOGIC Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.2V to 5.5V
DCP Terminal Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0 to VCC
Max Wiper Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±3mA
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
5.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
6. For
JC, the “case temp” location is the center top of the package.
Analog Specifications VCC = 2.7V to 5.5V, VLOGIC = 1.2V to 5.5V over recommended operating conditions unless otherwise stated.
Boldface limits apply over the operating temperature range, -40°C to +125°C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 19)
TYP
(Note 7)
MAX
(Note 19)
UNITS
RTOTAL
RH to RL Resistance
W option
10
kΩ
U option
50
kΩ
T option
100
kΩ
RH to RL Resistance Tolerance
-20
±2
+20
%
End-to-End Temperature Coefficient
W option
125
ppm/°C
U option
65
ppm/°C
T option
45
ppm/°C
VRH, VRL
DCP Terminal Voltage
VRH or VRL to GND
0VCC
V
RW
Wiper Resistance
RH - floating, VRL = 0V, force IW current to
the wiper, IW = (VCC - VRL)/RTOTAL,
VCC = 2.7V to 5.5V
70
200
VCC = 1.7V
580
CH/CL/CW Terminal Capacitance
See “DCP Macro Model” on page 9
32/32/32
pF
ILkgDCP
Leakage on DCP Pins
Voltage at pin from GND to VCC
-0.4
<0.1
0.4
µA
Noise
Resistor Noise Density
Wiper at middle point, W option
16
nV/√Hz
Wiper at middle point, U option
49
nV/√Hz
Wiper at middle point, T option
61
nV/√Hz
Feed Thru Digital Feed-through from Bus to Wiper Wiper at middle point
-65
dB
PSRR
Power Supply Reject Ratio
Wiper output change if VCC change
±10%; wiper at middle point
-75
dB


Similar Part No. - ISL23428WFRUZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23428WFRUZ-T7A INTERSIL-ISL23428WFRUZ-T7A Datasheet
702Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 23, 2015
logo
Renesas Technology Corp
ISL23428WFRUZ-T7A RENESAS-ISL23428WFRUZ-T7A Datasheet
1Mb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - ISL23428WFRUZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23328TFVZ INTERSIL-ISL23328TFVZ Datasheet
693Kb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 29, 2015
ISL23428TFVZ INTERSIL-ISL23428TFVZ Datasheet
702Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 23, 2015
logo
Renesas Technology Corp
ISL23328 RENESAS-ISL23328 Datasheet
1Mb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23428 RENESAS-ISL23428 Datasheet
1Mb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23328 INTERSIL-ISL23328 Datasheet
779Kb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23418 RENESAS-ISL23418 Datasheet
1Mb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23348 INTERSIL-ISL23348 Datasheet
865Kb / 19P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23418 INTERSIL-ISL23418 Datasheet
927Kb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23448 INTERSIL-ISL23448 Datasheet
754Kb / 21P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23348 RENESAS-ISL23348 Datasheet
1Mb / 19P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
August 24, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com