Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL32613EFHZ-T Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL32613EFHZ-T
Description  짹16.5kV ESD Protected, 125째C, 1.8V to 3.6V, Low Power, SOT-23, RS-485/RS-422 Transmitters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32613EFHZ-T Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL32613EFHZ-T Datasheet HTML 3Page - Intersil Corporation ISL32613EFHZ-T Datasheet HTML 4Page - Intersil Corporation ISL32613EFHZ-T Datasheet HTML 5Page - Intersil Corporation ISL32613EFHZ-T Datasheet HTML 6Page - Intersil Corporation ISL32613EFHZ-T Datasheet HTML 7Page - Intersil Corporation ISL32613EFHZ-T Datasheet HTML 8Page - Intersil Corporation ISL32613EFHZ-T Datasheet HTML 9Page - Intersil Corporation ISL32613EFHZ-T Datasheet HTML 10Page - Intersil Corporation ISL32613EFHZ-T Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
ISL32613E, ISL32614E
11
FN7906.0
August 30, 2011
Package Outline Drawing
P6.064
6 LEAD SMALL OUTLINE TRANSISTOR PLASTIC PACKAGE
Rev 4, 2/10
Dimension is exclusive of mold flash, protrusions or gate burrs.
Package conforms to JEDEC MO-178AB.
Foot length is measured at reference to gauge plane.
Dimensions in (
) for Reference Only.
Dimensioning and tolerancing conform to ASME Y14.5M-1994.
5.
3.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
DETAIL "X"
SIDE VIEW
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
END VIEW
INDEX AREA
PIN 1
SEATING PLANE
GAUGE
0.45±0.1
(2 PLCS)
10° TYP
4
1.90
0.40 ±0.10
2.90 ±0.10
0.95
1.60 +0.15/-0.10
2.80
0.00-0.15
1.15 +0.15/-0.25
0.20
C A-B D
M
(1.20)
(0.60)
(0.95)
(2.40)
0.10 C
0.08-0.22
SEE DETAIL X
(0.25)
1.45 MAX
(0.60)
0-8°
C
B
A
D
3
3
3
3
0.20 C
2x
12
3
65
4
PLANE


Similar Part No. - ISL32613EFHZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL32613EFHZ-T RENESAS-ISL32613EFHZ-T Datasheet
687Kb / 12P
   ±16.5kV ESD Protected, 125°C, 1.8V to 3.6V, Low Power, SOT-23,
Sep 27, 2019
ISL32613EFHZ-T7A RENESAS-ISL32613EFHZ-T7A Datasheet
687Kb / 12P
   ±16.5kV ESD Protected, 125°C, 1.8V to 3.6V, Low Power, SOT-23,
Sep 27, 2019
More results

Similar Description - ISL32613EFHZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3293E INTERSIL-ISL3293E Datasheet
641Kb / 17P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
logo
Renesas Technology Corp
ISL32610E RENESAS-ISL32610E Datasheet
791Kb / 12P
   짹16.5kV ESD Protected, 1.8V, Micro Power, 125째C, 1/8 Unit Load, RS-485/RS- 422 Differential Receivers
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E Datasheet
599Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Integrated Device Techn...
ISL3283EFHZ-T IDT-ISL3283EFHZ-T Datasheet
605Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Intersil Corporation
ISL32172E INTERSIL-ISL32172E Datasheet
1Mb / 20P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Maxim Integrated Produc...
MAX3040 MAXIM-MAX3040 Datasheet
262Kb / 15P
   짹10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
Rev 1; 12/01
logo
STMicroelectronics
ST485E STMICROELECTRONICS-ST485E Datasheet
265Kb / 13P
   짹5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
ST485E STMICROELECTRONICS-ST485E_07 Datasheet
305Kb / 19P
   짹15KV ESD protected, low power RS-485/RS-422 transceiver
8339 STMICROELECTRONICS-8339 Datasheet
303Kb / 13P
   짹15KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com