Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS89C450 Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS89C450
Description  Ultra-High-Speed Flash Microcontrollers
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS89C450 Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS89C450 Datasheet HTML 7Page - Dallas Semiconductor DS89C450 Datasheet HTML 8Page - Dallas Semiconductor DS89C450 Datasheet HTML 9Page - Dallas Semiconductor DS89C450 Datasheet HTML 10Page - Dallas Semiconductor DS89C450 Datasheet HTML 11Page - Dallas Semiconductor DS89C450 Datasheet HTML 12Page - Dallas Semiconductor DS89C450 Datasheet HTML 13Page - Dallas Semiconductor DS89C450 Datasheet HTML 14Page - Dallas Semiconductor DS89C450 Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
DS89C430/DS89C450 Ultra-High-Speed Flash Microcontrollers
11 of 46
POWER-CYCLE TIMING CHARACTERISTICS
(VCC = 4.5V to 5.5V, TO = -40°C to +85°C.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Crystal Startup Time (Note 18)
tCSU
8
ms
Power-On Reset Delay (Note 19)
tPOR
65,536
tCLCL
Note 18: Startup time for a crystal varies with load capacitance and manufacturer. The time shown is for an 11.0592MHz crystal manufactured
by Fox Electronics.
Note 19: Reset delay is a synchronous counter of crystal oscillations after crystal startup. Counting begins when the level on the XTAL1 pin
meets the VIH2 criteria. At 33MHz, this time is 1.99ms.
FLASH MEMORY PROGRAMMING CHARACTERISTICS
(VCC = 4.5V to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Data Retention
tDR
100
years
Write/Erase Endurance
tENDURE
10,000
cycles
Program/Time
tPROG
40
s
Erase Time
tERASE
4
ms


Similar Part No. - DS89C450

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS89C450 DALLAS-DS89C450 Datasheet
656Kb / 48P
   Ultra-High-Speed Flash Microcontrollers
logo
Maxim Integrated Produc...
DS89C450 MAXIM-DS89C450 Datasheet
657Kb / 48P
   Ultra-High-Speed Flash Microcontrollers
REV: 060805
DS89C450 MAXIM-DS89C450 Datasheet
222Kb / 13P
   On-Board Power Supply Regulator
Rev 8/10
logo
Dallas Semiconductor
DS89C450-ENG DALLAS-DS89C450-ENG Datasheet
656Kb / 48P
   Ultra-High-Speed Flash Microcontrollers
DS89C450-ENL DALLAS-DS89C450-ENL Datasheet
656Kb / 48P
   Ultra-High-Speed Flash Microcontrollers
More results

Similar Description - DS89C450

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS89C430 DALLAS-DS89C430 Datasheet
656Kb / 48P
   Ultra-High-Speed Flash Microcontrollers
logo
Maxim Integrated Produc...
DS89C430 MAXIM-DS89C430 Datasheet
657Kb / 48P
   Ultra-High-Speed Flash Microcontrollers
REV: 060805
logo
Microchip Technology
PIC18F14K22LIN MICROCHIP-PIC18F14K22LIN Datasheet
573Kb / 62P
   20-Pin Flash Microcontrollers 20-Pin Flash Microcontrollers
2011
logo
Maxim Integrated Produc...
DS89C420-QCL MAXIM-DS89C420-QCL Datasheet
6Mb / 139P
   Ultra-High-Speed Flash Microcontroller User?셲 Guide
2004
logo
Zilog, Inc.
EZ80L92MCU ZILOG-EZ80L92MCU Datasheet
2Mb / 241P
   eZ80Acclaim Flash Microcontrollers
logo
Microchip Technology
PIC16F819-E MICROCHIP-PIC16F819-E Datasheet
1Mb / 176P
   Enhanced Flash Microcontrollers
09/27/04
logo
Zilog, Inc.
EZ80F92 ZILOG-EZ80F92 Datasheet
3Mb / 266P
   eZ80Acclaim??Flash Microcontrollers
logo
Maxim Integrated Produc...
DS80C320 MAXIM-DS80C320_06 Datasheet
905Kb / 40P
   High-Speed/Low-Power Microcontrollers
REV: 101006
logo
Dallas Semiconductor
DS83C520 DALLAS-DS83C520_07 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
logo
Maxim Integrated Produc...
DS80C320 MAXIM-DS80C320 Datasheet
845Kb / 40P
   High-Speed/Low-Power Microcontrollers
REV: 051804
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com