Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL23428TFVZ-TK Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL23428TFVZ-TK
Description  Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23428TFVZ-TK Datasheet(HTML) 5 Page - Intersil Corporation

  ISL23428TFVZ-TK Datasheet HTML 1Page - Intersil Corporation ISL23428TFVZ-TK Datasheet HTML 2Page - Intersil Corporation ISL23428TFVZ-TK Datasheet HTML 3Page - Intersil Corporation ISL23428TFVZ-TK Datasheet HTML 4Page - Intersil Corporation ISL23428TFVZ-TK Datasheet HTML 5Page - Intersil Corporation ISL23428TFVZ-TK Datasheet HTML 6Page - Intersil Corporation ISL23428TFVZ-TK Datasheet HTML 7Page - Intersil Corporation ISL23428TFVZ-TK Datasheet HTML 8Page - Intersil Corporation ISL23428TFVZ-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
ISL23428
5
FN7904.0
August 25, 2011
VOLTAGE DIVIDER MODE (0V @ RL; VCC @ RH; measured at RW, unloaded)
INL
(Note 12)
Integral Non-linearity, Guaranteed
Monotonic
W option
-0.5
±0.15
+0.5
LSB
(Note 8)
U, T option
-0.5
±0.15
+0.5
LSB
(Note 8)
DNL
(Note 11)
Differential Non-linearity, Guaranteed
Monotonic
W option
-0.5
±0.15
+0.5
LSB
(Note 8)
U, T option
-0.5
±0.15
+0.5
LSB
(Note 8)
FSerror
(Note 10)
Full-scale Error
W option
-3
-1.5
0
LSB
(Note 8)
U, T option
-1.5
-0.9
0
LSB
(Note 8)
ZSerror
(Note 9)
Zero-scale Error
W option
0
1.5
3
LSB
(Note 8)
U, T option
0
0.9
1.5
LSB
(Note 8)
Vmatch
(Note 21)
DCP to DCP Matching
DCPs at same tap position, same voltage
at all RH terminals, and same voltage at
all RL terminals
-2
±0.5
2
LSB
(Note 8)
TCV
(Note 13)
Ratiometric Temperature Coefficient
W option, Wiper Register set to 40 hex
8
ppm/°C
U option, Wiper Register set to 40 hex
4
ppm/°C
T option, Wiper Register set to 40 hex
2.3
ppm/°C
tLS_Settling Large Signal Wiper Settling Time
From code 0 to 7F hex, measured from 0
to 1 LSB settling of the wiper
300
ns
fcutoff
-3dB Cutoff Frequency
Wiper at middle point W option
1200
kHz
Wiper at middle point U option
250
kHz
Wiper at middle point T option
120
kHz
RHEOSTAT MODE (Measurements between RW and RL pins with RH not connected, or between RW and RH with RL not connected)
RINL
(Note 17)
Integral Non-Linearity, Guaranteed
Monotonic
W option; VCC = 2.7V to 5.5V
-1.0
±0.5
+1.0
MI
(Note 14)
W option; VCC = 1.7V
4
MI
(Note 14)
U, T option; VCC = 2.7V to 5.5V
-0.5
±0.15
+0.5
MI
(Note 14)
U, T option; VCC = 1.7V
1
MI
(Note 14)
RDNL
(Note 16)
Differential Non-Linearity, Guaranteed
Monotonic
W option; VCC = 2.7V to 5.5V
-0.5
±0.15
+0.5
MI
(Note 14)
W option; VCC = 1.7V
±0.4
MI
(Note 14)
U, T option; VCC = 2.7V to 5.5V
-0.5
±0.15
+0.5
MI
(Note 14)
U, T option; VCC = 1.7V
±0.4
MI
(Note 14)
Analog Specifications VCC = 2.7V to 5.5V, VLOGIC = 1.2V to 5.5V over recommended operating conditions unless otherwise stated.
Boldface limits apply over the operating temperature range, -40°C to +125°C. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 19)
TYP
(Note 7)
MAX
(Note 19)
UNITS


Similar Part No. - ISL23428TFVZ-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23428TFVZ-TK INTERSIL-ISL23428TFVZ-TK Datasheet
702Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 23, 2015
logo
Renesas Technology Corp
ISL23428TFVZ-TK RENESAS-ISL23428TFVZ-TK Datasheet
1Mb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - ISL23428TFVZ-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23328TFVZ INTERSIL-ISL23328TFVZ Datasheet
693Kb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 29, 2015
ISL23428TFVZ INTERSIL-ISL23428TFVZ Datasheet
702Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 23, 2015
logo
Renesas Technology Corp
ISL23328 RENESAS-ISL23328 Datasheet
1Mb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23428 RENESAS-ISL23428 Datasheet
1Mb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23328 INTERSIL-ISL23328 Datasheet
779Kb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23418 RENESAS-ISL23418 Datasheet
1Mb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23348 INTERSIL-ISL23348 Datasheet
865Kb / 19P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23418 INTERSIL-ISL23418 Datasheet
927Kb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23448 INTERSIL-ISL23448 Datasheet
754Kb / 21P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23348 RENESAS-ISL23348 Datasheet
1Mb / 19P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
August 24, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com