Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL61861HIBZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL61861HIBZ
Description  USB Port Power Supply Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL61861HIBZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL61861HIBZ Datasheet HTML 7Page - Intersil Corporation ISL61861HIBZ Datasheet HTML 8Page - Intersil Corporation ISL61861HIBZ Datasheet HTML 9Page - Intersil Corporation ISL61861HIBZ Datasheet HTML 10Page - Intersil Corporation ISL61861HIBZ Datasheet HTML 11Page - Intersil Corporation ISL61861HIBZ Datasheet HTML 12Page - Intersil Corporation ISL61861HIBZ Datasheet HTML 13Page - Intersil Corporation ISL61861HIBZ Datasheet HTML 14Page - Intersil Corporation ISL61861HIBZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
ISL6186
11
FN7698.1
September 1, 2011
FIGURE 17. OC RAMP RATE ILIM WAVEFORMS
FIGURE 18. PEAK CURRENT SETTLING TIMES
FIGURE 19. TURN-ON INTO AN OVERCURRENT
FIGURE 20. TURN-ON INTO MOMENTARY OC
FIGURE 21. OVERCURRENT RETRY FUNCTION
FIGURE 22. TURN-OFF w PG
Typical Performance Curves (Continued)
ILOAD = 2.75A
ILIMIT = 3.42A
1.6A/ms
16A/ms
78A/ms
3A VARIANT
ILOAD = 3.2A
ILIMITED
0.5A OC
1A OC
300µs
2A OC
4A OC
137µs
60µs
32µs
3A VARIANT
EN
FAULT
VOUT
IIN
3A VARIANT
EN
FAULT
VOUT
IIN
3A VARIANT
EN
FAULT
VOUT
IIN
VOUT
PG
EN
IIN


Similar Part No. - ISL61861HIBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL61861HCBZ RENESAS-ISL61861HCBZ Datasheet
873Kb / 18P
   USB Port Power Supply Controller
More results

Similar Description - ISL61861HIBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6186 RENESAS-ISL6186 Datasheet
873Kb / 18P
   USB Port Power Supply Controller
logo
Intersil Corporation
ISL6119 INTERSIL-ISL6119 Datasheet
491Kb / 13P
   USB Dual Port Power Supply Controller
logo
Renesas Technology Corp
ISL6185 RENESAS-ISL6185 Datasheet
945Kb / 20P
   Dual USB Port Power Supply Controller
ISL6436 RENESAS-ISL6436 Datasheet
796Kb / 13P
   USB Dual Port Power Supply Controller
Aug 10, 2001
logo
Intersil Corporation
ISL6119LIB INTERSIL-ISL6119LIB Datasheet
494Kb / 13P
   USB Dual Port Power Supply Controller
March 2004
ISL6185 INTERSIL-ISL6185 Datasheet
400Kb / 20P
   Dual USB Port Power Supply Controller
logo
Renesas Technology Corp
ISL6119 RENESAS-ISL6119 Datasheet
771Kb / 13P
   USB Dual Port Power Supply Controller
logo
Intersil Corporation
ISL6436 INTERSIL-ISL6436 Datasheet
902Kb / 12P
   USB Dual Port Power Supply Controller
ISL61851ACBZ INTERSIL-ISL61851ACBZ Datasheet
780Kb / 20P
   Dual USB Port Power Supply Controller
March 8, 2012
ISL6185 INTERSIL-ISL6185_11 Datasheet
745Kb / 20P
   Dual USB Port Power Supply Controller 2.5V to 5V Operating Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com