Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC928 Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC928
Description  Shortcircuit Protector Circuit Built-in OPIC Photocoupler Suitable for Inverter-Driving IGBT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC928 Datasheet(HTML) 3 Page - Sharp Corporation

  PC928 Datasheet HTML 1Page - Sharp Corporation PC928 Datasheet HTML 2Page - Sharp Corporation PC928 Datasheet HTML 3Page - Sharp Corporation PC928 Datasheet HTML 4Page - Sharp Corporation PC928 Datasheet HTML 5Page - Sharp Corporation PC928 Datasheet HTML 6Page - Sharp Corporation PC928 Datasheet HTML 7Page - Sharp Corporation PC928 Datasheet HTML 8Page - Sharp Corporation PC928 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
(Ta=Topr unless otherwise specified)
Electro-optical Characteristics (2)
PC928
MIN.
TYP.
MAX.
Test circuit
Overcurrent detecting voltage
*10
VCTH
Ta = 25˚C, IF = 10mA
6.5
6.0
5.5
V
(9)
Overcurrent detecting voltage
hysteresis width
VCHIS
123
V
tPCOHL
Ta = 25˚C
FS = OPEN
-4
10
µ s
(13)
tPCOtf
25
-
µ s
--
2
V
(10)
VOE
Low level error
signal voltage
VFSL
Ta = 25˚C, IF = 10mA, IFS = 10mA
C = OPEN
-
0.2
0.4
V
(11)
High level error
signal current
IFSH
VC =0V
-
-
100
µ A
(12)
tPCFHL
Ta = 25˚C, RFS = 1.8k
VCC =VO1 = 24V, IF = 10mA
-1
5
µ s
(14)
Error signal output pulse width
∆ tFS
20
35
-
µ s
*9
*9
*9
VCC -VCC -VCC -
VCC =VO1 = 24V, RG =47
VCC =VO1 = 24V, IF = 10mA
CG = 3 000pF, RG =47
CP = 1 000pF, RC =1k
VCC =VO1 = 24V, RG =47
Ω , CG = 3 000pF,
VCC =VO1 = 24V, RG =47
Ω , CG = 3 000pF,
Ta = 25˚C, IF = 10mA, VFS = 24V,
CG = 3 000pF, RG =47
CP = 1 000pF, RC =1k
Precautions for Operation
Parameter
Symbol
Conditions
Unit
CG = 3 000pF, FS = OPEN
O2 "High
→Low" delay time
at protection from overcurrent
O2 fall time at protection
from overcurrent
O2 output voltage at protection
from overcurrent
*10 V
represents C-terminal voltage when O output goes from "High" to "Low".
CTH
2
*9 When measuring overcurrent, protective output and error signal output characteristics, connect a bypass capacitor (0.01
µ F or more) between V
and GND
CC
1. It is recommended that a capacitor of about 1000pF is added between C-terminal and GND in order to prevent
malfunction of C-terminal due to noise. In the case of capacitor added, rise of the detecting voltage is delayed.
Thus, use together a resistance of about 1k
Ω set between Vcc and C-terminal.
The C-terminal rise time varies with the time constant of CR added. Make it clear before use.
2. The light-detecting element used for this product is provided with a parasitic diode between each terminal and GND.
When a terminal happens to reach electric potential lower than GND potential even in a moment, malfunction
or rupture may result. Design the circuit so that each terminal will be kept at electric potential lower than the
GND potential at all times.
Error signal "High
→Low"
delay time
s
13
14 near the device.


Similar Part No. - PC928

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC920 SHARP-PC920 Datasheet
150Kb / 5P
   Power OPIC Photocoupler
PC921 SHARP-PC921 Datasheet
192Kb / 6P
   HIGH POWER OPIC PHOTOCOUPLER
PC922 SHARP-PC922 Datasheet
86Kb / 6P
   High Power OPIC Photocoupler
PC923 SHARP-PC923 Datasheet
86Kb / 6P
   High Speed Photocoupler for MOS-FET / IGBT Drive
PC923L SHARP-PC923L Datasheet
322Kb / 18P
   High Speed, Gate Drive DIP 8 pin OPIC Photocoupler
More results

Similar Description - PC928

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC929 SHARP-PC929 Datasheet
95Kb / 6P
   Shortcircuit Protector Circuit Built-in Photocoupler Suitable for Inverter-Driving MOS-FET/IGBT
PC924X SHARP-PC924X Datasheet
46Kb / 3P
   OPIC Photocoupler for IGBT Drive of Inverter
PC924 SHARP-PC924 Datasheet
85Kb / 6P
   OPIC Photocoupler for IGBT Drive of Inverter
PC906 SHARP-PC906 Datasheet
83Kb / 7P
   DC Input Type OPIC Photocoupler with Built-in ON/OFF Delay Circuit
logo
NEC
PS9634 NEC-PS9634 Datasheet
123Kb / 12P
   POWER TRANSISTOR DRIVING BASE AMPLIFIER BUILT-IN TYPE PHOTOCOUPLER
logo
Sharp Corporation
PC923XI SHARP-PC923XI Datasheet
50Kb / 3P
   High Speed OPIC Photocoupler for MOS-FET/IGBT Drive
PC923X SHARP-PC923X Datasheet
46Kb / 3P
   OPIC Photocoupler
PC904 SHARP-PC904 Datasheet
82Kb / 6P
   Built-in Voltage Detection Circuit Type Photocoupler
PC920 SHARP-PC920 Datasheet
150Kb / 5P
   Power OPIC Photocoupler
logo
Powerex Power Semicondu...
M57962K POWEREX-M57962K Datasheet
356Kb / 6P
   Hybrid Integrated Circuit For Driving IGBT Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com